Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N4341 Datasheet (PDF) - Vishay Siliconix

2N4341 Datasheet PDF - Vishay Siliconix
Part # 2N4341
Download  2N4341 Download
File Size   92.06 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel JFETs

2N4341 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N4341 Datasheet PDF - Vishay Siliconix

Part # 2N4341
Download  2N4341 Click to download

File Size   92.06 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel JFETs

2N4341 Datasheet (HTML) - Vishay Siliconix


2N4341 Product details

FEATURES
• Low Cutoff Voltage: 2N4338 <1 V
• High Input Impedance
• Very Low Noise
• High Gain: AV = 80 @ 20 A

BENEFITS
• Full Performance from Low-Voltage
Power Supply: Down to 1 V
• Low Signal Loss/System Error
• High System Sensitivity
• High-Quality Low-Level Signal
Amplification

APPLICATIONS
• High-Gain, Low-Noise Amplifiers
• Low-Current, Low-Voltage
Battery-Powered Amplifiers
• Infrared Detector Amplifiers
• Ultrahigh Input Impedance
Pre-Amplifiers

DESCRIPTION
The 2N4338/4339/4340/4341 n-channel JFETs are designed
for sensitive amplifier stages at low- to mid-frequencies. Low
cut-off voltages accommodate low-level power supplies and
low leakage for improved system accuracy.
The TO-206AA (TO-18) package is hermetically sealed and
suitable for military processing (see Military Information). For
similar products in TO-226AA (TO-92) and TO-236 (SOT-23)
packages, see the J/SST201 series data sheet.




Similar Part No. - 2N4341

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
2N4341 CALOGIC-2N4341 Datasheet
19Kb / 1P
N-Channel JFET Low Noise Amplifier
logo
Central Semiconductor C...
2N4341 CENTRAL-2N4341 Datasheet
58Kb / 1P
Junction FETs Low Frequency/ Low Noise
logo
InterFET Corporation
2N4341 INTERFET-2N4341 Datasheet
92Kb / 1P
N - CHANNEL JFETS GENERAL - PURPOSE DEVICE TYPES
logo
Vishay Siliconix
2N4341 VISHAY-2N4341 Datasheet
56Kb / 6P
N-Channel JFETs
04-Jun-01
logo
Central Semiconductor C...
2N4341 CENTRAL-2N4341 Datasheet
47Kb / 1P
N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
More results


Similar Description - 2N4341

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
J105 VISHAY-J105 Datasheet
39Kb / 5P
N-Channel JFETs
04-Jun-01
2N5432 VISHAY-2N5432 Datasheet
44Kb / 5P
N-Channel JFETs
04-Jun-01
2N4416 VISHAY-2N4416 Datasheet
103Kb / 7P
N-Channel JFETs
24-Jan-05
2N4338 VISHAY-2N4338 Datasheet
56Kb / 6P
N-Channel JFETs
04-Jun-01
2N5484 VISHAY-2N5484_07 Datasheet
108Kb / 8P
N-Channel JFETs
24-Jan-05
2N5432 VISHAY-2N5432_07 Datasheet
74Kb / 6P
N-Channel JFETs
04-Jun-01
2N4391 VISHAY-2N4391 Datasheet
82Kb / 7P
N-Channel JFETs
04-Jan-01
J107-E3 VISHAY-J107-E3 Datasheet
64Kb / 6P
N-Channel JFETs
04-Jun-01
SST4416-E3 VISHAY-SST4416-E3 Datasheet
57Kb / 7P
N-Channel JFETs
04-Jun-01
SST4117A VISHAY-SST4117A Datasheet
74Kb / 6P
N-Channel JFETs
28-Jun-04
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com