Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST4416 Datasheet (PDF) - Vishay Siliconix

SST4416 Datasheet PDF - Vishay Siliconix
Part # SST4416
Download  SST4416 Download
File Size   86.69 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel JFETs

SST4416 Datasheet (PDF)

Go To PDF Page Download Datasheet
SST4416 Datasheet PDF - Vishay Siliconix

Part # SST4416
Download  SST4416 Click to download

File Size   86.69 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel JFETs

SST4416 Datasheet (HTML) - Vishay Siliconix


SST4416 Product details

FEATURES
• Excellent High-Frequency Gain:
2N4416/A, Gps 13 dB (typ) @
400 MHz
• Very Low Noise: 3 dB (typ) @
400 MHz
• Very Low Distortion
• High AC/DC Switch Off-Isolation

BENEFITS
• Wideband High Gain
• Very High System Sensitivity
• High Quality of Amplification
• High-Speed Switching Capability
• High Low-Level Signal Amplification

APPLICATIONS
• High-Frequency Amplifier/Mixer
• Oscillator
• Sample-and-Hold
• Very Low Capacitance Switches

DESCRIPTION
The 2N4416/2N4416A/SST4416 n-channel JFETs are
designed to provide high-performance amplification at high
frequencies.
The TO-206AF (TO-72) hermetically-sealed package is
available with full military processing (see Military
Information.) The TO-236 (SOT-23) package provides a
low-cost option and is available with tape-and-reel options
(see Packaging Information). For similar products in the
TO-226AA (TO-92) package, see the J304/305 data sheet.




Similar Part No. - SST4416

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
SST4416 LINEAR-SST4416 Datasheet
237Kb / 2P
N-CHANNEL JFET HIGH FREQUENCY AMPLIFIER
logo
Vishay Siliconix
SST4416 VISHAY-SST4416 Datasheet
103Kb / 7P
N-Channel JFETs
24-Jan-05
SST4416 VISHAY-SST4416 Datasheet
57Kb / 7P
N-Channel JFETs
04-Jun-01
logo
Micross Components
SST4416 MICROSS-SST4416 Datasheet
286Kb / 1P
Linear Systems replaces discontinued Siliconix SST4416
logo
Vishay Siliconix
SST4416-E3 VISHAY-SST4416-E3 Datasheet
57Kb / 7P
N-Channel JFETs
04-Jun-01
More results


Similar Description - SST4416

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
J105 VISHAY-J105 Datasheet
39Kb / 5P
N-Channel JFETs
04-Jun-01
2N5432 VISHAY-2N5432 Datasheet
44Kb / 5P
N-Channel JFETs
04-Jun-01
2N4416 VISHAY-2N4416 Datasheet
103Kb / 7P
N-Channel JFETs
24-Jan-05
2N4338 VISHAY-2N4338 Datasheet
56Kb / 6P
N-Channel JFETs
04-Jun-01
2N5484 VISHAY-2N5484_07 Datasheet
108Kb / 8P
N-Channel JFETs
24-Jan-05
2N5432 VISHAY-2N5432_07 Datasheet
74Kb / 6P
N-Channel JFETs
04-Jun-01
2N4391 VISHAY-2N4391 Datasheet
82Kb / 7P
N-Channel JFETs
04-Jan-01
J107-E3 VISHAY-J107-E3 Datasheet
64Kb / 6P
N-Channel JFETs
04-Jun-01
SST4416-E3 VISHAY-SST4416-E3 Datasheet
57Kb / 7P
N-Channel JFETs
04-Jun-01
SST4117A VISHAY-SST4117A Datasheet
74Kb / 6P
N-Channel JFETs
28-Jun-04
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com