Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG300B Datasheet (PDF) - Vishay Siliconix

DG300B Datasheet PDF - Vishay Siliconix
Part # DG300B
Download  DG300B Download
File Size   211.55 Kbytes
Page   14 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description CMOS Analog Switches

DG300B Datasheet (PDF)

Go To PDF Page Download Datasheet
DG300B Datasheet PDF - Vishay Siliconix

Part # DG300B
Download  DG300B Click to download

File Size   211.55 Kbytes
Page   14 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description CMOS Analog Switches

DG300B Datasheet (HTML) - Vishay Siliconix


DG300B Product details

FEATURES
• Analog signal range: ± 15 V
• Fast switching - tON: 150 ns
• Low on-resistance - RDS(on): 30 Ω
• Single supply operation
• Latch-up proof
• CMOS compatible

BENEFITS
• Full rail-to-rail analog signal range
• Low signal error
• Low power dissipation

APPLICATIONS
• Low level switching circuits
• Programmable gain amplifiers
• Portable and battery powered systems

DESCRIPTION
The DG300B, DG303B family of monolithic CMOS switches
feature three switch configuration options (SPST, SPDT,
and DPST) for precision applications in communications,
instrumentation and process control, where low leakage
switching combined with low power consumption are
required.
Designed on the Vishay Siliconix PLUS-40 CMOS process,
these switches are latch-up proof, and are designed to block
up to 30 V peak-to-peak when off. An epitaxial layer prevents
latchup.
In the on condition the switches conduct equally well in both
directions (with no offset voltage) and minimize error
conditions with their low on-resistance.
Featuring low power consumption (3.5 mW typ.) these
switches are ideal for battery powered applications,
without sacrificing switching speed. Designed for
break-before-make switching action, these devices are
CMOS and quasi TTL compatible. Single supply operation is
allowed by connecting the V- rail to 0 V.




Similar Part No. - DG300B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG300B VISHAY-DG300B Datasheet
62Kb / 9P
CMOS Analog Switches
22-Jan-01
DG300B VISHAY-DG300B Datasheet
205Kb / 14P
CMOS Analog Switches
28-Feb-11
logo
Maxim Integrated Produc...
DG300BA MAXIM-DG300BA Datasheet
389Kb / 10P
TTL Compatible CMOS Analog Switches
Rev 1; 6/99
DG300BA MAXIM-DG300BA Datasheet
336Kb / 11P
TTL Compatible CMOS Analog Switches
19-0309; Rev 3; 11/07
DG300BA MAXIM-DG300BA Datasheet
336Kb / 11P
TTL Compatible CMOS Analog Switches
19-0309; Rev 3; 11/07
More results


Similar Description - DG300B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
IH5048 MAXIM-IH5048 Datasheet
136Kb / 4P
CMOS Analog switches
19-0215; Rev. 1; 12/92
logo
Intersil Corporation
HI-5042 INTERSIL-HI-5042_05 Datasheet
490Kb / 12P
CMOS Analog Switches
April 6, 2005
logo
Vishay Siliconix
DG304B VISHAY-DG304B_08 Datasheet
121Kb / 8P
CMOS Analog Switches
27-Jun-05
DG303A_MIL VISHAY-DG303A_MIL Datasheet
78Kb / 8P
CMOS Analog Switches
22-Jan-01
logo
Maxim Integrated Produc...
DG304A MAXIM-DG304A_04 Datasheet
1Mb / 9P
CMOS Analog Switches
Rev 1; 5/04
logo
Vishay Siliconix
DG300B VISHAY-DG300B_11 Datasheet
205Kb / 14P
CMOS Analog Switches
28-Feb-11
DG390AAK VISHAY-DG390AAK Datasheet
188Kb / 17P
CMOS Analog Switches
22-Jan-01
DG300AMIL VISHAY-DG300AMIL Datasheet
79Kb / 10P
CMOS Analog Switches
11-Aug-03
DG304AMIL VISHAY-DG304AMIL Datasheet
72Kb / 9P
CMOS Analog Switches
16-Jul-01
DG300A-MIL VISHAY-DG300A-MIL Datasheet
82Kb / 10P
CMOS Analog Switches
11-Aug-03
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com