Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG381B Datasheet (PDF) - Vishay Siliconix

DG381B Datasheet PDF - Vishay Siliconix
Part # DG381B
Download  DG381B Download
File Size   68.45 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description CMOS Analog Switches

DG381B Datasheet (PDF)

Go To PDF Page Download Datasheet
DG381B Datasheet PDF - Vishay Siliconix

Part # DG381B
Download  DG381B Click to download

File Size   68.45 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description CMOS Analog Switches

DG381B Datasheet (HTML) - Vishay Siliconix


DG381B Product details

features
•15-V Input Range
• Low rDS(on): 30Ω
• Single Supply Operation
• Pin and Function Compatible with the
JFET DG180 Family

benefits
• Full Rail-to-Rail Analog Signal Range
• Minimizes Signal Error
• Low Power Dissipation

applications
• Low Level Switching Circuits
• Programmable Gain Amplifiers
• Portable and Battery Powered
Sytems

description
The DG381B–DG390B series of monolithic CMOS analog
switches was designed for applications in instrumentation,
communications, and process control. This series is suited for
applications requiring fast switching and nearly flat
on-resistance over the entire voltage range.
Designed on Vishay Siliconix’ PLUS-40 CMOS process,
these devices achieve low power consumption (3.5 mW
typical) and excellent on/off switch performance. These
switches are ideal for battery powered applications, without
sacrificing switching speed. Break-before-make switching
action is guaranteed, and an epitaxial layer prevents latchup.
Single supply operation is allowed by connecting the V– rail to
0 V.
Each switch conducts equally well in both directions when on,
and blocks up to the supply voltage when off. These switches
are CMOS and quasi TTL logic compatible.




Similar Part No. - DG381B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG381B VISHAY-DG381B Datasheet
86Kb / 9P
CMOS Analog Switches
22-Jan-01
logo
Maxim Integrated Produc...
DG381BA MAXIM-DG381BA Datasheet
296Kb / 8P
General Purpose CMOS Analog Switches
1995
logo
Vishay Siliconix
DG381BDJ VISHAY-DG381BDJ Datasheet
86Kb / 9P
CMOS Analog Switches
22-Jan-01
logo
Maxim Integrated Produc...
DG381BK MAXIM-DG381BK Datasheet
296Kb / 8P
General Purpose CMOS Analog Switches
1995
DG381BWE MAXIM-DG381BWE Datasheet
296Kb / 8P
General Purpose CMOS Analog Switches
1995
More results


Similar Description - DG381B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
IH5048 MAXIM-IH5048 Datasheet
136Kb / 4P
CMOS Analog switches
19-0215; Rev. 1; 12/92
logo
Intersil Corporation
HI-5042 INTERSIL-HI-5042_05 Datasheet
490Kb / 12P
CMOS Analog Switches
April 6, 2005
logo
Vishay Siliconix
DG304B VISHAY-DG304B_08 Datasheet
121Kb / 8P
CMOS Analog Switches
27-Jun-05
DG303A_MIL VISHAY-DG303A_MIL Datasheet
78Kb / 8P
CMOS Analog Switches
22-Jan-01
logo
Maxim Integrated Produc...
DG304A MAXIM-DG304A_04 Datasheet
1Mb / 9P
CMOS Analog Switches
Rev 1; 5/04
logo
Vishay Siliconix
DG300B VISHAY-DG300B_11 Datasheet
205Kb / 14P
CMOS Analog Switches
28-Feb-11
DG390AAK VISHAY-DG390AAK Datasheet
188Kb / 17P
CMOS Analog Switches
22-Jan-01
DG300AMIL VISHAY-DG300AMIL Datasheet
79Kb / 10P
CMOS Analog Switches
11-Aug-03
DG304AMIL VISHAY-DG304AMIL Datasheet
72Kb / 9P
CMOS Analog Switches
16-Jul-01
DG300A-MIL VISHAY-DG300A-MIL Datasheet
82Kb / 10P
CMOS Analog Switches
11-Aug-03
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com