Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG428 Datasheet (PDF) - Vishay Siliconix

DG428 Datasheet PDF - Vishay Siliconix
Part # DG428
Download  DG428 Download
File Size   183.77 Kbytes
Page   14 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers

DG428 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG428 Datasheet PDF - Vishay Siliconix

Part # DG428
Download  DG428 Click to download

File Size   183.77 Kbytes
Page   14 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers

DG428 Datasheet (HTML) - Vishay Siliconix


DG428 Product details

FEATURES
• Halogen-free according to IEC 61249-2-21
Definition
• Low RDS(on): 55 Ω
• Low Charge Injection: 1 pC
• On-Board TTL Compatible Address Latches
• High Speed - tTRANS: 160 ns
• Break-Before-Make
• Low Power Consumption: 0.3 mW
• Compliant to RoHS Directive 2002/95/EC

BENEFITS
• Improved System Accuracy
• Microprocessor Bus Compatible
• Easily Interfaced
• Reduced Crosstalk
• High Throughput
• Improved Reliability

APPLICATIONS
• Data Acquisition Systems
• Automatic Test Equipment
• Avionics and Military Systems
• Communication Systems
• Microprocessor-Controlled Analog Systems
• Medical Instrumentation

DESCRIPTION
The DG428, DG429 analog multiplexers have on-chip
address and control latches to simplify design in
microprocessor based applications. Break-before-make
switching action protects against momentary crosstalk of
adjacent input signals.
The DG428 selects one of eight single-ended inputs to a
common output, while the DG429 selects one of four
differential inputs to a common differential output.
An on channel conducts current equally well in both
directions. In the off state each channel blocks voltages up to
the power supply rails. An enable (EN) function allows the
user to reset the multiplexer/demultiplexer to all switches off
for stacking several devices. All control inputs, address (Ax)
and enable (EN) are TTL compatible over the full specified
operating temperature range.
The silicon-gate CMOS process enables operation over a
wide range of supply voltages. The absolute maximum
voltage rating is extended to 44 V. Additionally, single supply
operation is also allowed and an epitaxial layer prevents
latchup.
On-board TTL-compatible address latches simplify the digital
interface design and reduce board space in bus-controlled
systems such as data acquisition systems, process controls,
avionics, and ATE.




Similar Part No. - DG428

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG428 VISHAY-DG428 Datasheet
131Kb / 11P
Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
06-Sep-99
DG428 VISHAY-DG428 Datasheet
151Kb / 12P
Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
06-Sep-99
DG428 VISHAY-DG428 Datasheet
179Kb / 14P
Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
04-Jul-11
DG428DJ VISHAY-DG428DJ Datasheet
151Kb / 12P
Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
06-Sep-99
DG428DJ VISHAY-DG428DJ Datasheet
179Kb / 14P
Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
04-Jul-11
More results


Similar Description - DG428

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG458 VISHAY-DG458 Datasheet
90Kb / 8P
Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
06-Sep-99
DG428 VISHAY-DG428 Datasheet
131Kb / 11P
Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
06-Sep-99
DG528 VISHAY-DG528 Datasheet
129Kb / 10P
Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
15-Nov-93
DG508AMIL VISHAY-DG508AMIL Datasheet
197Kb / 11P
Single 8-Ch/Differential 4-Ch CMOS Analog Multiplexers
21-Feb-00
DG428 VISHAY-DG428_08 Datasheet
151Kb / 12P
Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
06-Sep-99
DG458 VISHAY-DG458_08 Datasheet
131Kb / 10P
Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
11-Jun-07
DG428 VISHAY-DG428_11 Datasheet
179Kb / 14P
Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
04-Jul-11
DG458 VISHAY-DG458_11 Datasheet
160Kb / 13P
Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
23-May-11
DG528 VISHAY-DG528_11 Datasheet
176Kb / 12P
Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
23-May-11
DG528 VISHAY-DG528_V01 Datasheet
170Kb / 11P
Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
23-May-11
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com