Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG534ADN Datasheet (PDF) - Vishay Siliconix

DG534ADN Datasheet PDF - Vishay Siliconix
Part # DG534ADN
Download  DG534ADN Download
File Size   152.81 Kbytes
Page   17 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 4-/8-Channel Wideband Video Multiplexers

DG534ADN Datasheet (PDF)

Go To PDF Page Download Datasheet
DG534ADN Datasheet PDF - Vishay Siliconix

Part # DG534ADN
Download  DG534ADN Click to download

File Size   152.81 Kbytes
Page   17 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 4-/8-Channel Wideband Video Multiplexers

DG534ADN Datasheet (HTML) - Vishay Siliconix


DG534ADN Product details

features
• Wide Bandwidth: 500 MHz
• Very Low Crosstalk: –97 dB @ 5 MHz
• On-Board TTL-Compatible Latches with
Readback
• Optional Negative Supply
• Low rDS(on): 45 
• Single-Ended or Differential Operation
• Latch-up Proof

benefits
• Improved System Bandwidth
• Improved Channel Off-Isolation
• Simplified Logic Interfacing
• High-Speed Readback
• Allows Bipolar Signal Swings
• Reduced Insertion Loss
• Allows Differential Signal Switching

applications
• Wideband Signal Routing and
Multiplexing
• Video Switchers
• ATE Systems
• Infrared Imaging
• Ultrasound Imaging

description
The DG534A is a digitally selectable 4-channel or dual
2-channel multiplexer. The DG538A is an 8-channel or dual
4-channel multiplexer. On-chip TTL-compatible address
decoding logic and latches with data readback are included to
simplify the interface to a microprocessor data bus. The low
on-resistance and low capacitance of the these devices make
them ideal for wideband data multiplexing and video and audio
signal routing in channel selectors and crosspoint arrays. An
optional negative supply pin allows the handling of bipolar
signals without dc biasing.
The DG534A/DG538A are built on a D/CMOS process that
combines n-channel DMOS switching FETs with low-power
CMOS control logic, drivers and latches. The low-capacitance
DMOS FETs are connected in a “T” configuration to achieve
extremely high levels of off isolation. Crosstalk is reduced to
–97 dB at 5 MHz by including a ground line between adjacent
signal paths. An epitaxial layer prevents latch-up.
For more information refer to Vishay Siliconix applications
note AN502.




Similar Part No. - DG534ADN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG534ADN VISHAY-DG534ADN Datasheet
149Kb / 16P
4-/8-Channel Wideband Video Multiplexers
29-Jan-02
More results


Similar Description - DG534ADN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG535 VISHAY-DG535 Datasheet
98Kb / 11P
16-Channel Wideband Video Multiplexers
05-Oct-00
DG538A VISHAY-DG538A Datasheet
149Kb / 16P
4-/8-Channel Wideband Video Multiplexers
29-Jan-02
DG884 VISHAY-DG884 Datasheet
154Kb / 14P
8 x 4 Wideband Video Crosspoint Array
20-Dec-04
logo
Analog Devices
AD7501KD AD-AD7501KD Datasheet
353Kb / 4P
4 / 8 Channel Analog Multiplexers
logo
Intersil Corporation
HI-524 INTERSIL-HI-524_02 Datasheet
188Kb / 6P
4-Channel Wideband and Video Multiplexer
April 2002
logo
Vishay Siliconix
DG535 VISHAY-DG535_08 Datasheet
167Kb / 12P
16-Channel Wideband Video Multiplexers
25-Jun-07
logo
Analog Devices
AD7501 AD-AD7501_15 Datasheet
205Kb / 4P
4-/8-Channel Analog Multiplexers
REV. B
AD7502 AD-AD7502_15 Datasheet
205Kb / 4P
4-/8-Channel Analog Multiplexers
REV. B
AD7503 AD-AD7503_15 Datasheet
205Kb / 4P
4-/8-Channel Analog Multiplexers
REV. B
logo
Renesas Technology Corp
HI-524 RENESAS-HI-524 Datasheet
522Kb / 6P
4-Channel Wideband and Video Multiplexer
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com