Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST5460 Datasheet (PDF) - Vishay Siliconix

SST5460 Datasheet PDF - Vishay Siliconix
Part # SST5460
Download  SST5460 Download
File Size   54.08 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description P-Channel JFETs

SST5460 Datasheet (PDF)

Go To PDF Page Download Datasheet
SST5460 Datasheet PDF - Vishay Siliconix

Part # SST5460
Download  SST5460 Click to download

File Size   54.08 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description P-Channel JFETs

SST5460 Datasheet (HTML) - Vishay Siliconix


SST5460 Product details

features
• High Input Impedance
• Very Low Noise
• High Gain: AV = 80 @ 20 A
• Low Capacitance: 1.2 pF Typical

benefits
• Low Signal Loss/System Error
• High System Sensitivity
• High-Quality Low-Level Signal
Amplification

applications
• Low-Current, Low-Voltage Amplifiers
• High-Side Switching
• Ultrahigh Input Impedance
Pre-Amplifiers

description
The 2N/SST5460 series are p-channel JFETs designed to
provide all-around performance in a wide range of amplifier
and analog switch applications.
The 2N series, TO-226AA (TO-92), and SST series, TO-236
(SOT-23), plastic packages provide low cost options, and are
available in tape-and-reel for automated assembly, (see
Packaging Information).




Similar Part No. - SST5460

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SST5460 VISHAY-SST5460 Datasheet
50Kb / 5P
P-Channel JFETs
04-Jun-01
More results


Similar Description - SST5460

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SST5460 VISHAY-SST5460 Datasheet
50Kb / 5P
P-Channel JFETs
04-Jun-01
2N5114JAN VISHAY-2N5114JAN Datasheet
28Kb / 3P
P-Channel JFETs
04-Jun-01
SST174 VISHAY-SST174 Datasheet
55Kb / 6P
P-Channel JFETs
04-Jun-01
J270 VISHAY-J270 Datasheet
44Kb / 4P
P-Channel JFETs
02-Jul-01
SST174-E3 VISHAY-SST174-E3 Datasheet
81Kb / 7P
P-Channel JFETs
04-Jun-01
SST176-T1 VISHAY-SST176-T1 Datasheet
62Kb / 7P
P-Channel JFETs
04-Jun-01
SST174-T1-E3 VISHAY-SST174-T1-E3 Datasheet
62Kb / 7P
P-Channel JFETs
04-Jun-01
SST270-T1-E3 VISHAY-SST270-T1-E3 Datasheet
51Kb / 5P
P-Channel JFETs
02-Jul-01
J175-E3 VISHAY-J175-E3 Datasheet
62Kb / 7P
P-Channel JFETs
04-Jun-01
logo
New Jersey Semi-Conduct...
2N3382 NJSEMI-2N3382 Datasheet
83Kb / 1P
p-channel JFETs
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com