Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AC14 Datasheet (PDF) - Silicon Supplies

74AC14 Datasheet PDF - Silicon Supplies
Part # 74AC14
Download  74AC14 Download
File Size   568.01 Kbytes
Page   5 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description Hex Schmitt-Trigger Inverter Logic IC in bare die form

74AC14 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AC14 Datasheet PDF - Silicon Supplies

Part # 74AC14
Download  74AC14 Click to download

File Size   568.01 Kbytes
Page   5 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description Hex Schmitt-Trigger Inverter Logic IC in bare die form

74AC14 Datasheet (HTML) - Silicon Supplies


74AC14 Product details

Description
The 74AC14 Hex Schmitt-Trigger Inverter is fabricated
using a 1.5μm 5V CMOS process with the same high
speed performance of LSTTL combined with CMOS low
power consumption. The device performs the Boolean
function Y = Ᾱ in positive logic. Device inputs are
compatible with Standard CMOS outputs; with pull-up
resistors, they are compatible with LSTTL outputs.
Schmitt-Trigger inputs transform slow input rise and fall
times into sharply defined jitter-free output signals. Due to
the hysteresis voltage of the Schmitt trigger, the 74AC14 is
useful in noisy environments.

Features:
Outputs Sink/Source 24mA
Low Input Current: 1μA
Outputs directly interface CMOS, NMOS and TTL
Operating Voltage Range: 2V to 6V
CMOS High Noise Immunity
Function compatible with 74HC14 or 74LS14
Full Military Temperature Range.




Similar Part No. - 74AC14

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC14 FAIRCHILD-74AC14 Datasheet
132Kb / 9P
Hex Inverter with Schmitt Trigger Input
logo
STMicroelectronics
74AC14 STMICROELECTRONICS-74AC14 Datasheet
174Kb / 7P
HEX SCHMITT INVERTER
Mar-1998
logo
ON Semiconductor
74AC14 ONSEMI-74AC14 Datasheet
144Kb / 9P
Hex Inverter Schmitt Trigger
October, 2006 ??Rev. 7
74AC14 ONSEMI-74AC14 Datasheet
309Kb / 11P
Hex Inverter with Schmitt Trigger Input
February 2011 Rev. 1.7.2
74AC14 ONSEMI-74AC14 Datasheet
374Kb / 11P
Hex Inverter with Schmitt Trigger Input
December, 2021-Rev. 3
More results


Similar Description - 74AC14

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74AC14 MOTOROLA-MC74AC14 Datasheet
128Kb / 5P
HEX INVERTER SCHMITT HEX INVERTER SCHMITT TRIGGER
logo
Hitachi Semiconductor
HD74AC14 HITACHI-HD74AC14 Datasheet
44Kb / 8P
Hex Inverter Schmitt Trigger
logo
Texas Instruments
SN74AUC14 TI-SN74AUC14 Datasheet
185Kb / 8P
HEX SCHMITT-TRIGGER INVERTER
logo
Unisonic Technologies
U74AC14 UTC-U74AC14 Datasheet
133Kb / 5P
HEX SCHMITT-TRIGGER INVERTER
logo
Texas Instruments
SN74AHC14-EP TI1-SN74AHC14-EP Datasheet
555Kb / 12P
HEX SCHMITT-TRIGGER INVERTER
SN74AHCT14-EP TI1-SN74AHCT14-EP Datasheet
421Kb / 8P
HEX SCHMITT-TRIGGER INVERTER
logo
Fairchild Semiconductor
74F14SCX FAIRCHILD-74F14SCX Datasheet
68Kb / 5P
Hex Inverter Schmitt Trigger
logo
Texas Instruments
74ACT11014 TI1-74ACT11014 Datasheet
88Kb / 5P
HEX SCHMITT-TRIGGER INVERTER
CD74AC14 TI1-CD74AC14_14 Datasheet
594Kb / 12P
Hex Schmitt-trigger inverter
SN74ALVC14 TI1-SN74ALVC14_15 Datasheet
686Kb / 17P
HEX SCHMITT-TRIGGER INVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com