Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

638652000 Datasheet (PDF) - Molex Electronics Ltd.

638652000 Datasheet PDF - Molex Electronics Ltd.
Part # 638652000
Download  638652000 Download
File Size   172.34 Kbytes
Page   5 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description FineAdjust Applicator Specification Sheet

638652000 Datasheet (PDF)

Go To PDF Page Download Datasheet
638652000 Datasheet PDF - Molex Electronics Ltd.

Part # 638652000
Download  638652000 Click to download

File Size   172.34 Kbytes
Page   5 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description FineAdjust Applicator Specification Sheet

638652000 Datasheet (HTML) - Molex Electronics Ltd.


638652000 Product details

FEATURES
Quick punch removal with the push of a button for fast and easy tooling change
Applicator designed to industry standard mounting and shut height 135.80mm (5.346")
Quick set-up time; plus the crimp height, track and feed adjustments can be set without removing the applicator from the press
Fine adjustment allows users to achieve target with little effort by adjusting in increments of 0.15mm (.0006") for conductor crimp
height and .063mm (.0025") for insulation height
Independent adjustment rings allow users to quickly adjust the conductor or insulation crimp height without affecting each other
Directly adapts to most automatic wire processing machines




Similar Part No. - 638652000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63865-2000 MOLEX11-63865-2000 Datasheet
37Kb / 1P
Conductor Anvil
63865-2000 MOLEX11-63865-2000 Datasheet
38Kb / 1P
Insulation Anvil
63865-2000 MOLEX11-63865-2000 Datasheet
35Kb / 1P
Conductor Punch
63865-2000 MOLEX11-63865-2000 Datasheet
35Kb / 1P
Insulation Punch
63865-2070 MOLEX11-63865-2070 Datasheet
37Kb / 1P
Conductor Anvil
More results


Similar Description - 638652000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63866-5000 MOLEX11-63866-5000 Datasheet
39Kb / 1P
FineAdjust Applicator
63867-3000 MOLEX11-63867-3000 Datasheet
39Kb / 1P
FineAdjust Applicator
63867-3100 MOLEX11-63867-3100 Datasheet
39Kb / 1P
FineAdjust Applicator
63868-1000 MOLEX11-63868-1000 Datasheet
49Kb / 1P
FineAdjust Applicator
63868-8000 MOLEX11-63868-8000 Datasheet
50Kb / 1P
FineAdjust Applicator
63902-3000 MOLEX11-63902-3000 Datasheet
39Kb / 1P
FineAdjust Applicator
638641000 MOLEX-638641000 Datasheet
165Kb / 5P
FineAdjust Applicator Specification Sheet
01-05-04
638657000 MOLEX-638657000 Datasheet
107Kb / 4P
SPECIFICATION SHEET FineAdjust Applicator
02-20-03
638659000 MOLEX-638659000 Datasheet
164Kb / 5P
FineAdjust Applicator Specification Sheet 18-22 AWG CRC Terminals
10-07-05
638668000 MOLEX-638668000 Datasheet
159Kb / 5P
FineAdjust Applicator Specification Sheets
06-02-05
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com