Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1212685 Datasheet (PDF) - PHOENIX CONTACT

1212685 Datasheet PDF - PHOENIX CONTACT
Part # 1212685
Download  1212685 Download
File Size   55.6 Kbytes
Page   3 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Replacement fuse - FUSE SB 2.0A/250V

1212685 Datasheet (PDF)

Go To PDF Page Download Datasheet
1212685 Datasheet PDF - PHOENIX CONTACT

Part # 1212685
Download  1212685 Click to download

File Size   55.6 Kbytes
Page   3 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Replacement fuse - FUSE SB 2.0A/250V

1212685 Datasheet (HTML) - PHOENIX CONTACT


1212685 Product details

Accessories for stripping and crimping device CF 1000-1,5 and CF 1000-10, mains fuse, 20 x 5 mm, slow-blow, 2A, up to 250 V




Similar Part No. - 1212685

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1212686 PHOENIX-1212686 Datasheet
56Kb / 3P
Crimping pliers - CRIMPFOX 16-N
1212687 PHOENIX-1212687 Datasheet
54Kb / 2P
Crimping pliers - CRIMPFOX-RCI 6-N
1212688 PHOENIX-1212688 Datasheet
54Kb / 3P
Crimping pliers - CRIMPFOX-RC 16-N
1212689 PHOENIX-1212689 Datasheet
54Kb / 3P
Crimping pliers - CRIMPFOX-SC 6-N
More results


Similar Description - 1212685

ManufacturerPart #DatasheetDescription
logo
Littelfuse
462 LITTELFUSE-462 Datasheet
763Kb / 3P
250V/350V VAC/VDC Time Lag Fuse
logo
Schurter Inc.
DTI250V SCHURTER-DTI250V Datasheet
199Kb / 2P
Fuse DTI 250V
logo
PHOENIX CONTACT
2752505 PHOENIX-2752505 Datasheet
69Kb / 2P
Replacement fuse, for INTERBUS-ST modules
2753478 PHOENIX-2753478 Datasheet
69Kb / 2P
Replacement fuse, for INTERBUS-ST modules
2806600 PHOENIX-2806600 Datasheet
69Kb / 2P
Replacement fuse for INTERBUS-ST module
logo
HuaXinAn Electronics CO...
JK250020U HUAXINAN-JK250020U_V01 Datasheet
383Kb / 5P
Resettable Fuse PTC 250V Series
JK250-020U HUAXINAN-JK250-020U Datasheet
383Kb / 5P
Resettable Fuse PTC 250V Series
logo
PHOENIX CONTACT
1209062 PHOENIX-1209062 Datasheet
54Kb / 2P
Accessories for tools/automatic devices - FUSE SB 2,5A
09/11/2020
logo
Schurter Inc.
DTI250V SCHURTER-DTI250V_V01 Datasheet
210Kb / 2P
Fuse DTI 250V
04.01.2022
logo
Littelfuse
FRCK LITTELFUSE-FRCK Datasheet
269Kb / 1P
FRCK Series Fuse Replacement & custom Kits
Rev: 1-B-040114
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com