Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTCALUG01T Datasheet (PDF) - Vishay Siliconix

NTCALUG01T Datasheet PDF - Vishay Siliconix
Part # NTCALUG01T
Download  NTCALUG01T Download
File Size   111.3 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description NTC Thermistors, Standard Lug Sensors, 150 °C

NTCALUG01T Datasheet (PDF)

Go To PDF Page Download Datasheet
NTCALUG01T Datasheet PDF - Vishay Siliconix

Part # NTCALUG01T
Download  NTCALUG01T Click to download

File Size   111.3 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description NTC Thermistors, Standard Lug Sensors, 150 °C

NTCALUG01T Datasheet (HTML) - Vishay Siliconix


NTCALUG01T Product details

FEATURES
• 150 °C long term stability (5000 h dry heat)
• Easy mounting using ring tongue terminal
• Rugged construction
• Cable with ETFE insulation according to
NEMA HP-3, type Z, rated 600 VRMS, cable test
voltage 3.4 kV
• AEC-Q200 qualified (grade 1)
• cULus recognized, file E148885
(UL category XGPU2/XGPU8)
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

APPLICATIONS
Suitable for surface sensing applications, especially when a
good electrical insulation and a good thermal contact with
the chassis is required for:
• Automotive equipment
• EV and battery management
• Power electronics, heat sink
• Consumer appliances

DESCRIPTION
A NTC thermistor chip is soldered to AWG#26
multi-stranded silver plated copper leads with ETFE
insulation and insulated with epoxy coating. The insulated
sensor is attached to a tin plated copper ring lug via a middle
buffer layer. The lead wires are twisted.




Similar Part No. - NTCALUG01T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCALUG01T VISHAY-NTCALUG01T Datasheet
72Kb / 2P
NTC Thermistors, Standard Lug Sensors
12-Oct-15
NTCALUG01T VISHAY-NTCALUG01T Datasheet
90Kb / 3P
NTC Thermistors, Standard Lug Sensors, 150 °C
17-Nov-17
NTCALUG01T VISHAY-NTCALUG01T Datasheet
90Kb / 3P
NTC Thermistors, Standard Lug Sensors, 150 °C
30-Jan-2019
NTCALUG01T103F VISHAY-NTCALUG01T103F Datasheet
90Kb / 3P
NTC Thermistors, Standard Lug Sensors, 150 °C
17-Nov-17
NTCALUG01T103F VISHAY-NTCALUG01T103F Datasheet
90Kb / 3P
NTC Thermistors, Standard Lug Sensors, 150 °C
30-Jan-2019
More results


Similar Description - NTCALUG01T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCALUG01A VISHAY-NTCALUG01A Datasheet
85Kb / 3P
NTC Thermistors, Standard Lug Sensors
08-Aug-12
NTCALUG01T VISHAY-NTCALUG01T Datasheet
72Kb / 2P
NTC Thermistors, Standard Lug Sensors
12-Oct-15
NTCALUG01A VISHAY-NTCALUG01A_17 Datasheet
91Kb / 3P
NTC Thermistors, Standard Lug Sensors
17-Nov-17
NTCALUG01T VISHAY-NTCALUG01T_17 Datasheet
90Kb / 3P
NTC Thermistors, Standard Lug Sensors, 150 °C
17-Nov-17
NTCALUG01A VISHAY-NTCALUG01A_18 Datasheet
90Kb / 3P
NTC Thermistors, Standard Lug Sensors
12-Oct-2018
NTCALUG01T VISHAY-NTCALUG01T_19 Datasheet
90Kb / 3P
NTC Thermistors, Standard Lug Sensors, 150 °C
30-Jan-2019
NTCALUG01A VISHAY-NTCALUG01A_V01 Datasheet
110Kb / 3P
NTC Thermistors, Standard Lug Sensors
01-Mar-2022
NTCALUG54A VISHAY-NTCALUG54A Datasheet
108Kb / 3P
NTC Thermistors, Standard Lug Sensors
21-Feb-2022
NTCALUG91A VISHAY-NTCALUG91A Datasheet
108Kb / 3P
NTC Thermistors, Standard Lug Sensors
21-Feb-2022
NTCALUG85A VISHAY-NTCALUG85A Datasheet
106Kb / 3P
NTC Thermistors, Standard Lug Sensors
01-Mar-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com