Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTCALUG02A Datasheet (PDF) - Vishay Siliconix

NTCALUG02A Datasheet PDF - Vishay Siliconix
Part # NTCALUG02A
Download  NTCALUG02A Download
File Size   109.7 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description NTC Thermistors, Low Thermal Gradient Lug Sensors

NTCALUG02A Datasheet (PDF)

Go To PDF Page Download Datasheet
NTCALUG02A Datasheet PDF - Vishay Siliconix

Part # NTCALUG02A
Download  NTCALUG02A Click to download

File Size   109.7 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description NTC Thermistors, Low Thermal Gradient Lug Sensors

NTCALUG02A Datasheet (HTML) - Vishay Siliconix


NTCALUG02A Product details

FEATURES
• Low thermal gradient due to the use of nickel
conductor and low profile closed ring tongue
• AEC-Q200 qualified (grade 1)
• cULus recognized, file E148885
(UL category XGPU2/XGPU8)
• Mounting: assembly screw mounting
• Material categorization: for definitions of
compliance please see www.vishay.com/doc?99912

APPLICATIONS
Thermistors used for accurate surface temperature sensing
and control in:
• Computer equipment
• Power electronics, heat-sink temperature control
• Consumer appliances
• Industrial equipment
• Automotive equipment

DESCRIPTION
Vishay thermistor chip NTC with epoxy coating and middle
buffer layer mounted in a tin plated copper ring lug with
PEEK insulated leads AWG#30 (Ø 0.25 mm),
mono-stranded silver-plated nickel.




Similar Part No. - NTCALUG02A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCALUG02A VISHAY-NTCALUG02A Datasheet
110Kb / 9P
NTC Thermistors, Low Thermal Gradient Lug Sensors
02-Aug-12
NTCALUG02A VISHAY-NTCALUG02A Datasheet
129Kb / 10P
NTC Thermistors, Low Thermal Gradient Lug Sensors
17-Nov-17
NTCALUG02A103F VISHAY-NTCALUG02A103F Datasheet
110Kb / 9P
NTC Thermistors, Low Thermal Gradient Lug Sensors
02-Aug-12
NTCALUG02A103F VISHAY-NTCALUG02A103F Datasheet
129Kb / 10P
NTC Thermistors, Low Thermal Gradient Lug Sensors
17-Nov-17
NTCALUG02A103F161 VISHAY-NTCALUG02A103F161 Datasheet
129Kb / 10P
NTC Thermistors, Low Thermal Gradient Lug Sensors
17-Nov-17
More results


Similar Description - NTCALUG02A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCALUG03 VISHAY-NTCALUG03 Datasheet
127Kb / 7P
NTC Thermistors, Mini Lug Sensors
16-Sep-10
NTCALUG03 VISHAY-NTCALUG03_11 Datasheet
117Kb / 7P
NTC Thermistors, Mini Lug Sensors
12-Apr-11
NTCALUG02A VISHAY-NTCALUG02A Datasheet
110Kb / 9P
NTC Thermistors, Low Thermal Gradient Lug Sensors
02-Aug-12
NTCALUG01A VISHAY-NTCALUG01A Datasheet
85Kb / 3P
NTC Thermistors, Standard Lug Sensors
08-Aug-12
NTCALUG01A VISHAY-NTCALUG01A_17 Datasheet
91Kb / 3P
NTC Thermistors, Standard Lug Sensors
17-Nov-17
NTCALUG02A VISHAY-NTCALUG02A_17 Datasheet
129Kb / 10P
NTC Thermistors, Low Thermal Gradient Lug Sensors
17-Nov-17
NTCALUG01A VISHAY-NTCALUG01A_18 Datasheet
90Kb / 3P
NTC Thermistors, Standard Lug Sensors
12-Oct-2018
NTCALUG01T VISHAY-NTCALUG01T_19 Datasheet
90Kb / 3P
NTC Thermistors, Standard Lug Sensors, 150 °C
30-Jan-2019
NTCALUG01A VISHAY-NTCALUG01A_V01 Datasheet
110Kb / 3P
NTC Thermistors, Standard Lug Sensors
01-Mar-2022
NTCALUG91A VISHAY-NTCALUG91A Datasheet
108Kb / 3P
NTC Thermistors, Standard Lug Sensors
21-Feb-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com