Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTCLE101E3 Datasheet (PDF) - Vishay Siliconix

NTCLE101E3 Datasheet PDF - Vishay Siliconix
Part # NTCLE101E3
Download  NTCLE101E3 Download
File Size   79.31 Kbytes
Page   2 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description NTC Thermistors, Radial Leaded Special Accuracy

NTCLE101E3 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTCLE101E3 Datasheet PDF - Vishay Siliconix

Part # NTCLE101E3
Download  NTCLE101E3 Click to download

File Size   79.31 Kbytes
Page   2 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description NTC Thermistors, Radial Leaded Special Accuracy

NTCLE101E3 Datasheet (HTML) - Vishay Siliconix


NTCLE101E3 Product details

FEATURES
• Excellent accuracy between 25 °C and 85 °C
• High stability over a long life
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912

APPLICATIONS
• Temperature measurement, sensing, and control

DESCRIPTION
These thermistors have a NTC chip soldered between two
tin-plated copper leads. It has a gray lacquered body but is
not insulated. These thermistors have an accuracy of
± 0.5 °C over a trajectory from 25 °C to 85 °C.




Similar Part No. - NTCLE101E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCLE101E3...SB0 VISHAY-NTCLE101E3...SB0 Datasheet
78Kb / 2P
NTC Thermistors, Radial Leaded Special Accuracy
18-Sep-2020
NTCLE101E3103SB0 VISHAY-NTCLE101E3103SB0 Datasheet
78Kb / 2P
NTC Thermistors, Radial Leaded Special Accuracy
18-Sep-2020
NTCLE101E3104SB0 VISHAY-NTCLE101E3104SB0 Datasheet
89Kb / 5P
NTC Thermistors, Radial Leaded Special Accuracy
06-Jul-11
NTCLE101E3104SB0 VISHAY-NTCLE101E3104SB0 Datasheet
78Kb / 2P
NTC Thermistors, Radial Leaded Special Accuracy
18-Sep-2020
NTCLE101E3472SB0 VISHAY-NTCLE101E3472SB0 Datasheet
78Kb / 2P
NTC Thermistors, Radial Leaded Special Accuracy
18-Sep-2020
More results


Similar Description - NTCLE101E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
232264010472 VISHAY-232264010472 Datasheet
56Kb / 4P
NTC Thermistors, Special Accuracy
10-Oct-03
NTCLE100E3 VISHAY-NTCLE100E3 Datasheet
100Kb / 5P
NTC Thermistors, Special Accuracy
14-Sep-06
NTCLE203E3104FB0 VISHAY-NTCLE203E3104FB0 Datasheet
102Kb / 9P
NTC Thermistors, Radial Leaded, Accuracy Line
16-Sep-11
NTCLE101E3104SB0 VISHAY-NTCLE101E3104SB0 Datasheet
89Kb / 5P
NTC Thermistors, Radial Leaded Special Accuracy
06-Jul-11
NTCLE203E3103FB0 VISHAY-NTCLE203E3103FB0 Datasheet
107Kb / 9P
NTC Thermistors, Radial Leaded, Accuracy Line
18-May-11
NTCLE100E3153JB0 VISHAY-NTCLE100E3153JB0 Datasheet
196Kb / 17P
NTC Thermistors, Radial Leaded, Standard Precision
24-Aug-12
NTCLE101E3SB0 VISHAY-NTCLE101E3SB0 Datasheet
92Kb / 5P
NTC Thermistors, Radial Leaded Special Accuracy
06-Jul-11
NTCLE203E3 VISHAY-NTCLE203E3_17 Datasheet
84Kb / 3P
NTC Thermistors, Radial Leaded, Accuracy Line
26-Jun-17
NTCLE203E3 VISHAY-NTCLE203E3_V01 Datasheet
105Kb / 3P
NTC Thermistors, Radial Leaded, Accuracy Line
18-Sep-2020
NTCLE101E3...SB0 VISHAY-NTCLE101E3...SB0 Datasheet
78Kb / 2P
NTC Thermistors, Radial Leaded Special Accuracy
18-Sep-2020
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com