Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUC845 Datasheet (PDF) - Analog Devices

ADUC845 Datasheet PDF - Analog Devices
Part # ADUC845
Download  ADUC845 Download
File Size   1287.49 Kbytes
Page   109 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description MicroConverter짰 Multichannel 24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU

ADUC845 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADUC845 Datasheet PDF - Analog Devices

Part # ADUC845
Download  ADUC845 Click to download

File Size   1287.49 Kbytes
Page   109 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description MicroConverter짰 Multichannel 24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU

ADUC845 Datasheet (HTML) - Analog Devices


ADUC845 Product details

GENERAL DESCRIPTION
The ADuC845, ADuC847, and ADuC848 are single-cycle,
12.58 MIPs, 8052 core upgrades to the ADuC834 and
ADuC836. They include additional analog inputs for
applications requiring more ADC channels.
The ADuC845, ADuC847, and ADuC848 are complete smart
transducer front ends. The family integrates high resolution
Σ-Δ ADCs with flexible, up to 10-channel, input multiplexing, a
fast 8-bit MCU, and program and data Flash/EE memory on a
single chip.
The ADuC845 includes two (primary and auxiliary) 24-bit Σ-Δ
ADCs with internal buffering and PGA on the primary ADC.
The ADuC847 includes the same primary ADC as the ADuC845
(auxiliary ADC removed). The ADuC848 is a 16-bit ADC
version of the ADuC847.
The ADCs incorporate flexible input multiplexing, a temperature
sensor (ADuC845 only), and a PGA (primary ADC only)
allowing direct measurement of low-level signals. The ADCs
include on-chip digital filtering and programmable output data
rates that are intended for measuring wide dynamic range and
low frequency signals, such as those in weigh scale, strain gage,
pressure transducer, or temperature measurement applications.
The devices operate from a 32 kHz crystal with an on-chip PLL
generating a high frequency clock of 12.58 MHz. This clock is
routed through a programmable clock divider from which the
MCU core clock operating frequency is generated. The microcontroller
core is an optimized single-cycle 8052 offering up to
12.58 MIPs performance while maintaining 8051 instruction set
compatibility.
The available nonvolatile Flash/EE program memory options
are 62 kbytes, 32 kbytes, and 8 kbytes. 4 kbytes of nonvolatile
Flash/EE data memory and 2304 bytes of data RAM are also
provided on-chip. The program memory can be configured as
data memory to give up to 60 kbytes of NV data memory in
data logging applications.
On-chip factory firmware supports in-circuit serial download
and debug modes (via UART), as well as single-pin emulation
mode via the EA pin. The ADuC845, ADuC847, and ADuC848
are supported by the QuickStart™ development system featuring
low cost software and hardware development tools.

FEATURES
High resolution Σ-Δ ADCs
2 independent 24-bit ADCs on the ADuC845
Single 24-bit ADC on the ADuC847 and
single 16-bit ADC on the ADuC848
Up to 10 ADC input channels on all devices
24-bit no missing codes
22-bit rms (19.5 bit p-p) effective resolution
Offset drift 10 nV/°C, gain drift 0.5 ppm/°C chop enabled

APPLICATIONS
Multichannel sensor monitoring
Industrial/environmental instrumentation
Weigh scales, pressure sensors, temperature monitoring
Portable instrumentation, battery-powered systems
Data logging, precision system monitoring




Similar Part No. - ADUC845

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC845 AD-ADUC845 Datasheet
1Mb / 108P
MicroConverter Multichannel 24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
6/04-Changed from Rev. 0 to Rev. A
ADUC845BCP62-3 AD-ADUC845BCP62-3 Datasheet
1Mb / 108P
MicroConverter Multichannel 24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
6/04-Changed from Rev. 0 to Rev. A
ADUC845BCP62-5 AD-ADUC845BCP62-5 Datasheet
1Mb / 108P
MicroConverter Multichannel 24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
6/04-Changed from Rev. 0 to Rev. A
ADUC845BCP8-3 AD-ADUC845BCP8-3 Datasheet
1Mb / 108P
MicroConverter Multichannel 24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
6/04-Changed from Rev. 0 to Rev. A
ADUC845BCP8-5 AD-ADUC845BCP8-5 Datasheet
1Mb / 108P
MicroConverter Multichannel 24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
6/04-Changed from Rev. 0 to Rev. A
More results


Similar Description - ADUC845

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC834 AD-ADUC834 Datasheet
1Mb / 80P
MicroConverter, Dual 16-Bit/24- Bit ADCs with Embedded 62 kB Flash MCU
4/03-Data Sheet changed from REV. 0 to REV. A.
ADUC845 AD-ADUC845 Datasheet
1Mb / 108P
MicroConverter Multichannel 24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
6/04-Changed from Rev. 0 to Rev. A
ADUC834 AD-ADUC834_02 Datasheet
1Mb / 80P
MicroConverter, Dual 16-Bit/24-Bit ADCs with Embedded 62 kB Flash MCU
REV. 0
ADUC845 AD-ADUC845_12 Datasheet
1Mb / 108P
MicroConverter짰 Multichannel 24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
REV. C
ADUC841BSZ62-5 AD-ADUC841BSZ62-5 Datasheet
908Kb / 88P
MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
REV. 0
ADUC841BSZ62-3 AD-ADUC841BSZ62-3 Datasheet
908Kb / 88P
MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
REV. 0
ADUC843BSZ62-5 AD-ADUC843BSZ62-5 Datasheet
908Kb / 88P
MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
REV. 0
ADUC845 AD-ADUC845_15 Datasheet
1Mb / 108P
24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
Rev. C
ADUC847 AD-ADUC847_15 Datasheet
1Mb / 108P
24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
Rev. C
ADUC848 AD-ADUC848_15 Datasheet
1Mb / 108P
24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
Rev. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com