Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUM2280 Datasheet (PDF) - Analog Devices

ADUM2280 Datasheet PDF - Analog Devices
Part # ADUM2280
Download  ADUM2280 Download
File Size   441.57 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5 kV RMS Dual Channel Digital Isolators

ADUM2280 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADUM2280 Datasheet PDF - Analog Devices

Part # ADUM2280
Download  ADUM2280 Click to download

File Size   441.57 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5 kV RMS Dual Channel Digital Isolators

ADUM2280 Datasheet (HTML) - Analog Devices


ADUM2280 Product details

GENERAL DESCRIPTION
The ADuM2280/ADuM2281/ADuM2285/ADuM22861 (also
referred to as ADuM228x in this data sheet) are 5 kV rms dualchannel
digital isolators based on Analog Devices, Inc., iCoupler®
technology. Combining high speed CMOS and monolithic air
core transformer technology, these isolation components
provide outstanding performance characteristics superior to
alternatives, such as optocoupler devices and other integrated
couplers.
With propagation delay at 24 ns maximum, pulse width
distortion is less than 2 ns for C grade. Channel-to-channel
matching is tight at 5 ns for C grade. The ADuM228x are
available in two channel configurations with three different
data rates up to 100 Mbps (see the Ordering Guide). All models
operate with the supply voltage on either side ranging from
2.7 V to 5.5 V, providing compatibility with lower voltage
systems as well as enabling a voltage translation functionality
across the isolation barrier. Unlike other optocoupler
alternatives, the ADuM228x isolators have a patented refresh
feature that ensures dc correctness in the absence of input logic
transitions. When power is first applied or is not yet applied to
the input side, the ADuM2280 and ADuM2281 have a default
high output and the ADuM2285 and ADuM2286 have a default low output.

FEATURES
High isolation voltage: 5000 V rms
Up to 100 Mbps data rate
Low propagation delay: 24 ns maximum
Low dynamic power consumption
Bidirectional communication
3 V to 5 V level translation
High temperature operation: 125°C
High common-mode transient immunity: >25 kV/μs
Default high output: ADuM2280/ADuM2281
Default low output: ADuM2285/ADuM2286
16-lead SOIC wide body enhanced creepage package
Safety and regulatory approvals (pending)
UL recognition: 5000 V rms for 1 minute per UL 1577
CSA Component Acceptance Notice #5A
IEC 60601-1: 250 V rms (reinforced)
IEC 60950-1: 400 V rms (reinforced)
VDE Certificate of Conformity
DIN V VDE V 0884-10 (VDE V 0884-10): 2006-12
VIORM = 846 V peak
Pin-compatible with ADuM220x and ADuM221x families

APPLICATIONS
General-purpose, high voltage, multichannel isolation
Medical equipment
Power supplies
RS-232/RS-422/RS-485 transceiver isolation




Similar Part No. - ADUM2280

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM2280 AD-ADUM2280 Datasheet
533Kb / 20P
5 kV RMS Dual Channel Digital Isolators
REV. 0
ADuM2280ARIZ AD-ADuM2280ARIZ Datasheet
533Kb / 20P
5 kV RMS Dual Channel Digital Isolators
REV. 0
ADuM2280BRIZ AD-ADuM2280BRIZ Datasheet
533Kb / 20P
5 kV RMS Dual Channel Digital Isolators
REV. 0
ADuM2280CRIZ AD-ADuM2280CRIZ Datasheet
533Kb / 20P
5 kV RMS Dual Channel Digital Isolators
REV. 0
More results


Similar Description - ADUM2280

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM4400 AD-ADUM4400 Datasheet
456Kb / 20P
5 kV RMS Quad-Channel Digital Isolators
REV. 0
logo
Texas Instruments
ISO7520 TI-ISO7520 Datasheet
324Kb / 15P
Low-Power 5 KV(rms) Dual Digital Isolators
ISO7520 TI-ISO7520_1 Datasheet
325Kb / 15P
Low-Power 5 KV(rms) Dual Digital Isolators
logo
Analog Devices
ADUM1280 AD-ADUM1280 Datasheet
343Kb / 16P
3 kV RMS Dual Channel Digital Isolators
REV. 0
logo
Texas Instruments
ISO7520C TI1-ISO7520C Datasheet
641Kb / 18P
Low-Power 5 KV(rms) Dual Digital Isolators
logo
Analog Devices
ADUM1280WCRZ AD-ADUM1280WCRZ Datasheet
421Kb / 20P
3 kV RMS Dual Channel Digital Isolators
REV. A
ADUM120N AD-ADUM120N Datasheet
500Kb / 19P
3.0 kV rms, Dual-Channel Digital Isolators
REV. A
ADUM220N AD-ADUM220N Datasheet
481Kb / 23P
5.0 kV RMS Dual Channel Digital Isolators
Rev. 0
ADUM2280 AD-ADUM2280 Datasheet
533Kb / 20P
5 kV RMS Dual Channel Digital Isolators
REV. 0
ADUM220N AD-ADUM220N_V01 Datasheet
700Kb / 23P
5.0 kV RMS Dual Channel Digital Isolators
Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com