Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUM3160 Datasheet (PDF) - Analog Devices

ADUM3160 Datasheet PDF - Analog Devices
Part # ADUM3160
Download  ADUM3160 Download
File Size   317.57 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Full/Low Speed 2.5 kV USB Digital Isolator

ADUM3160 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADUM3160 Datasheet PDF - Analog Devices

Part # ADUM3160
Download  ADUM3160 Click to download

File Size   317.57 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Full/Low Speed 2.5 kV USB Digital Isolator

ADUM3160 Datasheet (HTML) - Analog Devices


ADUM3160 Product details

GENERAL DESCRIPTION
The ADuM31601 is a USB port isolator based on Analog
Devices, Inc., iCoupler® technology. Combining high speed CMOS
and monolithic air core transformer technology, this isolation
component provides outstanding performance characteristics
and is easily integrated with low and full speed USB-compatible
peripheral devices.
Many microcontrollers implement USB so that it presents only the
D+ and D− lines to external pins. This is desirable in many cases
because it minimizes external components and simplifies the
design; however, this presents particular challenges when isolation
is required. Because the USB lines must switch between actively
driving D+/D− and allowing external resistors to set the state of
the bus, the ADuM3160 provides mechanisms for detecting the
direction of data flow and control over the state of the output
buffers. Data direction is determined on a packet-by-packet basis.
The ADuM3160 uses the edge detection based iCoupler
technology in conjunction with internal logic to implement
a transparent, easily configured, upstream-facing port isolator.
Isolating the upstream port provides several advantages in
simplicity, power management, and robust operation.
The isolator has a propagation delay comparable to that of a
standard hub and cable. It operates with the bus voltage on either
side ranging from 4.5 V to 5.5 V, allowing connection directly to
VBUSx by internally regulating the voltage to the signaling level.
The ADuM3160 provides isolated control of the pull-up resistor
to allow the peripheral to control connection timing. The device
draws low enough idle current that a suspend state is not required.
A 5 kV, reinforced insulation version, the ADuM4160, is available.

FEATURES
USB 2.0 compatible
Low and full speed data rate: 1.5 Mbps and 12 Mbps
Bidirectional communication
4.5 V to 5.5 V VBUS operation
7 mA maximum upstream supply current at 1.5 Mbps
8 mA maximum upstream supply current at 12 Mbps
2.3 mA maximum upstream idle current
Upstream short-circuit protection
Class 3A contact ESD performance per ANSI/ESD STM5.1-2007
High temperature operation: 105°C
High common-mode transient immunity: >25 kV/μs
16-lead SOIC wide body package
RoHS compliant
Qualified for automotive applications
Safety and regulatory approvals
UL recognition: 2500 V rms for 1 minute per UL 1577
CSA Component Acceptance Notice #5A
IEC 60950-1: 600 V rms (basic)
VDE certificate of conformity
DIN V VDE V 0884-10 (VDE V 0884-10):2006-12
VIORM = 560 V peak

APPLICATIONS
USB peripheral isolation
Isolated USB hub




Similar Part No. - ADUM3160

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM3160 AD-ADUM3160 Datasheet
263Kb / 16P
Full/Low Speed 2.5 kV USB Digital Isolator
REV. A
ADUM3160 AD-ADUM3160 Datasheet
738Kb / 4P
Digital Isolator Product Selection and Resource Guide
ADuM3160BRWZ AD-ADuM3160BRWZ Datasheet
263Kb / 16P
Full/Low Speed 2.5 kV USB Digital Isolator
REV. A
ADuM3160BRWZ-RL AD-ADuM3160BRWZ-RL Datasheet
263Kb / 16P
Full/Low Speed 2.5 kV USB Digital Isolator
REV. A
More results


Similar Description - ADUM3160

ManufacturerPart #DatasheetDescription
logo
Agere Systems
USS810 AGERE-USS810 Datasheet
238Kb / 14P
USB 2.0 Full-Speed/Low-Speed Transceiver
Rev. 6 March 2006
logo
List of Unclassifed Man...
IL710 ETC1-IL710 Datasheet
149Kb / 7P
High Speed Digital Isolator
logo
Analog Devices
ADUM4160 AD-ADUM4160 Datasheet
425Kb / 14P
Full/Low Speed USB Digital Isolator
Rev. Pr F
ADUM4160 AD-ADUM4160_09 Datasheet
302Kb / 16P
Full/Low Speed USB Digital Isolator
REV. A
ADUM3160 AD-ADUM3160 Datasheet
263Kb / 16P
Full/Low Speed 2.5 kV USB Digital Isolator
REV. A
ADUM4160 AD-ADUM4160_10 Datasheet
262Kb / 16P
Full/Low Speed 5 kV USB Digital Isolator
REV. C
logo
Rohm
BM67221FV-C ROHM-BM67221FV-C Datasheet
2Mb / 28P
High Speed Digital Isolator
logo
Analog Devices
ADUM4165 AD-ADUM4165 Datasheet
1Mb / 26P
5.7 kV RMS Digital Isolators for Isolated USB 2.0 High, Full, and Low Speed
Rev. 0
ADUM3165 AD-ADUM3165 Datasheet
1Mb / 26P
3.75 kV RMS Digital Isolators for Isolated USB 2.0 High, Full, and Low Speed
Rev. 0
ADUM4160 AD-ADUM4160_V01 Datasheet
288Kb / 16P
Full/Low Speed 5 kV USB Digital Isolator
Rev. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com