Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUM4146 Datasheet (PDF) - Analog Devices

ADUM4146 Datasheet PDF - Analog Devices
Part # ADUM4146
Download  ADUM4146 Download
File Size   1037.99 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 11 A High Voltage Isolated Bipolar Gate Driver with Fault Detection, Miller Clamp

ADUM4146 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADUM4146 Datasheet PDF - Analog Devices

Part # ADUM4146
Download  ADUM4146 Click to download

File Size   1037.99 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 11 A High Voltage Isolated Bipolar Gate Driver with Fault Detection, Miller Clamp

ADUM4146 Datasheet (HTML) - Analog Devices


ADUM4146 Product details

GENERAL DESCRIPTION
The ADuM4146 is a single-channel gate driver specifically optimized
for driving silicon carbide (SiC), metal-oxide semiconductor
field effect transistors (MOSFETs). Analog Devices, Inc., iCoupler®
technology provides isolation between the input signal and the
output gate drive.
The ADuM4146 includes a Miller clamp to provide robust SiC turn
off with a single-rail supply when the gate voltage drops to less
than 2 V. Operation with unipolar or bipolar secondary supplies is
possible with or without the Miller clamp operation.
The Analog Devices chip scale transformers also provide isolated
communication of control information between the high voltage and
low voltage domains of the chip. Information on the status of the
chip can be read back from dedicated outputs. Control of resetting
the device after a fault on the secondary side is performed on the
primary side of the device.
Integrated onto the ADuM4146 is a desaturation detection circuit
that provides protection against high voltage short-circuit SiC operation.
The desaturation protection contains noise reducing features,
such as a 300 ns masking time after a switching event to mask
voltage spikes due to initial turn on (see Figure 17). An optional
internal 500 μA current source allows low device count, and the
internal blanking switch allows the addition of an external current
source if more noise immunity is needed.
The secondary undervoltage lockout (UVLO) is set to 14.5 V (typical)
for Grade A and is set to 11.5 V (typical) for Grade B and
Grade C with common SiC and insulated gate bipolar transistor
(IGBT) levels taken into consideration.

FEATURES
► 11 A short-circuit source current (0 Ω gate resistance)
► 9 A short-circuit sink current (0 Ω gate resistance)
► 4.61 A peak current (2 Ω gate resistance)
► Output power device resistance: <1 Ω
► Output voltage range up to 30 V
► Multiple UVLO options on VDD2
► Grade A: 14.5 V (typical) UVLO on VDD2 positive going threshold
► Grade B and Grade C: 11.5 V (typical) UVLO on VDD2 positive
going threshold
► VDD1 input voltage range from 2.5 V to 6 V
► Desaturation protection
► Soft shutdown on desaturation fault
► Multiple desaturation detect comparator voltages
► Grade B: 9.2 V (typical)
► Grade A and Grade C: 3.5 V (typical)
► Miller clamp output with gate sense input
► Isolated fault and ready functions
► Low propagation delay: 75 ns (typical)
► Operating temperature range: −40°C to +125°C
► Creepage distance: 8.3 mm minimum
► CMTI: 100 kV/μs
► Safety and regulatory approvals (pending)
► 5000 V rms for 1 minute per UL 1577
► CSA Component Acceptance Notice 5A
► DIN V VDE V 0884-11
► VIORM = 2150 V peak

APPLICATIONS
► SiC/MOSFET/IGBT gate drivers
► Photovoltaic (PV) inverters
► Motor drives
► Power supplies




Similar Part No. - ADUM4146

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM4146 AD-ADUM4146 Datasheet
461Kb / 17P
Single-/Dual-Supply, High Voltage, Isolated SiC Gate Driver with Miller Clamp
ADUM4146 AD-ADUM4146 Datasheet
320Kb / 8P
Evaluating the ADuM4146 Single-/Dual-Supply, High Voltage, Isolated SiC Gate Driver with Miller Clamp
Rev. PrA
More results


Similar Description - ADUM4146

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD8318 FAIRCHILD-FOD8318 Datasheet
608Kb / 31P
2.5 A Output Current, IGBT Drive Optocoupler with Active Miller Clamp, Desaturation Detection, and Isolated Fault Sensing
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-330J AVAGO-ACPL-330J Datasheet
302Kb / 22P
Fault Feedback, Active Miller Clamp and Auto-Fault Reset
logo
Analog Devices
ADUM4135 AD-ADUM4135 Datasheet
437Kb / 17P
Single-/Dual-Supply, High Voltage Isolated IGBT Gate Driver with Miller Clamp
REV. A
ADUM4137 AD-ADUM4137 Datasheet
664Kb / 28P
High Voltage, Isolated IGBT Gate Driver with Fault Detection
2/2019-Revision 0
ADUM4146 AD-ADUM4146 Datasheet
461Kb / 17P
Single-/Dual-Supply, High Voltage, Isolated SiC Gate Driver with Miller Clamp
logo
ON Semiconductor
FOD8318 ONSEMI-FOD8318 Datasheet
497Kb / 30P
2.5 A Output Current, IGBT Drive Optocoupler with Active Miller Clamp, Desaturation Detection, and Isolated Fault Sensing
October 2017 Rev. 2
logo
Analog Devices
ADUM4121-1-EP AD-ADUM4121-1-EP Datasheet
190Kb / 9P
High Voltage, Isolated Gate Driver with Internal Miller Clamp, 2.3 A Output
Rev. 0
ADUM4135 AD-ADUM4135_V01 Datasheet
463Kb / 17P
Single-/Dual-Supply, High Voltage Isolated IGBT Gate Driver with Miller Clamp
Rev. D
ADUM4137 AD-ADUM4137_V01 Datasheet
623Kb / 28P
High Voltage, Isolated IGBT Gate Driver with Fault Detection
Rev. A
logo
ON Semiconductor
FOD8318 ONSEMI-FOD8318_V01 Datasheet
555Kb / 29P
2.5 A Output Current, IGBT Drive Optocoupler with Active Miller Clamp, Desaturation Detection, and Isolated Fault Sensing
January, 2023 - Rev. 4
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com