Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM6515 Datasheet (PDF) - Analog Devices

SSM6515 Datasheet PDF - Analog Devices
Part # SSM6515
Download  SSM6515 Download
File Size   2013.8 Kbytes
Page   40 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultra Low Power, Class-D Audio Amplifier

SSM6515 Datasheet (PDF)

Go To PDF Page Download Datasheet
SSM6515 Datasheet PDF - Analog Devices

Part # SSM6515
Download  SSM6515 Click to download

File Size   2013.8 Kbytes
Page   40 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultra Low Power, Class-D Audio Amplifier

SSM6515 Datasheet (HTML) - Analog Devices


SSM6515 Product details

GENERAL DESCRIPTION
The SSM6515 is a fully integrated, high efficiency, mono Class-D
audio amplifier with digital input that is ideally suited for use in
wireless headphones. The application circuit requires few external
components and operates from a 1.8 V (PVDD) supply and a 1.2 V
to 1.8 V (IOVDD) supply. With 1.8 V signaling, these can be shared.
It can deliver 85 mW of continuous output power into a 16 Ω load
with <1% total harmonic distortion plus noise (THD + N).
The SSM6515 features a high efficiency, low noise modulation
scheme that requires no external inductor/capacitor (LC) output
filters. This scheme continues to provide high efficiency even at
very low output power resulting in battery life savings compared
to conventional headphone amplifiers. The device operates with
> 90% efficiency at 55 mW into a 16 Ω load and it has a signal-tonoise
ratio (SNR) of 113 dB, A weighted. Spread spectrum, stable
common-mode pulse density modulation provides a much lower
electromagnetic interference (EMI) radiated emissions compared
with other Class-D architectures.
The digital input eliminates the need of an external digital-to-analog
converter (DAC). The SSM6515 has a micropower shutdown mode
with a typical shutdown current of 6 μA at the 1.8 V PVDD supply
and can automatically power down with no input. The device also
includes pop and click suppression circuitry that minimizes voltage
glitches at the output during turn on and turn off. Inputs support
various serial audio formats, including I2S, time division multiplexing
(TDM), and pulse density modulation (PDM).
The SSM6515 is designed to operate with an I2C control interface
or in standalone mode and specified over the temperature range
of −40°C to +85°C. The device has built-in output short-circuit
protection. The SSM6515 is available in a halide free, 11-ball, 0.984
mm × 1.444 mm, 0.35 mm pitch wafer-level chip scale package
(WLCSP).
Note that throughout this data sheet, multifunction pins are referred
to by the entire pin name or by a single function of the pin.

FEATURES
► Filterless digital input, mono differential output Class-D amplifier
with 3-level Σ-Δ modulation optimized for headphone drive
► Operates from single 1.8 V supply
► 80 mW output power, 16 Ω load at <0.1% THD + N
► 2.57 μV rms noise, 113 dB A weighted signal-to-noise ratio and
dynamic range
► 0.003% THD + N at 30 mW, 1 kHz output 32 Ω load
► I2C control with up to 4 pin selectable addresses or standalone
operation
► Multiple serial data formats
► TDM, I2S, or left justified slave
► PDM input operating from 2.8224 MHz to 12.288 MHz
► Support sample rates from 8 kHz to 768 kHz
► 3.9 μs latency with 6 MHz PDM input
► Flexible digital gain adjustment
► DC blocking high-pass filter with programmable corner frequency
► 1.55 mW typical idle power in high performance mode
► Low power modes for reduced power consumption
► Flexible output gain limiter and clipping
► Auto power-down feature with zero digital input
► Short-circuit protection
► Pop and click suppression
► User-selectable ultralow EMI emissions mode
► Power-on reset
► 1.8 V PVDD supply
► 1.2 V to 1.8 V IOVDD supply
► 11-ball, 0.984 mm × 1.444 mm, 0.35 mm pitch WLCSP

APPLICATIONS
► Wireless headphones
► Active noise canceling headphones
► Smartphone earpiece speakers
► Hearing assistance devices
► Portable electronics




Similar Part No. - SSM6515

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
SSM60N10 ISC-SSM60N10 Datasheet
290Kb / 2P
isc N-Channel MOSFET Transistor
logo
Silicon Standard Corp.
SSM60T03GH SSC-SSM60T03GH Datasheet
623Kb / 5P
N-channel Enhancement-mode Power MOSFET
SSM60T03GJ SSC-SSM60T03GJ Datasheet
623Kb / 5P
N-channel Enhancement-mode Power MOSFET
SSM60T03GP SSC-SSM60T03GP Datasheet
391Kb / 5P
N-channel Enhancement-mode Power MOSFET
SSM60T03H SSC-SSM60T03H Datasheet
315Kb / 5P
N-CHANNEL ENHANCEMENT-MODE POWER MOSFET
Rev 2.1
More results


Similar Description - SSM6515

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9705 MAXIM-MAX9705 Datasheet
2Mb / 20P
2.3W, Ultra-Low-EMI, Filterless, Class D Audio Amplifier
Rev 0; 7/05
logo
Power Analog Micoelectr...
PAM8303D PAM-PAM8303D Datasheet
277Kb / 17P
Ultra Low EMI, 3W Filterless Mono Class-D Audio Power Amplifier
logo
Sanyo Semicon Device
LV49152V SANYO-LV49152V Datasheet
258Kb / 24P
Class-D Audio Power Amplifier
logo
Maxim Integrated Produc...
MAX9705 MAXIM-MAX9705_09 Datasheet
477Kb / 18P
2.3W, Ultra-Low-EMI, Filterless, Class D Audio Amplifier
Rev 3; 5/09
logo
Texas Instruments
LM48413 TI1-LM48413_14 Datasheet
782Kb / 23P
Audio Power Amplifier Series Ultra Low EMI, Filterless, 1.2W Stereo Class D Audio Power Amplifier
logo
Diodes Incorporated
PAM8303C DIODES-PAM8303C Datasheet
775Kb / 17P
ULTRA LOW EMI, 3W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
Rev 1
logo
Texas Instruments
LM48411 TI1-LM48411 Datasheet
875Kb / 22P
Ultra-Low EMI, Filterless, 2.5W, Stereo, Class D Audio Power Amplifier
logo
Diodes Incorporated
PAM8303C DIODES-PAM8303C_18 Datasheet
791Kb / 16P
ULTRA LOW EMI, 3W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
Rev 2
PAM8303D DIODES-PAM8303D Datasheet
516Kb / 16P
ULTRA LOW EMI, 3W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
Rev 1
logo
Maxim Integrated Produc...
MAX9773 MAXIM-MAX9773 Datasheet
603Kb / 21P
1.8W, Filterless, Ultra-Low EMI, Stereo Class D Audio Power Amplifier
19-3976; Rev 0; 1/06
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com