Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4664A Datasheet (PDF) - Analog Devices

LTM4664A Datasheet PDF - Analog Devices
Part # LTM4664A
Download  LTM4664A Download
File Size   2142.28 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 60V, 300W Hybrid Step-Down Module Bus Converter

LTM4664A Datasheet (PDF)

Go To PDF Page Download Datasheet
LTM4664A Datasheet PDF - Analog Devices

Part # LTM4664A
Download  LTM4664A Click to download

File Size   2142.28 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 60V, 300W Hybrid Step-Down Module Bus Converter

LTM4664A Datasheet (HTML) - Analog Devices


LTM4664A Product details

DESCRIPTION
The LTM®4660 is a complete 300W output switching
mode hybrid-topology step-down DC/DC μModule®
micromodule) nonisolated bus converter. Its exposed
power inductor resides on the top of the package, providing
an intrinsic path for heat to dissipate up and out
of the module—away from one’s printed circuit board.
Included in the package are the switching controller IC,
power MOSFETs and supporting components. Only flying
charge-pump) capacitors, bulk input and output bypass
capacitors, and a few configuration passives are needed.
The LTM4660 features frequency synchronization,
Burst Mode® operation and output voltage soft-start and
tracking. An onboard temperature diode is available for
temperature monitoring. The LTM4660 protects against
short-circuit, overcurrent, and overtemperature faults. For
higher power applications, multiple LTM4660 modules
can be easily paralleled.
The LTM4660 is offered in a 16mm × 16mm × 10.34mm
BGA package with RoHS compliant terminal finish.

FEATURES
- Input Voltage Range: 30V to 60V (65V Abs. Max.)
- Wide Output Voltage: 4.5V to 18V (VOUT < VIN/2)
- 97.3% Peak Efficiency (12VOUT at 15A, 48VIN)
- ±1.5% Maximum Total DC Output Error
- Up to 300W Output Power
- Scalable: Parallel LTM4660s for Higher Power
- Fixed Frequency Current Mode Control
- Phase-Lockable External Synchronization from 200kHz to 1MHz
- Low Start-Up Inrush Current with Flying Capacitor
Voltage-Balancing Prior to DC/DC Switching Action
- Output Voltage Tracking with Soft-Start
- Short-Circuit Protection with Adjustable Retry-Timer
- Overcurrent and Overtemperature Protection
- Onboard Diode Temperature Monitor
- Optional External Reference Input
- Power Good and FAULT Indicators
- 16mm × 16mm × 10.34mm BGA Package

APPLICATIONS
- Telecom, Data Centers and Networking Equipment
- Industrial and Test Equipment




Similar Part No. - LTM4664A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTM4664A AD-LTM4664A Datasheet
6Mb / 138P
30V to 58V Input, Dual 30A, Single 60A 關Module Regulator with Digital Power System Management
LTM4664A AD-LTM4664A Datasheet
2Mb / 20P
160A DC/DC Power μModule Regulator with PMBus Interface
Rev. 0
LTM4664AIY#PBF AD-LTM4664AIY#PBF Datasheet
6Mb / 138P
30V to 58V Input, Dual 30A, Single 60A 關Module Regulator with Digital Power System Management
More results


Similar Description - LTM4664A

ManufacturerPart #DatasheetDescription
logo
Powerbox
B048F120T30 POWERBOX-B048F120T30 Datasheet
1Mb / 1P
210 - 300W DC/DC BUS CONVERTER MODULE
logo
Diodes Incorporated
AP8802H DIODES-AP8802H Datasheet
197Kb / 11P
60V 1A LED Step-down Converter
DS32227 Rev. 1 - 2
logo
Monolithic Power System...
MP4568 MPS-MP4568 Datasheet
946Kb / 16P
60V, 100mA Synchronous Step-Down Converter
logo
Texas Instruments
TPS82130 TI1-TPS82130 Datasheet
1Mb / 25P
Step-Down Converter MicroSiP Module
logo
Monolithic Power System...
MPQ4568 MPS-MPQ4568 Datasheet
906Kb / 16P
Industrial Grade, 60V, 100mA Synchronous Step-Down Converter
logo
Linear Technology
LTC3892-2 LINER-LTC3892-2 Datasheet
426Kb / 8P
60V, Low IQ Multiphase Synchronous Step-Down Converter
logo
Monolithic Power System...
EVQ4568-Q-00A MPS-EVQ4568-Q-00A Datasheet
465Kb / 5P
60V, 100mA Synchronous Step-Down Converter Evaluation Board
logo
Shenzhen Huazhimei Semi...
HM2675HV HMSEMI-HM2675HV Datasheet
501Kb / 7P
3A-60V LED Step-Down Converter
logo
AiT Semiconductor Inc.
A7466 AITSEMI-A7466 Datasheet
621Kb / 9P
DC-DC CONVERTER/ BUCK (STEP-DOWN) 60V,480KHZ,0.5A STEP-DOWN CONVERTER
REV1.0
logo
Analog Devices
DC2879A AD-DC2879A Datasheet
757Kb / 10P
High Density Hybrid Step-Down Synchronous Converter
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com