Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AZ1045-08F Datasheet (PDF) - AMAZING Microelectronic Corp.

AZ1045-08F Datasheet PDF - AMAZING Microelectronic Corp.
Part # AZ1045-08F
Download  AZ1045-08F Download
File Size   206.13 Kbytes
Page   7 Pages
Manufacturer  AMAZING [AMAZING Microelectronic Corp.]
Direct Link  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
Description Ultra Low Capacitance ESD Protection Array For High Speed I/O Port

AZ1045-08F Datasheet (PDF)

Go To PDF Page Download Datasheet
AZ1045-08F Datasheet PDF - AMAZING Microelectronic Corp.

Part # AZ1045-08F
Download  AZ1045-08F Click to download

File Size   206.13 Kbytes
Page   7 Pages
Manufacturer  AMAZING [AMAZING Microelectronic Corp.]
Direct Link  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
Description Ultra Low Capacitance ESD Protection Array For High Speed I/O Port

AZ1045-08F Datasheet (HTML) - AMAZING Microelectronic Corp.


AZ1045-08F Product details

Features
 ESD Protect for 8 high-speed I/O channels
 Provide ESD protection for each channel to
IEC 61000-4-2 (ESD) ±15kV (air/contact)
IEC 61000-4-5 (Lightning) 5A (8/20ms)
 For low operating voltage of 5V and below
 Ultra low capacitance: 0.5pF typical
 Fast turn-on and Low clamping voltage
 Array of ESD rated diodes with internal
equivalent TVS (Transient Voltage
Suppression) diode
 Solid-state silicon-avalanche and active circuit
triggering technology
 Simplified layout for high-speed differential
signaling channels
 Green Part
Applications
 USB Type-C
 HDMI Interface 1.3, 1.4 and 2.0 version
 DisplayPort interface
 SATA and eSATA interface
 V-By-One
 LVDS interfaces
 Ethernet port: 10/100/1000 Mb/s
Description
AZ1045-08F is a design which includes ESD
rated clamping cell arrays to protect high speed
data interfaces. The AZ1045-08F has been
specifically designed to protect sensitive
components which are connected to data and
transmission lines from over-voltage caused by
Electrostatic Discharging (ESD).
AZ1045-08F is a unique design which includes
ESD rated, ultra low capacitance steering diodes
and a unique design of clamping cell which is an
equivalent TVS diode in a single package. During
transient conditions, the steering diodes direct
the transient to either the internal ESD line or
ground line. The internal unique design of
clamping cell prevents over-voltage on the
internal ESD line and on the I/O line, which is
protecting any downstream components.
AZ1045-08F may be used to meet the ESD
immunity requirements of IEC 61000-4-2, Level 4
(±15kV air, ±8kV contact discharge).




Similar Part No. - AZ1045-08F

ManufacturerPart #DatasheetDescription
logo
AMAZING Microelectronic...
AZ1045-02F AMAZING-AZ1045-02F Datasheet
232Kb / 7P
Ultra Low Capacitance ESD Protection Array For High Speed I/O Port
Revision 2011/12/13
logo
TECH PUBLIC Electronics...
AZ1045-02F TECHPUBLIC-AZ1045-02F Datasheet
1Mb / 4P
Low Capacitance TVS Diode Array
logo
AMAZING Microelectronic...
AZ1045-02F.R7G AMAZING-AZ1045-02F.R7G Datasheet
232Kb / 7P
Ultra Low Capacitance ESD Protection Array For High Speed I/O Port
Revision 2011/12/13
AZ1045-04F AMAZING-AZ1045-04F Datasheet
520Kb / 10P
Ultra Low Capacitance ESD Protection Array For High Speed I/O Port
Revision 2013/03/08
logo
TECH PUBLIC Electronics...
AZ1045-04F TECHPUBLIC-AZ1045-04F Datasheet
1Mb / 5P
Low Capactitance 4-Line Uni-directional TVS diode
More results


Similar Description - AZ1045-08F

ManufacturerPart #DatasheetDescription
logo
AMAZING Microelectronic...
AZ1023-02F AMAZING-AZ1023-02F Datasheet
319Kb / 8P
Ultra Low Capacitance ESD Protection Array For High Speed I/O Port
Revision 2017/05/15
AZ1043-04F AMAZING-AZ1043-04F Datasheet
401Kb / 9P
Ultra Low Capacitance ESD Protection Array For High Speed I/O Port
Revision 2014/11/20
AZ1045-04F AMAZING-AZ1045-04F Datasheet
520Kb / 10P
Ultra Low Capacitance ESD Protection Array For High Speed I/O Port
Revision 2013/03/08
AZ1045-04QU AMAZING-AZ1045-04QU Datasheet
386Kb / 10P
Ultra Low Capacitance ESD Protection Array For High Speed I/O Port
Revision 2012/11/21
AZ1065-06F AMAZING-AZ1065-06F Datasheet
398Kb / 9P
Ultra Low Capacitance ESD Protection Array For High Speed I/O Port
Revision 2012/07/11
AZ1065-06Q AMAZING-AZ1065-06Q Datasheet
313Kb / 9P
Ultra Low Capacitance ESD Protection Array For High Speed I/O Port
Revision 2011/06/18
AZ111S-08F AMAZING-AZ111S-08F Datasheet
213Kb / 7P
Ultra-Low Capacitance ESD Protection Array For High Speed I/O Port
Revision 2019/01/14
AZ1145-04F AMAZING-AZ1145-04F Datasheet
196Kb / 8P
Ultra-Low Capacitance ESD Protection Array For High-Speed I/O Port
Revision 2021/12/29
AZ1165-06Q AMAZING-AZ1165-06Q Datasheet
297Kb / 7P
Ultra Low Capacitance ESD Protection Array For High Speed I/O Port
Revision 2013/06/11
AZ1365-06F AMAZING-AZ1365-06F Datasheet
565Kb / 9P
Ultra Low Capacitance ESD Protection Array For High Speed I/O Port
Revision 2019/06/14
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com