Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AZ108S-06F Datasheet (PDF) - AMAZING Microelectronic Corp.

AZ108S-06F Datasheet PDF - AMAZING Microelectronic Corp.
Part # AZ108S-06F
Download  AZ108S-06F Download
File Size   152.73 Kbytes
Page   7 Pages
Manufacturer  AMAZING [AMAZING Microelectronic Corp.]
Direct Link  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
Description Ultra Low Capacitance ESD Protection Array For High Speed I/O Port

AZ108S-06F Datasheet (PDF)

Go To PDF Page Download Datasheet
AZ108S-06F Datasheet PDF - AMAZING Microelectronic Corp.

Part # AZ108S-06F
Download  AZ108S-06F Click to download

File Size   152.73 Kbytes
Page   7 Pages
Manufacturer  AMAZING [AMAZING Microelectronic Corp.]
Direct Link  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
Description Ultra Low Capacitance ESD Protection Array For High Speed I/O Port

AZ108S-06F Datasheet (HTML) - AMAZING Microelectronic Corp.


AZ108S-06F Product details

Features
 ESD Protect for 6 high-speed I/O channels
 Provide ESD protection for each channel to
IEC 61000-4-2 (ESD) ±15kV (air)
IEC 61000-4-2 (ESD) ±10kV (contact)
 For low operating voltage of 1.5V and below
 Ultra low capacitance: 0.35pF typical
 Fast turn-on and low clamping voltage
 Array of ESD rated diodes with internal
equivalent TVS (Transient Voltage
Suppression) diode
 Solid-state silicon-avalanche and active circuit
triggering technology
 Simplified layout for high-speed differential
signaling channels
 Green part
Applications
 Thunderbolt interface
 Consumer Electronics
 Mobile Devices
Description
AZ108S-06F is a design which includes ESD
rated clamping cell arrays to protect high speed
data interfaces. The AZ108S-06F has been
specifically designed to protect sensitive
components which are connected to data and
transmission lines from over-voltage damage
caused by Electrostatic Discharging (ESD).
AZ108S-06F is a unique design which includes
ESD rated, ultra low capacitance steering diodes
and a unique design of clamping cell which is an
equivalent TVS diode in a single package. During
transient conditions, the steering diodes direct
the transient to either the internal ESD line or
ground line. The internal unique design of
clamping cell prevents over-voltage on the
internal ESD line and on the I/O line, which is
protecting any downstream components.
AZ108S-06F may be used to meet the ESD
immunity requirements of IEC 61000-4-2, Level 4
(±15kV air, ±8kV contact discharge).




Similar Part No. - AZ108S-06F

ManufacturerPart #DatasheetDescription
logo
AMAZING Microelectronic...
AZ1083-08F AMAZING-AZ1083-08F Datasheet
387Kb / 8P
Ultra Low Capacitance ESD Protection Array For High Speed I/O Port
Revision 2016/01/14
AZ1083-08F.R7G AMAZING-AZ1083-08F.R7G Datasheet
387Kb / 8P
Ultra Low Capacitance ESD Protection Array For High Speed I/O Port
Revision 2016/01/14
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084 Datasheet
171Kb / 15P
5A LOW DROPOUT LINEAR REGULATOR
AZ1084 BCDSEMI-AZ1084 Datasheet
197Kb / 17P
5A LOW DROPOUT LINEAR REGULATOR
AZ1084 BCDSEMI-AZ1084 Datasheet
918Kb / 21P
5A LOW DROPOUT LINEAR REGULATOR
More results


Similar Description - AZ108S-06F

ManufacturerPart #DatasheetDescription
logo
AMAZING Microelectronic...
AZ1023-02F AMAZING-AZ1023-02F Datasheet
319Kb / 8P
Ultra Low Capacitance ESD Protection Array For High Speed I/O Port
Revision 2017/05/15
AZ1043-04F AMAZING-AZ1043-04F Datasheet
401Kb / 9P
Ultra Low Capacitance ESD Protection Array For High Speed I/O Port
Revision 2014/11/20
AZ1045-04F AMAZING-AZ1045-04F Datasheet
520Kb / 10P
Ultra Low Capacitance ESD Protection Array For High Speed I/O Port
Revision 2013/03/08
AZ1045-04QU AMAZING-AZ1045-04QU Datasheet
386Kb / 10P
Ultra Low Capacitance ESD Protection Array For High Speed I/O Port
Revision 2012/11/21
AZ1065-06F AMAZING-AZ1065-06F Datasheet
398Kb / 9P
Ultra Low Capacitance ESD Protection Array For High Speed I/O Port
Revision 2012/07/11
AZ1065-06Q AMAZING-AZ1065-06Q Datasheet
313Kb / 9P
Ultra Low Capacitance ESD Protection Array For High Speed I/O Port
Revision 2011/06/18
AZ111S-08F AMAZING-AZ111S-08F Datasheet
213Kb / 7P
Ultra-Low Capacitance ESD Protection Array For High Speed I/O Port
Revision 2019/01/14
AZ1145-04F AMAZING-AZ1145-04F Datasheet
196Kb / 8P
Ultra-Low Capacitance ESD Protection Array For High-Speed I/O Port
Revision 2021/12/29
AZ1165-06Q AMAZING-AZ1165-06Q Datasheet
297Kb / 7P
Ultra Low Capacitance ESD Protection Array For High Speed I/O Port
Revision 2013/06/11
AZ1365-06F AMAZING-AZ1365-06F Datasheet
565Kb / 9P
Ultra Low Capacitance ESD Protection Array For High Speed I/O Port
Revision 2019/06/14
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com