Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

22XSD200 Datasheet (PDF) - NXP Semiconductors

22XSD200 Datasheet PDF - NXP Semiconductors
Part # 22XSD200
Download  22XSD200 Download
File Size   1741.51 Kbytes
Page   58 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Dual 24 V, 22 mOhm high-side switch

22XSD200 Datasheet (PDF)

Go To PDF Page Download Datasheet
22XSD200 Datasheet PDF - NXP Semiconductors

Part # 22XSD200
Download  22XSD200 Click to download

File Size   1741.51 Kbytes
Page   58 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Dual 24 V, 22 mOhm high-side switch

22XSD200 Datasheet (HTML) - NXP Semiconductors


22XSD200 Product details

The 22XSD200 device is part of a 24 V dual high-side switch product family with integrated control, and a high number of protective and diagnostic functions. It is designed for industrial applications. The low RDS(on) channels (<22 mΩ) can control different load types; bulbs, solenoids, or DC motors. Control, device configuration, and diagnostics are performed through a 16-bit serial peripheral interface (SPI), allowing easy integration into existing applications. This device is powered by SMARTMOS technology.
Both channels can be controlled individually by external/internal clock signals, or by direct inputs. Using the internal clock allows fully autonomous device operation. Programmable output voltage slew rates (individually programmable) helps improve electromagnetic compatibility (EMC) performance. To avoid shutting off the device upon inrush current, while still being able to closely track the load current, a dynamic overcurrent threshold profile is featured. Switching current of each channel can be sensed with a programmable sensing ratio. Whenever communication with the external microcontroller is lost, the device enters a Fail-safe operation mode, but remains operational, controllable, and protected.

Features
•Two fully-protected 22 mΩ (at 25 °C) high-side switches
•Up to 3.0 A steady-state current per channel
•Separate bulb and DC motor latched overcurrent handling
•Individually programmable internal/external PWM clock signals
•Overcurrent, short-circuit, and overtemperature protection with programmable autoretry functions
•Accurate temperature and current sensing
•Open load detection (channel in OFF and ON state), also for LED applications (7.0 mA typ.)
•Normal operating range: 8.0 V to 36 V, extended range: 6.0 V to 58 V
•3.3 V and 5.0 V compatible 16-bit SPI port for device control, configuration and diagnostics at rates up to 8.0 MHz

Applications
•24 V industrial systems
•Resistive, capacitive, and inductive loads
•Industrial




Similar Part No. - 22XSD200

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
22XS4200 NXP-22XS4200 Datasheet
1Mb / 64P
Dual 24 V, 22 mOhm high-side switch
Rev. 5.0, 6/2018
22XS4200 NXP-22XS4200 Datasheet
1Mb / 64P
Dual 24 V, 22 mOhm high-side switch
Rev. 7.0, 9/2022
More results


Similar Description - 22XSD200

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC10XS4200 FREESCALE-MC10XS4200 Datasheet
1Mb / 60P
Dual 24 V, 10 mOhm High Side Switch
MC20XS4200 FREESCALE-MC20XS4200 Datasheet
1Mb / 60P
Dual 24 V, 20 mOhm High Side Switch
MC06XS4200 FREESCALE-MC06XS4200 Datasheet
626Kb / 4P
Dual 24 V, 6.0 mOhm High Side Switch
logo
NXP Semiconductors
MC06XS4200 NXP-MC06XS4200 Datasheet
1Mb / 69P
Dual 24 V, 6.0 mOhm high-side switch
Rev. 5.0, 5/2018
MC10XS4200 NXP-MC10XS4200 Datasheet
2Mb / 71P
Dual 24 V, 10 mOhm high-side switch
Rev. 8, 3/2022
MC22XS4200 NXP-MC22XS4200 Datasheet
1Mb / 64P
Dual 24 V, 22 mOhm high-side switch
Rev. 5.0, 6/2018
MC22XS4200 NXP-MC22XS4200_V01 Datasheet
1Mb / 64P
Dual 24 V, 22 mOhm high-side switch
Rev. 7.0, 9/2022
MC20XS4200 NXP-MC20XS4200_V01 Datasheet
2Mb / 71P
Dual 24 V, 20 mOhm high-side switch
Rev. 8.0, 11/2022
MC50XS4200 NXP-MC50XS4200 Datasheet
1Mb / 66P
Dual 24 V, 50 mOhm high-side switch
Rev. 5.0, 6/2018
MC50XSD200 NXP-MC50XSD200 Datasheet
1Mb / 58P
Dual 24 V, 50 mOhm high-side switch
Rev. 2.0, 8/2016
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com