Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

40MT140P Datasheet (PDF) - Vishay Siliconix

40MT140P Datasheet PDF - Vishay Siliconix
Part # 40MT140P
Download  40MT140P Download
File Size   199.82 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Three Phase Bridge (Power Module), 45 A to 100 A

40MT140P Datasheet (PDF)

Go To PDF Page Download Datasheet
40MT140P Datasheet PDF - Vishay Siliconix

Part # 40MT140P
Download  40MT140P Click to download

File Size   199.82 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Three Phase Bridge (Power Module), 45 A to 100 A

40MT140P Datasheet (HTML) - Vishay Siliconix


40MT140P Product details

FEATURES
• Low VF
• Low profile package
• Direct mounting to heatsink
• Flat pin/round pin versions with PCB solderable terminals
• Low junction to case thermal resistance
• 3500 VRMS insulation voltage
• UL approved file E78996
• Compliant to RoHS directive 2002/95/EC
• Designed and qualified for industrial level

APPLICATIONS
• Power conversion machines
• Welding
• UPS
• SMPS
• Motor drives
• General purpose and heavy duty application

DESCRIPTION
A range of extremely compact three-phase rectifier bridges
offering efficient and reliable operation. The low profile
package has been specifically conceived to maximize space
saving and optimize the electrical layout of the application
specific power supplies.




Similar Part No. - 40MT140P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
40MT140P VISHAY-40MT140P Datasheet
190Kb / 10P
Three Phase Bridge (Power Module), 45 A to 100 A
10-Mar-10
logo
International Rectifier
40MT140PA IRF-40MT140PA Datasheet
129Kb / 8P
THREE PHASE BRIDGE
40MT140PB IRF-40MT140PB Datasheet
129Kb / 8P
THREE PHASE BRIDGE
More results


Similar Description - 40MT140P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
200MT40KPBF VISHAY-200MT40KPBF Datasheet
111Kb / 5P
Three Phase Bridge (Power Module), 200 A
29-Apr-08
MTP3 VISHAY-MTP3 Datasheet
145Kb / 8P
Three Phase Bridge (Power Module) 45 A to 100 A
13-Aug-08
40MT140P VISHAY-40MT140P Datasheet
190Kb / 10P
Three Phase Bridge (Power Module), 45 A to 100 A
10-Mar-10
100MT1.0P.PBF VISHAY-100MT1.0P.PBF Datasheet
191Kb / 10P
Three Phase Bridge (Power Module), 45 A to 100 A
10-Mar-10
VS-70MT160PBPBF VISHAY-VS-70MT160PBPBF Datasheet
1Mb / 9P
Three Phase Bridge (Power Modules), 45 A to 100 A
30-Oct-13
VS-40MT160P.PBF VISHAY-VS-40MT160P.PBF Datasheet
157Kb / 9P
Three Phase Bridge (Power Modules), 45 A to 100 A
16-Jul-14
VS-40MT160P-P VISHAY-VS-40MT160P-P_V01 Datasheet
240Kb / 9P
MTP PressFit Power Module Three Phase Bridge, 45 A to 100 A
22-May-2019
VS-40MT160P.PBF VISHAY-VS-40MT160P.PBF_V01 Datasheet
172Kb / 9P
Three Phase Bridge (Power Modules), 45 A to 100 A
21-May-2019
VS-40MT160P-P VISHAY-VS-40MT160P-P_V02 Datasheet
240Kb / 9P
MTP PressFit Power Module Three Phase Bridge, 45 A to 100 A
22-May-2019
VS-40MT160P.PBF VISHAY-VS-40MT160P.PBF_V02 Datasheet
171Kb / 9P
Three Phase Bridge (Power Modules), 45 A to 100 A
21-May-2019
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com