Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2W005G Datasheet (PDF) - Vishay Siliconix

2W005G Datasheet PDF - Vishay Siliconix
Part # 2W005G
Download  2W005G Download
File Size   91.0 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Glass Passivated Single-Phase Bridge Rectifier

2W005G Datasheet (PDF)

Go To PDF Page Download Datasheet
2W005G Datasheet PDF - Vishay Siliconix

Part # 2W005G
Download  2W005G Click to download

File Size   91.0 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Glass Passivated Single-Phase Bridge Rectifier

2W005G Datasheet (HTML) - Vishay Siliconix


2W005G Product details

FEATURES
UL recognition, file number E54214
Ideal for printed circuit boards
Typical IR less than 0.5 μA
High case dielectric strength
High surge current capability
Solder dip 260 °C, 40 s
Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

TYPICAL APPLICATIONS
General purpose use in AC/DC bridge full wave rectification
for power supply, adapter, charger, lighting ballaster on
consumers, and home appliances applications.

MECHANICAL DATA
Case: WOG
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E4 - RoHS-compliant, commercial grade
Terminals: silver plated leads, solderable per
J-STD-002 and JESD22-B102
Polarity: as marked on body




Similar Part No. - 2W005G

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
2W005G ZOWIE-2W005G Datasheet
47Kb / 2P
SINTERED GLASS PASSIVATED BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
2W005G JGD-2W005G Datasheet
126Kb / 2P
SINGLE PHASE 2.0 AMP. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Fairchild Semiconductor
2W005G FAIRCHILD-2W005G Datasheet
30Kb / 3P
2.0 Ampere Glass Passivated Bridge Rectifiers
logo
Diodes Incorporated
2W005G DIODES-2W005G Datasheet
53Kb / 2P
2.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21204 Rev. G-2
logo
Fuji Electric
2W005G FUJI-2W005G Datasheet
729Kb / 1P
2 AMP GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Similar Description - 2W005G

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GBU6A ZOWIE-GBU6A Datasheet
54Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
W005 CHENYI-W005 Datasheet
140Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
2KBP005M GE-2KBP005M Datasheet
79Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
2W005G GE-2W005G Datasheet
123Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
G5SBA20 GE-G5SBA20 Datasheet
113Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBU4A GE-GBU4A Datasheet
88Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
3KBP005M VISHAY-3KBP005M Datasheet
93Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
KBP005M VISHAY-KBP005M Datasheet
96Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com