Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B4M Datasheet (PDF) - Vishay Siliconix

B4M Datasheet PDF - Vishay Siliconix
Part # B4M
Download  B4M Download
File Size   89.94 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Miniature Glass Passivated Single-Phase Bridge Rectifiers

B4M Datasheet (PDF)

Go To PDF Page Download Datasheet
B4M Datasheet PDF - Vishay Siliconix

Part # B4M
Download  B4M Click to download

File Size   89.94 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Miniature Glass Passivated Single-Phase Bridge Rectifiers

B4M Datasheet (HTML) - Vishay Siliconix


B4M Product details

FEATURES
• UL recognized, file number E54214
• Ideal for printed circuit boards
• Applicable for automative insertion
• Middle surge current capability
• Recommended for non-automotive applications
• Solder dip 275 °C max. 10 s, per JESD 22-B106
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

TYPICAL APPLICATIONS
General purpose use in AC/DC bridge full wave rectification
for power supply, lighting ballaster, battery charger, home
appliances, office equipment, and telecommunication
applications.

MECHANICAL DATA
Case: MBM
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS-compliant, commercial grade
Terminals: matte tin plated leads, solderable per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 1A whisker test
Polarity: as marked on body




Similar Part No. - B4M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
B4M VISHAY-B4M Datasheet
100Kb / 4P
Miniature Glass Passivated Single-Phase Bridge Rectifiers
01-Feb-08
logo
Zibo Seno Electronic En...
B4M ZSELEC-B4M Datasheet
47Kb / 2P
0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Vishay Siliconix
B4M-E3 VISHAY-B4M-E3 Datasheet
79Kb / 4P
Miniature Glass Passivated Single-Phase Bridge Rectifiers
16-Aug-13
More results


Similar Description - B4M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DF005MA VISHAY-DF005MA Datasheet
96Kb / 4P
Miniature Glass Passivated Single-Phase Bridge Rectifiers
14-Jan-08
B2M VISHAY-B2M Datasheet
100Kb / 4P
Miniature Glass Passivated Single-Phase Bridge Rectifiers
01-Feb-08
MB2M VISHAY-MB2M Datasheet
99Kb / 4P
Miniature Glass Passivated Single-Phase Bridge Rectifiers
01-Feb-08
logo
Shenzhen Ping Sheng Ele...
MB2M PFS-MB2M Datasheet
425Kb / 2P
Miniature Glass Passivated Single-Phase Bridge Rectifiers
logo
Vishay Siliconix
B2M VISHAY-B2M_13 Datasheet
79Kb / 4P
Miniature Glass Passivated Single-Phase Bridge Rectifiers
16-Aug-13
DF005MA VISHAY-DF005MA_13 Datasheet
80Kb / 5P
Miniature Glass Passivated Single-Phase Bridge Rectifiers
16-Aug-13
logo
Shenzhen Yixinwei Techn...
MB2M YIXIN-MB2M Datasheet
215Kb / 2P
Miniature Glass Passivated Single-Phase Bridge Rectifiers
logo
Vishay Siliconix
DFMA VISHAY-DFMA Datasheet
89Kb / 5P
Miniature Glass Passivated Single-Phase Bridge Rectifiers
03-Sep-2020
DF005M VISHAY-DF005M_V01 Datasheet
89Kb / 5P
Miniature Glass Passivated Single-Phase Bridge Rectifiers
03-Sep-2020
MB2M VISHAY-MB2M_V01 Datasheet
90Kb / 4P
Miniature Glass Passivated Single-Phase Bridge Rectifiers
15-Jul-2020
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com