Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B4S Datasheet (PDF) - Vishay Siliconix

B4S Datasheet PDF - Vishay Siliconix
Part # B4S
Download  B4S Download
File Size   104.25 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Miniature Glass Passivated Single-Phase Surface-Mount Bridge Rectifier

B4S Datasheet (PDF)

Go To PDF Page Download Datasheet
B4S Datasheet PDF - Vishay Siliconix

Part # B4S
Download  B4S Click to download

File Size   104.25 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Miniature Glass Passivated Single-Phase Surface-Mount Bridge Rectifier

B4S Datasheet (HTML) - Vishay Siliconix


B4S Product details

FEATURES
• UL recognition, file number E54214
• Saves space on printed circuit boards
• Ideal for automated placement
• Middle surge current capability
• Meets MSL level 1, per J-STD-020, LF maximum peak
of 260 °C
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

TYPICAL APPLICATIONS
General purpose use in AC/DC bridge full wave rectification
for power supply, lighting ballaster, battery charger, home
appliances, office equipment, and telecommunication
applications.

MECHANICAL DATA
Case: MBS (TO-269AA)
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS-compliant, commercial grade
Terminals: matte tin plated leads, solderable per
J-STD-002 and JESD22-B102
E3 suffix meets JESD 201 class 1A whisker test
Polarity: as marked on body




Similar Part No. - B4S

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
B4S PANJIT-B4S Datasheet
114Kb / 2P
MINI SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER(VOLTAGE - 100 to 1000 Volts CURRENT - 0.5 Amperes)
logo
Bytes
B4S BYTES-B4S Datasheet
221Kb / 2P
MINI SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Dc Components
B4S DCCOM-B4S Datasheet
362Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE MINI SURFACE MOUNT BRIDGE RECTIFIER
logo
Formosa MS
B4S FORMOSA-B4S Datasheet
69Kb / 2P
Glass passivated type
logo
Comchip Technology
B4S COMCHIP-B4S Datasheet
70Kb / 2P
SMD Genenal Purpose Bridge Rectifier
More results


Similar Description - B4S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DF005SA VISHAY-DF005SA Datasheet
27Kb / 2P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
25-Apr-03
MB2S VISHAY-MB2S Datasheet
112Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
01-Feb-08
logo
SEMTECH ELECTRONICS LTD...
MD1S SEMTECH_ELEC-MD1S Datasheet
250Kb / 2P
MINIATURE GLASS PASSIVATED SINGLE PHASE SURFACE MOUNT BRIDGE RECTIFIER
logo
Vishay Siliconix
MBL104S VISHAY-MBL104S Datasheet
99Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
12-Apr-13
MB6S-E3 VISHAY-MB6S-E3 Datasheet
102Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
01-Feb-08
B2S VISHAY-B2S_13 Datasheet
93Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
19-Aug-13
logo
GOOD-ARK Electronics
DB101S GOOD-ARK-DB101S Datasheet
168Kb / 3P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
logo
Microdiode Semiconducto...
LB1S CHENDA-LB1S Datasheet
813Kb / 2P
MINIATURE GLASS PASSIVATED SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
logo
Shenzhen Yixinwei Techn...
MB05F YIXIN-MB05F Datasheet
322Kb / 2P
MINIATURE GLASS PASSIVATED SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
logo
SHIKUES Electronics
S1ZB60 SKTECHNOLGY-S1ZB60 Datasheet
407Kb / 2P
MINIATURE GLASS PASSIVATED SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com