Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA479S Datasheet (PDF) - Vishay Siliconix

BA479S Datasheet PDF - Vishay Siliconix
Part # BA479S
Download  BA479S Download
File Size   81.97 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description RF PIN Diodes - Single in DO-35 (DO-204AH)

BA479S Datasheet (PDF)

Go To PDF Page Download Datasheet
BA479S Datasheet PDF - Vishay Siliconix

Part # BA479S
Download  BA479S Click to download

File Size   81.97 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description RF PIN Diodes - Single in DO-35 (DO-204AH)

BA479S Datasheet (HTML) - Vishay Siliconix


BA479S Product details

FEATURES
• Wide frequency range 10 MHz to 1 GHz
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912

APPLICATIONS
• Current controlled HF resistance in adjustable
attenuators

MECHANICAL DATA
Case: DO-35 (DO-204AH)
Weight: approx. 125 mg
Cathode band color: black
Packaging codes/options:
TR/10K per 13" reel (52 mm tape), 50K/box
TAP/10K per ammopack (52 mm tape), 50K/box




Similar Part No. - BA479S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BA479S VISHAY-BA479S Datasheet
104Kb / 4P
RF PIN Diodes - Single in DO-35
05-Aug-10
BA479S-TAP VISHAY-BA479S-TAP Datasheet
75Kb / 3P
RF PIN Diodes - Single in DO-35
06-May-13
More results


Similar Description - BA479S

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N482B MICROSEMI-1N482B Datasheet
57Kb / 1P
High Conductance DO-35 Diodes
1N5518-1 MICROSEMI-1N5518-1 Datasheet
81Kb / 2P
LOW VOLTAGE AVALANCHE DIODES DO-35
LL485B MICROSEMI-LL485B Datasheet
67Kb / 1P
High Conductance DO-35 Diodes
logo
Vishay Siliconix
BA479G VISHAY-BA479G_10 Datasheet
104Kb / 4P
RF PIN Diodes - Single in DO-35
05-Aug-10
BA479S-TAP VISHAY-BA479S-TAP Datasheet
75Kb / 3P
RF PIN Diodes - Single in DO-35
06-May-13
logo
Jiangsu High diode Semi...
1N52-SERIES HDSEMI-1N52-SERIES Datasheet
1Mb / 6P
DO-35 Glass-Encapsulate Diodes
1N4148-DO-35 HDSEMI-1N4148-DO-35 Datasheet
1Mb / 5P
DO-35 Glass-Encapsulate Diodes
BZX55 HDSEMI-BZX55 Datasheet
1Mb / 6P
DO-35 Glass-Encapsulate Diodes
DB3-DO-35 HDSEMI-DB3-DO-35 Datasheet
1Mb / 4P
DO-35 Glass-Encapsulate Diodes
logo
SeCoS Halbleitertechnol...
1N52XXB SECOS-1N52XXB Datasheet
122Kb / 2P
500 mW , DO-35 Zener Diodes
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com