Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA779-2-G Datasheet (PDF) - Vishay Siliconix

BA779-2-G Datasheet PDF - Vishay Siliconix
Part # BA779-2-G
Download  BA779-2-G Download
File Size   128.33 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description RF PIN Diodes - Dual Series

BA779-2-G Datasheet (PDF)

Go To PDF Page Download Datasheet
BA779-2-G Datasheet PDF - Vishay Siliconix

Part # BA779-2-G
Download  BA779-2-G Click to download

File Size   128.33 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description RF PIN Diodes - Dual Series

BA779-2-G Datasheet (HTML) - Vishay Siliconix


BA779-2-G Product details

FEATURES
• Wide frequency range 10 MHz to 1 GHz
• AEC-Q101 qualified
• Base P/N-HG3 - green, automotive grade
• Material categorization:
For definitions of compliance please see
www.vishay.com/doc?99912

APPLICATIONS
• Current controlled HF resistance in adjustable
attenuators

MECHANICAL DATA
Case: SOT-23
Weight: approx. 8.1 mg
Packaging codes/options:
18/10K per 13" reel (8 mm tape), 10K/box
08/3K per 7" reel (8 mm tape), 15K/box




Similar Part No. - BA779-2-G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BA779-2-G VISHAY-BA779-2-G Datasheet
97Kb / 4P
RF PIN Diodes - Dual Series
25-Feb-13
BA779-2-GS08 VISHAY-BA779-2-GS08 Datasheet
98Kb / 4P
RF PIN Diodes - Dual in SOT-23
14-Apr-05
BA779-2-GS18 VISHAY-BA779-2-GS18 Datasheet
98Kb / 4P
RF PIN Diodes - Dual in SOT-23
14-Apr-05
More results


Similar Description - BA779-2-G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAR64V-04 VISHAY-BAR64V-04 Datasheet
116Kb / 4P
RF PIN Diodes - Dual, Series in SOT-23
26-Apr-04
BAR63V-04W VISHAY-BAR63V-04W Datasheet
127Kb / 4P
RF PIN Diodes - Dual, Series in SOT-323
26-Apr-04
BAR63V-04 VISHAY-BAR63V-04 Datasheet
116Kb / 5P
RF PIN Diodes - Dual, Series in SOT-23
15-Apr-05
BAR64V-04W VISHAY-BAR64V-04W Datasheet
121Kb / 5P
RF PIN Diodes - Dual, Series in SOT-323
15-Apr-05
BA779-2-V-GH VISHAY-BA779-2-V-GH Datasheet
91Kb / 4P
RF PIN Diodes - Dual Series
22-Apr-10
BA779-V-GH VISHAY-BA779-V-GH Datasheet
91Kb / 4P
RF PIN Diodes
22-Apr-10
S392D-V-GH VISHAY-S392D-V-GH Datasheet
91Kb / 4P
RF PIN Diodes - Dual Series
22-Apr-10
BA779-2-G VISHAY-BA779-2-G Datasheet
97Kb / 4P
RF PIN Diodes - Dual Series
25-Feb-13
S392D-G VISHAY-S392D-G Datasheet
98Kb / 4P
RF PIN Diodes - Dual Series
25-Feb-13
BA779-G VISHAY-BA779-G_V01 Datasheet
127Kb / 4P
RF PIN Diodes
27-Apr-17
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com