Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS281 Datasheet (PDF) - Vishay Siliconix

BAS281 Datasheet PDF - Vishay Siliconix
Part # BAS281
Download  BAS281 Download
File Size   100.76 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Small Signal Schottky Diodes

BAS281 Datasheet (PDF)

Go To PDF Page Download Datasheet
BAS281 Datasheet PDF - Vishay Siliconix

Part # BAS281
Download  BAS281 Click to download

File Size   100.76 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Small Signal Schottky Diodes

BAS281 Datasheet (HTML) - Vishay Siliconix


BAS281 Product details

FEATURES
• Integrated protection ring against static
discharge
• Low capacitance
• Low leakage current
• Low forward voltage drop
• Very low switching time
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

APPLICATIONS
• General purpose and switching Schottky barrier diode
• HF-detector
• Protection circuit
• Diode for low currents with a low supply voltage
• Small battery charger
• Power supplies
• DC/DC converter for notebooks

MECHANICAL DATA
Case: QuadroMELF (SOD-80)
Weight: approx. 34 mg
Cathode band color: black
Packaging codes/options:
GS18/10K per 13" reel (8 mm tape), 10K/box
GS08/2.5K per 7" reel (8 mm tape), 12.5K/box




Similar Part No. - BAS281

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAS281 VISHAY-BAS281 Datasheet
52Kb / 4P
Schottky Barrier Diodes
03-Mar-04
BAS281 VISHAY-BAS281 Datasheet
166Kb / 5P
Small Signal Schottky Diodes
17-Mar-06
BAS281 VISHAY-BAS281 Datasheet
211Kb / 5P
Small Signal Schottky Diodes
23-Jul-10
BAS281 VISHAY-BAS281 Datasheet
175Kb / 4P
Small Signal Schottky Diodes
23-Jul-10
BAS281-GS08 VISHAY-BAS281-GS08 Datasheet
166Kb / 5P
Small Signal Schottky Diodes
17-Mar-06
More results


Similar Description - BAS281

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
SMALL SIGNAL SCHOTTKY DIODES
SD103A MCC-SD103A Datasheet
121Kb / 3P
Small Signal Schottky Diodes
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAT42W-V VISHAY-BAT42W-V_10 Datasheet
63Kb / 4P
Small Signal Schottky Diodes
05-Aug-10
SD101AW-V VISHAY-SD101AW-V_10 Datasheet
61Kb / 4P
Small Signal Schottky Diodes
05-Aug-10
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
Small Signal Schottky Diodes
23-Jul-10
BAT81S VISHAY-BAT81S_12 Datasheet
106Kb / 4P
Small Signal Schottky Diodes
23-Jul-10
logo
Comchip Technology
CDBH3-00340-G COMCHIP-CDBH3-00340-G Datasheet
67Kb / 2P
Small Signal Schottky Diodes
CDBV3-54 COMCHIP-CDBV3-54_12 Datasheet
103Kb / 4P
Small Signal Schottky Diodes
logo
STMicroelectronics
TMMBAT48FILM STMICROELECTRONICS-TMMBAT48FILM Datasheet
67Kb / 5P
SMALL SIGNAL SCHOTTKY DIODES
Aug-1999
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com