Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU1006 Datasheet (PDF) - Vishay Siliconix

BU1006 Datasheet PDF - Vishay Siliconix
Part # BU1006
Download  BU1006 Download
File Size   150.22 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Enhanced isoCink™ Bridge Rectifiers

BU1006 Datasheet (PDF)

Go To PDF Page Download Datasheet
BU1006 Datasheet PDF - Vishay Siliconix

Part # BU1006
Download  BU1006 Click to download

File Size   150.22 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Enhanced isoCink™ Bridge Rectifiers

BU1006 Datasheet (HTML) - Vishay Siliconix


BU1006 Product details

FEATURES
• UL recognition file number E312394
• Thin single in-line package
• Glass passivated chip junction
• Available for BU-5S lead forming option (part
number with “5S” suffix, e.g. BU10065S)
• Superior thermal conductivity
• Solder dip 275 °C max. 10 s, per JESD 22-B106
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

TYPICAL APPLICATIONS
General purpose use in AC/DC bridge full wave rectification
for switching power supply, home appliances and
white-goods applications.

MECHANICAL DATA
Case: BU
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS-compliant, commercial grade
Base P/N-M3 - halogen-free, RoHS-compliant, and
commercial grade
Terminals: matte tin plated leads, solderable per
J-STD-002 and JESD 22-B102
E3 and M3 suffix meet JESD 201 class 1A whisker test
Polarity: as marked on body
Mounting Torque: 10 cm-kg (8.8 inches-lbs) max.




Similar Part No. - BU1006

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BU1006 VISHAY-BU1006 Datasheet
99Kb / 6P
Enhanced PowerBridge Rectifiers
15-Mar-11
BU1006-E3 VISHAY-BU1006-E3 Datasheet
106Kb / 6P
Bridge Rectifiers
16-Aug-13
BU1006-E3/45 VISHAY-BU1006-E3/45 Datasheet
106Kb / 6P
Bridge Rectifiers
16-Aug-13
BU1006-E3/51 VISHAY-BU1006-E3/51 Datasheet
106Kb / 6P
Bridge Rectifiers
16-Aug-13
BU1006-M3 VISHAY-BU1006-M3 Datasheet
106Kb / 6P
Bridge Rectifiers
27-Jun-13
More results


Similar Description - BU1006

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BU2506-E3-51 VISHAY-BU2506-E3-51 Datasheet
107Kb / 6P
Enhanced isoCink™ Bridge Rectifiers
23-Apr-13
BU2508-E3 VISHAY-BU2508-E3 Datasheet
111Kb / 6P
Enhanced isoCink Bridge Rectifiers
16-Aug-13
PB5006-E3 VISHAY-PB5006-E3 Datasheet
98Kb / 5P
Enhanced isoCink Bridge Rectifiers
26-Jun-13
PB3006 VISHAY-PB3006_13 Datasheet
94Kb / 6P
Enhanced isoCink Bridge Rectifiers
26-Jun-13
PB5006 VISHAY-PB5006_13 Datasheet
94Kb / 6P
Enhanced isoCink Bridge Rectifiers
26-Jun-13
BU25H06-E3 VISHAY-BU25H06-E3 Datasheet
116Kb / 5P
Enhanced isoCink™ Bridge Rectifiers
08-Apr-16
BU25H06-M3 VISHAY-BU25H06-M3 Datasheet
117Kb / 5P
Enhanced isoCink™ Bridge Rectifiers
08-Apr-16
BU1006A VISHAY-BU1006A_V01 Datasheet
150Kb / 6P
Enhanced isoCink™ Bridge Rectifiers
01-Mar-2021
BU1206 VISHAY-BU1206_V01 Datasheet
150Kb / 6P
Enhanced isoCink™ Bridge Rectifiers
01-Mar-2021
BU25H06 VISHAY-BU25H06_V01 Datasheet
139Kb / 5P
Enhanced isoCink™ Bridge Rectifiers
25-Mar-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com