Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EDF1AS Datasheet (PDF) - Vishay Siliconix

EDF1AS Datasheet PDF - Vishay Siliconix
Part # EDF1AS
Download  EDF1AS Download
File Size   95.41 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Miniature Glass Passivated Ultrafast Surface-Mount Bridge Rectifiers

EDF1AS Datasheet (PDF)

Go To PDF Page Download Datasheet
EDF1AS Datasheet PDF - Vishay Siliconix

Part # EDF1AS
Download  EDF1AS Click to download

File Size   95.41 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Miniature Glass Passivated Ultrafast Surface-Mount Bridge Rectifiers

EDF1AS Datasheet (HTML) - Vishay Siliconix


EDF1AS Product details

FEATURES
• UL recognition, file number E54214
• Ideal for automated placement
• Glass passivated pellet chip junction
• Ultrafast reverse recovery time for high
frequency
• High surge current capability
• Meets MSL level 1, per J-STD-020, LF maximum peak of
260 °C
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

TYPICAL APPLICATIONS
General purpose use in AC/DC bridge full wave rectification
for SMPS, lighting ballaster, adapter, battery charger, home
appliances, office equipment, and telecommunication
applications.

MECHANICAL DATA
Case: DFS
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS-compliant, commercial grade
Terminals: matte tin plated leads, solderable per
J-STD-002 and JESD22-B102
E3 suffix meets JESD 201 class 1A whisker test
Polarity: as marked on body




Similar Part No. - EDF1AS

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
EDF1AS GE-EDF1AS Datasheet
84Kb / 2P
MINIATURE GLASS PASSIVATED FAST EFFICIENT SURFACE MOUNT BRIDGE RECTIFIER
logo
Vishay Siliconix
EDF1AS VISHAY-EDF1AS Datasheet
105Kb / 4P
Miniature Glass Passivated Ultrafast Surface Mount Bridge Rectifiers
30-Jan-08
EDF1AS VISHAY-EDF1AS Datasheet
85Kb / 4P
Miniature Glass Passivated Ultrafast
19-Aug-13
EDF1AS VISHAY-EDF1AS Datasheet
85Kb / 4P
Miniature Glass Passivated Ultrafast Surface Mount Bridge Rectifiers
19-Aug-13
EDF1AS-E3/45 VISHAY-EDF1AS-E3/45 Datasheet
86Kb / 5P
Miniature Glass Passivated Ultrafast Surface Mount Bridge Rectifiers
25-Feb-16
More results


Similar Description - EDF1AS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DF15005S VISHAY-DF15005S Datasheet
161Kb / 3P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
09-Dec-04
EDF1AS VISHAY-EDF1AS Datasheet
105Kb / 4P
Miniature Glass Passivated Ultrafast Surface Mount Bridge Rectifiers
30-Jan-08
DF005S VISHAY-DF005S_13 Datasheet
94Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
30-Jan-08
DF005SA-E3-77 VISHAY-DF005SA-E3-77 Datasheet
95Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
30-Jan-08
DF01S-E3-45 VISHAY-DF01S-E3-45 Datasheet
94Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
30-Jan-08
EDF1BS-E3-77 VISHAY-EDF1BS-E3-77 Datasheet
85Kb / 4P
Miniature Glass Passivated Ultrafast Surface Mount Bridge Rectifiers
19-Aug-13
DF005SA VISHAY-DF005SA_13 Datasheet
87Kb / 5P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
19-Aug-13
EDF1AS VISHAY-EDF1AS_16 Datasheet
86Kb / 5P
Miniature Glass Passivated Ultrafast Surface Mount Bridge Rectifiers
25-Feb-16
logo
Surge Components
MB1S SURGE-MB1S Datasheet
409Kb / 2P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
logo
Shenzhen Yixinwei Techn...
MB2S YIXIN-MB2S Datasheet
222Kb / 2P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com