Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VY2 Datasheet (PDF) - Vishay Siliconix

VY2 Datasheet PDF - Vishay Siliconix
Part # VY2_V01
Download  VY2 Download
File Size   173.23 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description EMI Suppression Safety Capacitor, Ceramic Disc, Class X1, 440 VAC, Class Y2, 300 VAC

VY2 Datasheet (PDF)

Go To PDF Page Download Datasheet
VY2 Datasheet PDF - Vishay Siliconix

Part # VY2_V01
Download  VY2 Click to download

File Size   173.23 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description EMI Suppression Safety Capacitor, Ceramic Disc, Class X1, 440 VAC, Class Y2, 300 VAC

VY2 Datasheet (HTML) - Vishay Siliconix


VY2 Product details

FEATURES
• Complying with IEC 60384-14
• High reliability
• Vertical (inline) kinked or straight leads
• Singlelayer AC disc safety capacitors
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912

APPLICATIONS
• X1, Y2 according to IEC 60384-14
• Line-to-line filtering (Class X)
• Line-to-ground filtering (Class Y)
• Primary and secondary coupling (SMPS)
• EMI / RFI suppression and filtering

DESIGN
The capacitor consists of a ceramic disc which is silver
plated on both sides. Connection leads are made of tin
plated copper-clad steel having a diameter of 0.6 mm.
The capacitors may be supplied with vertical (inline) kinked
leads having a lead spacing of 5.0 mm, 7.5 mm, 10.0 mm, or
12.5 mm. Encapsulation is made of flame retardant epoxy
resin in accordance with UL 94 V-0.




Similar Part No. - VY2_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VY2100K29U2JG6V5 VISHAY-VY2100K29U2JG6V5 Datasheet
150Kb / 7P
AC Line Rated Disc Capacitors
08-Mar-12
VY2100K29U2JG6V7 VISHAY-VY2100K29U2JG6V7 Datasheet
150Kb / 7P
AC Line Rated Disc Capacitors
08-Mar-12
VY2100K29U2JS6 VISHAY-VY2100K29U2JS6 Datasheet
150Kb / 7P
AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
08-Mar-12
VY2100K29U2JS6 VISHAY-VY2100K29U2JS6 Datasheet
150Kb / 7P
AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
08-Mar-12
VY2100K29U2JS6 VISHAY-VY2100K29U2JS6 Datasheet
172Kb / 8P
EMI Suppression Safety Capacitor, Ceramic Disc, Class X1, 440 VAC, Class Y2, 300 VAC
28-Jan-2022
More results


Similar Description - VY2_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WKO VISHAY-WKO Datasheet
138Kb / 4P
AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
05-Apr-13
WKO222MCPCRAKR VISHAY-WKO222MCPCRAKR Datasheet
138Kb / 4P
AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
05-Apr-13
VKO VISHAY-VKO Datasheet
138Kb / 4P
AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
22-Mar-2021
VKO472MCQCF0KR VISHAY-VKO472MCQCF0KR Datasheet
147Kb / 5P
EMI Suppression Capacitor, Ceramic Disc, Class X1, 440 VAC, Class Y2, 300 VAC
10-Sep-2021
VY1 VISHAY-VY1_V01 Datasheet
207Kb / 8P
EMI Suppression Safety Capacitor, Ceramic Disc, Class X1, 760 VAC, Class Y1, 500 VAC
16-Sep-2021
WKO VISHAY-WKO_V01 Datasheet
147Kb / 5P
EMI Suppression Capacitor, Ceramic Disc, Class X1, 440 VAC, Class Y2, 300 VAC
28-Jan-2022
WYO VISHAY-WYO_V01 Datasheet
166Kb / 5P
EMI Suppression Capacitor, Ceramic Disc, Class X1, 440 VAC, Class Y2, 250 VAC
28-Jan-2022
25Y VISHAY-25Y Datasheet
169Kb / 7P
EMI Suppression Capacitor, Ceramic Disc, Class X1, 400 VAC, Class Y2, 300 VAC / 250 VAC INSULATION RESISTANCE
23-Jul-2021
30LV VISHAY-30LV Datasheet
169Kb / 9P
EMI Suppression Capacitor, Ceramic Disc, Class X1, 400 VAC, Class Y2, 300 VAC
30-Sep-2021
VY2 VISHAY-VY2 Datasheet
172Kb / 8P
EMI Suppression Safety Capacitor, Ceramic Disc, Class X1, 440 VAC, Class Y2, 300 VAC
28-Jan-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com