Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34AA02 Datasheet (PDF) - Microchip Technology

34AA02 Datasheet PDF - Microchip Technology
Part # 34AA02
Download  34AA02 Download
File Size   499.72 Kbytes
Page   40 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 2-Kbit I2C Serial EEPROM Software Write-Protect

34AA02 Datasheet (PDF)

Go To PDF Page Download Datasheet
34AA02 Datasheet PDF - Microchip Technology

Part # 34AA02
Download  34AA02 Click to download

File Size   499.72 Kbytes
Page   40 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 2-Kbit I2C Serial EEPROM Software Write-Protect

34AA02 Datasheet (HTML) - Microchip Technology


34AA02 Product details

Description
The Microchip Technology Inc. 34XX02(1) is a 2-Kbit
Electrically Erasable PROM (EEPROM). This device
has two software write-protect features for the lower
half of the array, as well as an external pin that can be
used to write-protect the entire array. This allows the
system designer to protect none, half or all of the array,
depending on the application. The device is organized
as one block of 256 x 8-bit memory with a two-wire
serial interface. Its low-voltage design permits
operation down to 1.7V, with standby and active
currents of only 100 nA and 1 mA, respectively. The
34XX02 also has a page write capability for up to 16 bytes of data.

Features
• Permanent and Resettable Software Write-Protect
for Lower Half of the Array (00h-7Fh)
• Single Supply with Operation Down to 1.7V
• Low-Power CMOS Technology:
- Read current: 1 mA, typical
- Standby current: 100 nA, typical
• Two-Wire Serial Interface Bus, I2C Compatible
• Cascadable Up to Eight Devices
• Schmitt Trigger Inputs for Noise Suppression
• Output Slope Control to Eliminate Ground Bounce
• 100 kHz and 400 kHz Compatibility
• 1 MHz Clock for LC Versions
• Page Write Time: 5 ms, Maximum
• Self-Timed Erase/Write Cycle
• 16-Byte Page Write Buffer
• ESD Protection > 4,000V
• Software Write Protection for Lower 128 Bytes
• Hardware Write Protection for Entire Array
• More than 1 Million Erase/Write Cycles
• Data Retention > 200 Years
• RoHS Compliant
• Available for Extended Temperature Ranges:
- Industrial (I): -40°C to +85°C
- Extended (E): -40°C to +125°C
• Automotive AEC-Q100 Qualified




Similar Part No. - 34AA02

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
34AA02 MICROCHIP-34AA02 Datasheet
399Kb / 32P
2K I2C??Serial EEPROM Software Write-Protect
2010
34AA02 MICROCHIP-34AA02 Datasheet
532Kb / 32P
2K I2C Serial EEPROM Software Write-Protect
01/02/08
34AA02 MICROCHIP-34AA02 Datasheet
532Kb / 32P
2K I2C Serial EEPROM Software Write-Protect
01/02/08
34AA02-I MICROCHIP-34AA02-I Datasheet
532Kb / 32P
2K I2C Serial EEPROM Software Write-Protect
01/02/08
34AA02-I/P MICROCHIP-34AA02-I/P Datasheet
631Kb / 32P
2K I2C Serial EEPROM Software Write-Protect
01/02/08
More results


Similar Description - 34AA02

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA52 MICROCHIP-24AA52 Datasheet
328Kb / 22P
2K 2.2V I2C Serial EEPROM with Software Write-Protect
02/17/04
24AA52 MICROCHIP-24AA52_05 Datasheet
455Kb / 28P
2K 2.2V I2C??Serial EEPROM with Software Write-Protect
2005
34AA02 MICROCHIP-34AA02 Datasheet
399Kb / 32P
2K I2C??Serial EEPROM Software Write-Protect
2010
34VL02 MICROCHIP-34VL02 Datasheet
813Kb / 32P
2K I2C Serial EEPROM Software Write-Protect
2008
34AA02 MICROCHIP-34AA02_11 Datasheet
602Kb / 36P
2K I2C??Serial EEPROM Software Write-Protect
2011
34LC02T-I MICROCHIP-34LC02T-I Datasheet
631Kb / 32P
2K I2C Serial EEPROM Software Write-Protect
01/02/08
34AA02-I MICROCHIP-34AA02-I Datasheet
532Kb / 32P
2K I2C Serial EEPROM Software Write-Protect
01/02/08
34LC02T-I MICROCHIP-34LC02T-I Datasheet
532Kb / 32P
2K I2C Serial EEPROM Software Write-Protect
01/02/08
34AA04 MICROCHIP-34AA04 Datasheet
666Kb / 36P
4K I2C??Serial EEPROM with Software Write-Protect
03/25/14
logo
ON Semiconductor
CAT24S64 ONSEMI-CAT24S64 Datasheet
124Kb / 12P
EEPROM Serial 64-Kb I2C with Software Write Protect
September, 2018 ??Rev. 2
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com