Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F27 Datasheet (PDF) - Microchip Technology

PIC18F27 Datasheet PDF - Microchip Technology
Part # PIC18F27
Download  PIC18F27 Download
File Size   13946.19 Kbytes
Page   1140 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 28/40/44/48-Pin, Low-Power, High-Performance Microcontroller with XLP Technology

PIC18F27 Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC18F27 Datasheet PDF - Microchip Technology

Part # PIC18F27
Download  PIC18F27 Click to download

File Size   13946.19 Kbytes
Page   1140 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 28/40/44/48-Pin, Low-Power, High-Performance Microcontroller with XLP Technology

PIC18F27 Datasheet (HTML) - Microchip Technology


PIC18F27 Product details

The PIC18-Q84 microcontroller family is available in 28/40/44/48-pin devices for many automotive and industrial
applications. The many communication peripherals found on the product family, such as Controller Area Network
(CAN), Serial Peripheral Interface (SPI), Inter-Integrated Circuit (I2C), two Universal Asynchronous Receiver
Transmitters (UARTs), can handle a wide range of wired and wireless (using external modules) communication
protocols for intelligent applications. Combined with the Core Independent Peripherals (CIPs) integration capabilities,
this capacity enables functions for motor control, power supply, sensor, signal and user interface applications.
Additionally, this family includes a 12-bit Analog-to-Digital Converter (ADC) with Computation and Context Switching
extensions for automated signal analysis to reduce the complexity of the application.

Features
• C Compiler Optimized RISC Architecture
• Operating Speed:
– DC – 64 MHz clock input
– 62.5 ns minimum instruction cycle
• Eight Direct Memory Access (DMA) Controllers:
– Data transfers to SFR/GPR spaces from either Program Flash Memory, Data EEPROM or SFR/GPR
spaces
– User-programmable source and destination sizes
– Hardware and software triggered data transfers
• Vectored Interrupt Capability:
– Selectable high/low priority
– Fixed interrupt latency of three instruction cycles
– Programmable vector table base address
– Backwards compatible with previous interrupt capabilities
• 128-Level Deep Hardware Stack
• Low-Current Power-on Reset (POR)
• Configurable Power-up Timer (PWRT)
• Brown-out Reset (BOR)
• Low-Power BOR (LPBOR) Option
• Windowed Watchdog Timer (WWDT):
– Watchdog Reset on too long or too short interval between watchdog clear events
– Variable prescaler selection
– Variable window size selection




Similar Part No. - PIC18F27

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F27 MICROCHIP-PIC18F27 Datasheet
14Mb / 829P
28/40-pin, Low-Power, High-Performance Microcontrollers
PIC18F27/47Q10 MICROCHIP-PIC18F27/47Q10 Datasheet
9Mb / 829P
28/40-pin, Low-Power, High-Performance Microcontrollers
2019
PIC18F27J13 MICROCHIP-PIC18F27J13 Datasheet
4Mb / 558P
28/44-Pin, High-Performance Microcontrollers with nanoWatt XLP Technology
2010
PIC18F27J13-E/ML MICROCHIP-PIC18F27J13-E/ML Datasheet
4Mb / 558P
28/44-Pin, High-Performance Microcontrollers with nanoWatt XLP Technology
2010
PIC18F27J13-E/PT MICROCHIP-PIC18F27J13-E/PT Datasheet
4Mb / 558P
28/44-Pin, High-Performance Microcontrollers with nanoWatt XLP Technology
2010
More results


Similar Description - PIC18F27

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F23K22 MICROCHIP-PIC18F23K22 Datasheet
5Mb / 492P
28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
2010
PIC18F2X MICROCHIP-PIC18F2X Datasheet
5Mb / 496P
28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
2010
PIC16F1824 MICROCHIP-PIC16F1824_11 Datasheet
3Mb / 419P
28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
2010
PIC18LF2X MICROCHIP-PIC18LF2X Datasheet
9Mb / 536P
28/40/44-Pin, Low-Power, High-Performance Microcontrollers with XLP Technology
11/29/11 2012
PIC18LF2X MICROCHIP-PIC18LF2X_13 Datasheet
9Mb / 560P
28/40/44-Pin, Low-Power, High-Performance Microcontrollers with XLP Technology
11/29/11 2010-2012
PIC18F26 MICROCHIP-PIC18F26 Datasheet
8Mb / 808P
28/40/44/48-Pin, Low-Power High-Performance Microcontrollers with XLP Technology
10/25/17
PIC18F27Q84 MICROCHIP-PIC18F27Q84 Datasheet
14Mb / 1146P
28/40/44/48-Pin, Low-Power, High-Performance Microcontroller with XLP Technology
2021
PIC18F27Q43 MICROCHIP-PIC18F27Q43 Datasheet
11Mb / 950P
28/40/44/48-Pin, Low-Power, High-Performance Microcontroller with XLP Technology
2019-2021
PIC18F25Q43 MICROCHIP-PIC18F25Q43 Datasheet
11Mb / 950P
28/40/44/48-Pin, Low-Power, High-Performance Microcontroller with XLP Technology
Rev.E 05/2021
PIC18F26Q43 MICROCHIP-PIC18F26Q43 Datasheet
11Mb / 950P
28/40/44/48-Pin, Low-Power, High-Performance Microcontroller with XLP Technology
Rev E 05/2021
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com