Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAM3X8ERT Datasheet (PDF) - Microchip Technology

SAM3X8ERT Datasheet PDF - Microchip Technology
Part # SAM3X8ERT
Download  SAM3X8ERT Download
File Size   14047.08 Kbytes
Page   1168 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Radiation-Tolerant 32-bit Arm짰 Cortex짰-M3 Microcontroller

SAM3X8ERT Datasheet (PDF)

Go To PDF Page Download Datasheet
SAM3X8ERT Datasheet PDF - Microchip Technology

Part # SAM3X8ERT
Download  SAM3X8ERT Click to download

File Size   14047.08 Kbytes
Page   1168 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Radiation-Tolerant 32-bit Arm짰 Cortex짰-M3 Microcontroller

SAM3X8ERT Datasheet (HTML) - Microchip Technology


SAM3X8ERT Product details

INTRODUCTION
SAM3X8ERT is a radiation-tolerant Arm® Cortex®-M3 RISC processor. It operates at a maximum speed of 84 MHz and
features 512 Kbytes of Flash and 100 Kbytes of SRAM. The peripheral set includes a High Speed USB Host and Device
port with embedded transceiver, an Ethernet MAC, 2 CANs, a High Speed MCI for SDIO/SD/MMC, an External Bus
Interface with NAND Flash Controller (NFC), 5 UARTs, 2 TWIs, 4 SPIs, as well as a PWM timer, three 3-channel general-
purpose 32-bit timers, a low-power RTC, a low-power RTT, 256-bit General Purpose Backup Registers, a 12-bit
ADC and a 12-bit DAC.
SAM3X8ERT has three software-selectable low-power modes: Sleep, Wait, and Backup. In Sleep mode, the processor
is stopped while all other functions can be kept running. In Wait mode, all clocks and functions are stopped but some
peripherals can be configured to wake up the system based on predefined conditions. In Backup mode, only the RTC,
RTT, and wake-up logic are kept running.
The SAM3X8ERT architecture is specifically designed to sustain high-speed data transfers. It includes a multi-layer bus
matrix as well as multiple SRAM banks, PDC and DMA channels that enable it to run tasks in parallel and maximize data throughput.

FEATURES
Core
• ARM Cortex-M3 revision 2.0 running at up to 84 MHz
• Memory Protection Unit (MPU)
• Thumb®-2 instruction set
• 24-bit SysTick Counter
• Nested Vector Interrupt Controller
Memories
• 512 Kbytes embedded Flash, 128-bit wide access, memory accelerator, dual bank
• 100 Kbytes embedded SRAM with dual banks
• 16 Kbytes ROM with embedded bootloader routines (UART, USB) and IAP routines
• Static Memory Controller (SMC): SRAM, NOR, NAND support. NFC with 4 Kbyte RAM buffer and ECC
• Flash Data Retention: 20 years with TA = 105 °C
System
• Embedded voltage regulator for single supply operation
• Power-on-Reset (POR), Brown-out Detector (BOD) and Watchdog for safe reset
• Quartz or ceramic resonator oscillators: 3 to 20 MHz main and optional low power 32.768 kHz for RTC or device
clock
• High precision 8/12 MHz factory trimmed internal RC oscillator with 4 MHz default frequency for fast device
startup
• Slow Clock Internal RC oscillator as permanent clock for device clock in low-power mode
• One PLL for device clock and one dedicated PLL for USB 2.0 High Speed Mini Host/Device
• Temperature Sensor
• Up to 17 peripheral DMA (PDC) channels and 6-channel central DMA plus dedicated DMA for High-Speed USB
Mini Host/Device and Ethernet MAC
Low-Power Modes
• Sleep, Wait and Backup modes, down to 2.5 ìA in Backup mode with RTC, RTT, and GPBR
Peripherals
• USB 2.0 Device/Mini Host: 480 Mbps, 4 Kbyte FIFO, up to 10 bidirectional Endpoints, dedicated DMA
• Up to 4 USARTs (ISO7816, IrDA®, Flow Control, SPI, Manchester and LIN support) and one UART
• 2 TWI (I2C compatible), up to 6 SPIs, 1 SSC (I2S), 1 HSMCI (SDIO/SD/MMC) with up to 2 slots
• 9-channel 32-bit Timer Counter (TC) for capture, compare and PWM mode, Quadrature Decoder Logic and 2-bit
Gray Up/Down Counter for Stepper Motor
• Up to 8-channel 16-bit PWM (PWMC) with Complementary Output, Fault Input, 12-bit Dead Time Generator
Counter for Motor Control
• 32-bit low-power Real-time Timer (RTT) and low-power Real-time Clock (RTC) with calendar and alarm features
• 256-bit General Purpose Backup Registers (GPBR)
• 16-channel 12-bit 1 msps ADC with differential input mode and programmable gain stage
• 2-channel 12-bit 1 msps DAC
• Ethernet MAC 10/100 (EMAC) with dedicated DMA
• 2 CAN Controllers with 8 Mailboxes
• True Random Number Generator (TRNG)
• Register Write Protection
I/O
• Up to 103 I/O lines with external interrupt capability (edge or level sensitivity), debouncing, glitch filtering and ondie
Series Resistor Termination
• Up to four 32-bit Parallel Input/Outputs (PIO)
Operating Range
• Temperature: -40 °C to +105 °C
• Single Supply Voltage: 3.0V to 3.6V
• Dual Supply Voltage
- VDDIO: 3.0V to 3.6V
- VDDCORE: 1.8V to 1.95V
Radiation Performances
• No Single Event Latch-up Below an LET Threshold of 62 MeV.cm2/mg @105 °C
• TID immunity successfully tested up to 30 Krads (si) according to ESCC-22900 test method
Packages
• 144-lead LQFP – 20 x 20 mm, pitch 0.5 mm
• 144-lead CQFP – 22 x 22 mm, pitch 0.5 mm
ESD
• HBM: 4000V
• CDM:
- LQFP144: 1000V
- CQFP144: 500V
Mass
• LQFP144: 1.37g
• CQFP144:
- Cropped and formed: 6.19g
- With tie-bar: 8.87g




Similar Part No. - SAM3X8ERT

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
SAM3X8E ATMEL-SAM3X8E Datasheet
851Kb / 71P
AT91SAM ARM-based Flash MCU
More results


Similar Description - SAM3X8ERT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB9A110A CYPRESS-MB9A110A Datasheet
4Mb / 112P
32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
MB9A120L CYPRESS-MB9A120L Datasheet
1Mb / 90P
32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
MB9A310K CYPRESS-MB9A310K Datasheet
1Mb / 87P
32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
MB9A340NB CYPRESS-MB9A340NB Datasheet
2Mb / 126P
32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
MB9AA40NB CYPRESS-MB9AA40NB Datasheet
2Mb / 131P
32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
MB9B110T CYPRESS-MB9B110T Datasheet
3Mb / 133P
32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
MB9B120J CYPRESS-MB9B120J Datasheet
947Kb / 77P
32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
MB9B410R CYPRESS-MB9B410R Datasheet
1Mb / 112P
32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
MB9B510T CYPRESS-MB9B510T Datasheet
4Mb / 126P
32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
MB9BD10T CYPRESS-MB9BD10T Datasheet
4Mb / 134P
32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com