Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY88403BL Datasheet (PDF) - Microchip Technology

SY88403BL Datasheet PDF - Microchip Technology
Part # SY88403BL
Download  SY88403BL Download
File Size   2263.39 Kbytes
Page   23 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 3.3V 4.25 Gbps CML Low-Power Limiting Post Amplifier with TTL LOS

SY88403BL Datasheet (PDF)

Go To PDF Page Download Datasheet
SY88403BL Datasheet PDF - Microchip Technology

Part # SY88403BL
Download  SY88403BL Click to download

File Size   2263.39 Kbytes
Page   23 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 3.3V 4.25 Gbps CML Low-Power Limiting Post Amplifier with TTL LOS

SY88403BL Datasheet (HTML) - Microchip Technology


SY88403BL Product details

General Description
The SY88403BL is a low-power limiting post amplifier
optimized for copper applications. The device connects
to typical transimpedance amplifiers (TIAs). The linear
signal output from TIAs can contain significant amounts
of noise and may vary in amplitude over time. The
SY88403BL quantizes these signals and outputs
typically 800 mVPP voltage-limited waveforms.
The SY88403BL operates from a single +3.3V ±10%
power supply, over an industrial temperature range of
−40°C to +85°C. With its wide bandwidth and high gain,
signals with data rates up to 4.25 Gbps and as small as
5 mVPP can be amplified to drive devices with CML
inputs or AC-coupled PECL inputs.
The SY88403BL incorporates a loss-of-signal (LOS)
open-collector TTL output with internal 4.75 kΩ pull-up
resistor. A programmable loss-of-signal level set pin
(LOSLVL) sets the sensitivity of the input amplitude
detection.
LOS asserts high if the input amplitude falls below the
threshold set by LOSLVL and de-asserts low
otherwise. LOS can be fed back to the enable bar (/EN)
input to maintain output stability under a loss of signal
condition. /EN de-asserts the true output signal without
removing the input signal. Typically, 3.5 dB LOS
hysteresis is provided to prevent chattering.

Features
• Multi-Rate up to 4.25 Gbps Operation
• 5 mVPP Input Sensitivity
• Low Noise 50Ω CML Data Outputs
- 800 mVPP Output Swing
- 60 ps Edge Rates
- 1psRMS Typ. Random Jitter
- 10psPP Typ. Deterministic Jitter
• Chatter-Free Loss-of-Signal (LOS) Output
- 3.5 dB Electrical Hysteresis
- OC-TTL Output with Internal 4.75 kΩ Pull-Up
Resistor
• Programmable LOS Sensitivity Using Single
External Resistor
• Internal 50Ω Data Input Termination
• TTL /EN Input Allows Feedback from LOS
• Wide Operating Range:
- Single 3.3V ±10% Power Supply
- Industrial Temperature Range: −40°C to
+85°C
• Available in a 16-pin QFN Package

Applications
• 1.062 Gbps, 2.125 Gbps, and 4.25 Gbps Fibre
Channel
• Cable Driver
• Small Form Factor (SFF) and Small Form Factor
Pluggable (SFP) Transceivers
• High-Gain Line Driver and Line Receiver




Similar Part No. - SY88403BL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88403BL MICREL-SY88403BL Datasheet
549Kb / 12P
3.3V 4.25Gbps CML Low-Power Limiting Post Amplifier with TTL LOS
SY88403BL MICREL-SY88403BL Datasheet
501Kb / 12P
3.3V 4.25Gbps CML Low-Power Limiting
SY88403BLEY MICREL-SY88403BLEY Datasheet
549Kb / 12P
3.3V 4.25Gbps CML Low-Power Limiting Post Amplifier with TTL LOS
SY88403BLEY MICREL-SY88403BLEY Datasheet
501Kb / 12P
3.3V 4.25Gbps CML Low-Power Limiting
SY88403BLEYTR MICREL-SY88403BLEYTR Datasheet
549Kb / 12P
3.3V 4.25Gbps CML Low-Power Limiting Post Amplifier with TTL LOS
More results


Similar Description - SY88403BL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88803V MICREL-SY88803V Datasheet
60Kb / 8P
3.3V/5V 155Mbps PECL LOW POWER LIMITING POST AMPLIFIER W/TTL LOS
SY88973V MICREL-SY88973V Datasheet
123Kb / 11P
3.3V/5V 3.2Gbps CML LOW-POWER LIMITING POST AMPLIFIER W/TTL LOS
SY88403BL MICREL-SY88403BL Datasheet
549Kb / 12P
3.3V 4.25Gbps CML Low-Power Limiting Post Amplifier with TTL LOS
SY88703V MICREL-SY88703V_06 Datasheet
59Kb / 8P
3.3V/5V 622Mbps PECL LOW-POWER LIMITING POST AMPLIFIER W/TTL LOS
SY88883V MICREL-SY88883V Datasheet
77Kb / 8P
3.3V/5V 3.2Gbps CML LOW-POWER LIMITING POST AMPLIFIER WITH TTL SD
SY88973BL MICREL-SY88973BL Datasheet
539Kb / 11P
3.3V 3.2Gbps CML Low Power Limiting Post Amplifier with TTL LOS
SY88803V MICREL-SY88803V_03 Datasheet
68Kb / 8P
3.3V/5V 155Mbps PECL LOW POWER LIMITING POST AMPLIFIER W/TTL LOS
SY84403BL MICREL-SY84403BL Datasheet
532Kb / 10P
Ultra Small 3.3V 4.25Gbps CML Low-Power Limiting Post Amplifier with TTL LOS
SY84403BL MICREL-SY84403BL Datasheet
413Kb / 10P
Ultra Small 3.3V 4.25Gbps CML Low-Power Limiting Post Amplifier with TTL LOS
SY88773VMG MICREL-SY88773VMG Datasheet
120Kb / 11P
LOW-POWER LIMITING POST AMPLIFIER WITH TTL LOS
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com