Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY89832U Datasheet (PDF) - Microchip Technology

SY89832U Datasheet PDF - Microchip Technology
Part # SY89832U
Download  SY89832U Download
File Size   1167.87 Kbytes
Page   22 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 2.5V Ultra-Precision 1:4 LVDS Fanout Buffer/Translator with Internal Termination

SY89832U Datasheet (PDF)

Go To PDF Page Download Datasheet
SY89832U Datasheet PDF - Microchip Technology

Part # SY89832U
Download  SY89832U Click to download

File Size   1167.87 Kbytes
Page   22 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 2.5V Ultra-Precision 1:4 LVDS Fanout Buffer/Translator with Internal Termination

SY89832U Datasheet (HTML) - Microchip Technology


SY89832U Product details

General Description
The SY89832U is a 2.5V, high-speed, 2 GHz
differential, low voltage differential swing (LVDS)
1:4 fanout buffer optimized for ultra-low skew
applications. Within device skew is guaranteed to be
less than 20 ps over supply voltage and temperature.
The differential input buffer has a unique internal
termination design that allows access to the
termination network through a VT pin. This feature
allows the device to easily interface to different logic
standards. A VREF–AC reference output is included for
AC-coupled applications.
The SY89832U is a part of the high-speed clock
synchronization family. For 3.3V applications, see
SY89833L or SY89833AL.

Features
• Guaranteed AC Performance over Temperature
and Voltage:
- DC-to >2.0 GHz Throughput
- <570 ps Propagation Delay (IN-to-Q)
- <20 ps Within-Device Skew
- <200 ps Rise/Fall Time
• Ultra-Low Jitter Design:
• 81 fsRMS Phase Jitter
• Unique, Patented Input Termination and VT Pin
Accepts DC- and AC-Coupled Inputs
• High-Speed LVDS Outputs
• 2.5V Voltage Supply Operation
• Industrial Temperature Range: –40°C to +85°C
• Available in a 16-Lead 3 mm x 3 mm QFN Package

Applications
• Processor Clock Distribution
• SONET Clock Distribution
• Fibre Channel Clock Distribution
• Gigabit Ethernet Clock Distribution




Similar Part No. - SY89832U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89832U MICREL-SY89832U Datasheet
156Kb / 10P
2.5V ULTRA-PRECISION 1:4 LVDS FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89832U MICREL-SY89832U Datasheet
118Kb / 10P
2.5V ULTRA-PRECISION 1:4 LVDS FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89832U MICREL-SY89832U Datasheet
866Kb / 13P
2.5V Ultra-Precision 1:4 LVDS Fanout Buffer/Translator with Internal Termination
SY89832UMG MICREL-SY89832UMG Datasheet
156Kb / 10P
2.5V ULTRA-PRECISION 1:4 LVDS FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89832UMG MICREL-SY89832UMG Datasheet
118Kb / 10P
2.5V ULTRA-PRECISION 1:4 LVDS FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
More results


Similar Description - SY89832U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89832U MICREL-SY89832U Datasheet
156Kb / 10P
2.5V ULTRA-PRECISION 1:4 LVDS FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89854U MICREL-SY89854U Datasheet
550Kb / 13P
Precision Low Power 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
SY89832U MICREL-SY89832U_07 Datasheet
118Kb / 10P
2.5V ULTRA-PRECISION 1:4 LVDS FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89831U MICREL-SY89831U Datasheet
130Kb / 11P
ULTRA-PRECISION 1:4 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89831U MICREL-SY89831U_10 Datasheet
851Kb / 11P
UlTRA-PRECISION 1:4 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89833AL MICREL-SY89833AL Datasheet
419Kb / 12P
3.3V Low Noise Ultra-Precision 1:4 LVDS Fanout Buffer/Translator with Internal Termination
SY89833L MICREL-SY89833L_07 Datasheet
123Kb / 10P
3.3V ULTRA-PRECISION 1:4 LVDS FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89833L MICREL-SY89833L_14 Datasheet
652Kb / 13P
3.3V Ultra-Precision 1:4 LVDS Fanout Buffer/Translator with Internal Termination
SY89832U MICREL-SY89832U_14 Datasheet
866Kb / 13P
2.5V Ultra-Precision 1:4 LVDS Fanout Buffer/Translator with Internal Termination
SY89831U MICREL-SY89831U_14 Datasheet
758Kb / 14P
Ultra-Precision 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com