Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5744 Datasheet (PDF) - Microchip Technology

USB5744 Datasheet PDF - Microchip Technology
Part # USB5744
Download  USB5744 Download
File Size   771.19 Kbytes
Page   51 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 4-Port SS/HS USB Controller Hub

USB5744 Datasheet (PDF)

Go To PDF Page Download Datasheet
USB5744 Datasheet PDF - Microchip Technology

Part # USB5744
Download  USB5744 Click to download

File Size   771.19 Kbytes
Page   51 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 4-Port SS/HS USB Controller Hub

USB5744 Datasheet (HTML) - Microchip Technology


USB5744 Product details

General Description
The Microchip USB5744 hub is low-power, OEM configurable, USB 3.2 Gen 1 hub feature controller with 4 downstream
ports and advanced features for embedded USB applications. The USB5744 is fully compliant with the Universal Serial
Bus Revision 3.2 Specification and USB 2.0 Link Power Management Addendum. The USB5744 supports 5 Gbps
SuperSpeed (SS), 480 Mbps Hi-Speed (HS), 12 Mbps Full-Speed (FS), and 1.5 Mbps Low-Speed (LS) USB downstream
devices on all enabled downstream ports.
The USB5744 supports the legacy USB speeds (HS/FS/LS) through a dedicated USB 2.0 hub feature controller that is
the culmination of five generations of Microchip hub feature controller design and experience with proven reliability,
interoperability, and device compatibility. The SuperSpeed hub feature controller operates in parallel with the USB 2.0
controller, decoupling the 5 Gbps SS data transfers from bottlenecks due to the slower USB 2.0 traffic.
The USB5744 supports downstream battery charging. The USB5744 integrated battery charger detection circuitry supports
the USB-IF Battery Charging (BC1.2) detection method and most Apple devices. The USB5744 provides the battery
charging handshake and supports the following USB-IF BC1.2 charging profiles:
• DCP: Dedicated Charging Port (Power brick with no data)
• CDP: Charging Downstream Port (1.5A with data)
• SDP: Standard Downstream Port (0.5A with data)
• Custom profiles loaded via SMBus or OTP
Additionally, the USB5744 includes many powerful and unique features such as:
PortSwap, which adds per-port programmability to USB differential-pair pin locations. PortSwap allows direct alignment
of USB signals (D+/D-) to connectors to avoid uneven trace length or crossing of the USB differential signals on the
PCB.
PHYBoost, which provides programmable levels of Hi-Speed USB signal drive strength
in the downstream port transceivers. PHYBoost attempts to restore USB signal integrity
in a compromised system environment. The graphic on the right shows an example of
Hi-Speed USB eye diagrams before and after PHYBoost signal integrity restoration. in
a compromised system environment
VariSense, which controls the USB receiver sensitivity enabling programmable levels of USB signal receive sensitivity.
This capability allows operation in a sub-optimal system environment, such as when a captive USB cable is used.
The USB5744 can be configured for operation through internal default settings. Custom OEM configurations are supported
through external SPI ROM or OTP ROM. All port control signal pins are under firmware control in order to allow
for maximum operational flexibility, and are available as GPIOs for customer specific use.
The USB5744 is available in commercial (0°C to +70°C) and industrial (-40°C to +85°C) temperature ranges. An internal
block diagram of the USB5744 is shown in Figure 2-1.

Highlights
• USB Hub Feature Controller IC with 4 USB 3.2
Gen 1 / USB 2.0 downstream ports
• USB-IF Battery Charger revision 1.2 support on
up & downstream ports (DCP, CDP, SDP)
• USB Link Power Management (LPM) support
• Enhanced OEM configuration options available
through either OTP or SPI ROM
• USB-IF certified (TID 330000076), supporting latest
Engineering Change Notices for compliance
with USB-IF logo testing for new USB Type-C®
industry initiative
- Header Packet Timer (TD7.9, TD7.11, TD7.26)
- Power Management Timer (TD7.18, TD7.20, TD7.23)
- Unacknowledged Connect and Remote
Wake Test Failure (TD10.25)
• Available in 56-pin (7 x 7 mm) VQFN lead-free,
RoHS compliant package
• Commercial and industrial grade temperature
support
• Configuration Straps: Predefined configuration of
system level functions

Target Applications
• Standalone USB Hubs
• Laptop Docks
• PC Motherboards
• PC Monitor Docks
• Multi-function USB 3.2 Gen 1 Peripherals




Similar Part No. - USB5744

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
USB5744 MICROCHIP-USB5744 Datasheet
729Kb / 49P
4-Port SS/HS USB Controller Hub
07/14/15
USB5744 MICROCHIP-USB5744 Datasheet
773Kb / 51P
4-Port SS/HS USB Controller Hub
DS00001855C (06-22-15)
USB5744-I/2G MICROCHIP-USB5744-I/2G Datasheet
729Kb / 49P
4-Port SS/HS USB Controller Hub
07/14/15
USB5744-I/2G MICROCHIP-USB5744-I/2G Datasheet
773Kb / 51P
4-Port SS/HS USB Controller Hub
DS00001855C (06-22-15)
USB5744-I/2GSEU MICROCHIP-USB5744-I/2GSEU Datasheet
773Kb / 51P
4-Port SS/HS USB Controller Hub
DS00001855C (06-22-15)
More results


Similar Description - USB5744

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
USB5532B MICROCHIP-USB5532B Datasheet
532Kb / 40P
2-Port SS/HS USB Hub Controller
07/14/15
USB5533B MICROCHIP-USB5533B Datasheet
937Kb / 71P
3-Port SS/HS USB Hub Controller
07/14/15
USB5534B MICROCHIP-USB5534B Datasheet
952Kb / 73P
4-Port SS/HS USB Hub Controller
07/14/15
USB5537B MICROCHIP-USB5537B Datasheet
1Mb / 79P
7-Port SS/HS USB Hub Controller
07/14/15
USB5744 MICROCHIP-USB5744 Datasheet
729Kb / 49P
4-Port SS/HS USB Controller Hub
07/14/15
USB5734 MICROCHIP-USB5734 Datasheet
796Kb / 61P
4-Port SS/HS USB Controller Hub
07/14/15
USB5532B MICROCHIP-USB5532B_15 Datasheet
930Kb / 68P
2-Port SS/HS USB Hub Controller
07/14/15
USB5742 MICROCHIP-USB5742_V01 Datasheet
776Kb / 48P
2-Port SS/HS USB Controller Hub
03-09-22
USB5742B MICROCHIP-USB5742B Datasheet
747Kb / 48P
2-Port SS/HS USB Controller Hub
DS00002016H (04-27-22)
USB5744 MICROCHIP-USB5744_V02 Datasheet
773Kb / 51P
4-Port SS/HS USB Controller Hub
DS00001855C (06-22-15)
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com