Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB5816C Datasheet (PDF) - Microchip Technology

USB5816C Datasheet PDF - Microchip Technology
Part # USB5816C
Download  USB5816C Download
File Size   2799.68 Kbytes
Page   66 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 6-Port USB 3.2 Gen 1 SmartHubTM IC with Support for a Single USB Type-C짰 DFP

USB5816C Datasheet (PDF)

Go To PDF Page Download Datasheet
USB5816C Datasheet PDF - Microchip Technology

Part # USB5816C
Download  USB5816C Click to download

File Size   2799.68 Kbytes
Page   66 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 6-Port USB 3.2 Gen 1 SmartHubTM IC with Support for a Single USB Type-C짰 DFP

USB5816C Datasheet (HTML) - Microchip Technology


USB5816C Product details

General Description
The Microchip USB5816C hub is a low-power, OEM configurable, USB 3.2 Gen 1 hub controller with 6 downstream
ports and advanced features for embedded USB applications. The USB5816C is fully compliant with the Universal Serial
Bus Revision 3.1 Specification and USB 2.0 Link Power Management Addendum. The USB5816C supports 5 Gbps
SuperSpeed (SS), 480 Mbps Hi-Speed (HS), 12 Mbps Full-Speed (FS), and 1.5 Mbps Low-Speed (LS) USB downstream
devices on all enabled downstream ports.
The USB5816C supports the legacy USB speeds (HS/FS/LS) through a dedicated USB 2.0 hub controller that is the
culmination of five generations of Microchip hub controller design and experience with proven reliability, interoperability,
and device compatibility. The SuperSpeed hub controller operates in parallel with the USB 2.0 hub controller, decoupling
the 5 Gbps SS data transfers from bottlenecks due to the slower USB 2.0 traffic.
The USB5816C hub feature controller enables OEMs to configure their system using “Configuration Straps.” These
straps simplify the configuration process, assigning default values to USB 3.2 Gen 1 ports and GPIOs. OEMs can disable
ports, enable battery charging, and define GPIO functions as default assignments on power-up, removing the need
for OTP or external SPI ROM.
The USB5816C supports downstream battery charging via the integrated battery charger detection circuitry, which supports
the USB-IF Battery Charging (BC1.2) detection method and most Apple devices. The USB5816C provides the
battery charging handshake and supports the following USB-IF BC1.2 charging profiles:
• DCP: Dedicated Charging Port (Power brick with no data)
• CDP: Charging Downstream Port (1.5A with data)
• SDP: Standard Downstream Port (0.5A with data)
• Custom profiles loaded via SMBus or OTP
Additionally, the USB5816C includes many powerful and unique features such as:
The Hub Feature Controller, which provides an internal USB device dedicated for use as a USB to I2C/UART/SPI/
GPIO interface, allowing external circuits or devices to be monitored, controlled, or configured via the USB interface.
PortSwap, which adds per-port programmability to USB differential-pair pin locations. PortSwap allows direct alignment
of USB signals (D+/D-) to connectors to avoid uneven trace length or crossing of the USB differential signals on the
PCB.
PHYBoost, which provides programmable levels of Hi-Speed USB signal drive strength
in the downstream port transceivers. PHYBoost attempts to restore USB signal integrity
in a compromised system environment. The graphic on the right shows an example of
Hi-Speed USB eye diagrams before and after PHYBoost signal integrity restoration. in
a compromised system environment.
VariSense, which controls the USB receiver sensitivity enabling programmable levels of USB signal receive sensitivity.
This capability allows operation in a sub-optimal system environment, such as when a captive USB cable is used.
Port Split, which allows for the USB3.1 Gen1 and USB2.0 portions of downstream ports 4 and 5to operate independently
and enumerate two separate devices in parallel in special applications.
USB Power Delivery Billboard Device, which allows an internal device to enumerate as a Billboard class device when
a Power Delivery Alternate Mode negotiation has failed. The Billboard device will enumerate temporarily to the host PC
when a failure occurs, as indicated by a digital signal from an external Power Delivery controller.
The USB5816C can be configured for operation through internal default settings. Custom OEM configurations are supported
through external SPI ROM or OTP ROM. All port control signal pins are under firmware control in order to allow
for maximum operational flexibility, and are available as GPIOs for customer specific use.
The USB5816C is available in commercial (0°C to +70°C) and industrial (-40°C to +85°C) temperature ranges. An internal
block diagram of the USB5816C is shown in Figure 2-1.

Highlights
• USB Hub Feature Controller IC Hub with:
- 1 USB 3.1 Gen 1 USB Type-C® downstream port
- 4 USB 3.1 Gen 1 legacy downstream ports
- 1 USB 2.0 downstream port
- Legacy upstream port
• USB-IF Battery Charger revision 1.2 support on
up & downstream ports (DCP, CDP, SDP)
• Internal Hub Feature Controller device enables:
- USB to I2C/SPI/GPIO bridge endpoint support
- USB to internal hub register write and read
• USB Link Power Management (LPM) support
• Enhanced OEM configuration options available
through either OTP or SPI ROM
• (TID 963) USB-IF certified, supporting latest
Engineering Change Notices for compliance with
USB-IF logo testing for new USB Type-C®
industry initiative (Revision C or newer only)
- Header Packet Timer (TD7.9, TD7.11, TD7.26)
- Power Management Timer (TD7.18, TD7.20, TD7.23)
- Unacknowledged Connect and Remote
Wake Test Failure (TD10.25)
• Available in 100-pin (12mm x 12mm) VQFN
RoHS compliant package
• Commercial and industrial grade temperature support

Target Applications
• Standalone USB Hubs
• Laptop Docks
• PC Motherboards
• PC Monitor Docks
• Multi-function USB 3.2 Gen 1 Peripherals




Similar Part No. - USB5816C

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
USB5816C MICROCHIP-USB5816C Datasheet
2Mb / 65P
6-Port USB 3.2 Gen 1 SmartHubTM IC with Support for a Single USB Type-C짰 DFP
02/28/20
USB5816C-I/KD MICROCHIP-USB5816C-I/KD Datasheet
2Mb / 66P
6-Port USB 3.2 Gen 1 SmartHubTM IC with Support for a Single USB Type-C짰 DFP
02/28/20
USB5816C-I/KD MICROCHIP-USB5816C-I/KD Datasheet
2Mb / 65P
6-Port USB 3.2 Gen 1 SmartHubTM IC with Support for a Single USB Type-C짰 DFP
02/28/20
USB5816C/KD MICROCHIP-USB5816C/KD Datasheet
2Mb / 66P
6-Port USB 3.2 Gen 1 SmartHubTM IC with Support for a Single USB Type-C짰 DFP
02/28/20
USB5816C/KD MICROCHIP-USB5816C/KD Datasheet
2Mb / 65P
6-Port USB 3.2 Gen 1 SmartHubTM IC with Support for a Single USB Type-C짰 DFP
02/28/20
More results


Similar Description - USB5816C

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
USB5906C MICROCHIP-USB5906C Datasheet
2Mb / 63P
6-Port USB 3.2 Gen 1 SmartHubTM IC with Support for a Single USB Type-C짰 UFP
02/28/20
USB5916 MICROCHIP-USB5916 Datasheet
2Mb / 66P
6-Port USB 3.2 Gen 1 SmartHubTM with Support for a USB Type-C짰 UFP and DFP
02/28/20
USB5926 MICROCHIP-USB5926 Datasheet
2Mb / 66P
6-Port USB 3.2 Gen 1 SmartHubTM with Support for Multiple USB Type-C짰 UFP and DFP
02/28/20
USB5926C MICROCHIP-USB5926C Datasheet
2Mb / 65P
6-Port USB 3.2 Gen 1 SmartHubTM with Support for Multiple USB Type-C짰 UFP and DFP
02/28/20
USB5816 MICROCHIP-USB5816 Datasheet
2Mb / 66P
6-Port USB 3.2 Gen 1 SmartHubTM IC with Support for a Single USB Type-C짰 DFP
02/28/20
USB5816C MICROCHIP-USB5816C Datasheet
2Mb / 65P
6-Port USB 3.2 Gen 1 SmartHubTM IC with Support for a Single USB Type-C짰 DFP
02/28/20
USB5826C MICROCHIP-USB5826C Datasheet
2Mb / 65P
6-Port USB 3.2 Gen 1 SmartHubTM IC with Support for Dual USB Type-C짰 DFPs
02/28/20
USB5906 MICROCHIP-USB5906 Datasheet
2Mb / 64P
6-Port USB 3.2 Gen 1 SmartHubTM IC with Support for a Single USB Type-C짰 UFP
02/28/20
USB5906C MICROCHIP-USB5906C_V01 Datasheet
2Mb / 64P
6-Port USB 3.2 Gen 1 SmartHubTM IC with Support for a Single USB Type-C짰 UFP
DS00003188C (03-17-22)
USB5916C MICROCHIP-USB5916C Datasheet
2Mb / 66P
6-Port USB 3.2 Gen 1 SmartHubTM IC with Support for a USB Type-C짰 UFP and DFP
DS00003189C (03-17-22)
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com