Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS-192900600 Datasheet (PDF) - Molex Electronics Ltd.

ATS-192900600 Datasheet PDF - Molex Electronics Ltd.
Part # ATS-192900600
Download  ATS-192900600 Download
File Size   147.86 Kbytes
Page   2 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Crimp Tool Kit for 2 AWG Imperium Max6 Pin Terminals

ATS-192900600 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATS-192900600 Datasheet PDF - Molex Electronics Ltd.

Part # ATS-192900600
Download  ATS-192900600 Click to download

File Size   147.86 Kbytes
Page   2 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Crimp Tool Kit for 2 AWG Imperium Max6 Pin Terminals

ATS-192900600 Datasheet (HTML) - Molex Electronics Ltd.


ATS-192900600 Product details

SCOPE

Tooling: Shank style Crimp Tool Kits are used with the Hydraulic Head Crimper with the Air/Hydraulic Pump
(19286-1000). Refer to the appropriate tool instruction manual for installation and operation information.

Products: Imperium Max6 Pin Terminals to 2 AWG bare copper wire.




Similar Part No. - ATS-192900600

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
ATS-192900001 MOLEX-ATS-192900001 Datasheet
96Kb / 3P
These Specifications also apply to older style HHS Tool Kits
06-01-06
ATS-192900004 MOLEX-ATS-192900004 Datasheet
95Kb / 3P
These Specifications also apply to older style HHS Tool Kitss
06-01-06
ATS-192900007 MOLEX-ATS-192900007 Datasheet
271Kb / 3P
HHL Tool Kit
10-31-14
ATS-192900010 MOLEX-ATS-192900010 Datasheet
267Kb / 3P
HHL Tool Kit
10-31-14
ATS-192900080 MOLEX-ATS-192900080 Datasheet
82Kb / 2P
Crimp Tool Kit for 1/0 AWG Imperium and Imperium Plus Terminals
09-11-14
More results


Similar Description - ATS-192900600

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
19290-0100 MOLEX11-19290-0100 Datasheet
38Kb / 1P
Crimp Tool Kit for 1 AWG Imperium Plus Terminals
19290-0300 MOLEX11-19290-0300 Datasheet
30Kb / 1P
Crimp Tool Kit for 2/0 AWG Imperium Plus Terminals
19290-0350 MOLEX-19290-0350 Datasheet
82Kb / 2P
Crimp Tool Kit for 2/0 AWG Imperium Plus Terminals
09-11-14
ATS-192900080 MOLEX-ATS-192900080 Datasheet
82Kb / 2P
Crimp Tool Kit for 1/0 AWG Imperium and Imperium Plus Terminals
09-11-14
ATS-192900100 MOLEX-ATS-192900100 Datasheet
115Kb / 2P
Crimp Tool Kit for 1 AWG Imperium Plus Terminals
09-11-14
ATS-192900300 MOLEX-ATS-192900300 Datasheet
114Kb / 2P
Crimp Tool Kit for 2/0 AWG Imperium Plus Terminals
09-11-14
0192900100 MOLEX-0192900100 Datasheet
30Kb / 1P
Crimp Tool Kit for 1 AWG Imperium Plus Terminals
08/25/2022
0192900300 MOLEX-0192900300 Datasheet
30Kb / 1P
Crimp Tool Kit for 2/0 AWG Imperium Plus Terminals
08/26/2022
0192900350 MOLEX-0192900350 Datasheet
30Kb / 1P
Crimp Tool Kit for 2/0 AWG Imperium Plus Terminals
08/26/2022
0192900600 MOLEX-0192900600 Datasheet
39Kb / 1P
Crimp Tool Kit for 2 AWG Imperium Max Terminals
08/25/2022
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com