Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5452291 Datasheet (PDF) - PHOENIX CONTACT

5452291 Datasheet PDF - PHOENIX CONTACT
Part # 5452291
Download  5452291 Download
File Size   221.9 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Printed-circuit board connector - BCH-508H- 3 BK

5452291 Datasheet (PDF)

Go To PDF Page Download Datasheet
5452291 Datasheet PDF - PHOENIX CONTACT

Part # 5452291
Download  5452291 Click to download

File Size   221.9 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Printed-circuit board connector - BCH-508H- 3 BK

5452291 Datasheet (HTML) - PHOENIX CONTACT


5452291 Product details

PCB headers, nominal cross section: 1.5 mm², color: black, nominal current: 12 A, rated voltage (III/2): 320
V, contact surface: Tin, type of contact: Male connector, number of potentials: 3, number of rows: 1, number
of positions: 3, number of connections: 3, product range: BCH-H, pitch: 5.08 mm, mounting: Wave soldering,
pin layout: Linear pinning, solder pin [P]: 3.5 mm, number of solder pins per potential: 1, plug-in system:
BASICLINE 2,5, Pin connector pattern alignment: Standard, Locking: without, mounting: without, type of
packaging: packed in cardboard




Similar Part No. - 5452291

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5452290 PHOENIX-5452290 Datasheet
91Kb / 4P
Printed-circuit board connector - BCH-508H- 2 BK
5452292 PHOENIX-5452292 Datasheet
91Kb / 4P
Printed-circuit board connector - BCH-508H- 4 BK
5452293 PHOENIX-5452293 Datasheet
90Kb / 3P
Printed-circuit board connector - BCH-508H- 5 BK
5452294 PHOENIX-5452294 Datasheet
90Kb / 3P
Printed-circuit board connector - BCH-508H- 6 BK
5452295 PHOENIX-5452295 Datasheet
91Kb / 4P
Printed-circuit board connector - BCH-508H- 7 BK
More results


Similar Description - 5452291

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5452302 PHOENIX-5452302 Datasheet
90Kb / 3P
Printed-circuit board connector - BCH-508H-14 BK
5452301 PHOENIX-5452301 Datasheet
90Kb / 3P
Printed-circuit board connector - BCH-508H-13 BK
5452303 PHOENIX-5452303 Datasheet
91Kb / 4P
Printed-circuit board connector - BCH-508H-15 BK
5452306 PHOENIX-5452306 Datasheet
90Kb / 3P
Printed-circuit board connector - BCH-508H-18 BK
5452308 PHOENIX-5452308 Datasheet
90Kb / 3P
Printed-circuit board connector - BCH-508H-20 BK
5452310 PHOENIX-5452310 Datasheet
91Kb / 4P
Printed-circuit board connector - BCH-508H-22 BK
5452312 PHOENIX-5452312 Datasheet
89Kb / 3P
Printed-circuit board connector - BCH-508H-24 BK
5452292 PHOENIX-5452292 Datasheet
91Kb / 4P
Printed-circuit board connector - BCH-508H- 4 BK
5452298 PHOENIX-5452298 Datasheet
90Kb / 3P
Printed-circuit board connector - BCH-508H-10 BK
5452300 PHOENIX-5452300 Datasheet
91Kb / 4P
Printed-circuit board connector - BCH-508H-12 BK
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com