Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5145342 Datasheet (PDF) - PHOENIX CONTACT

5145342 Datasheet PDF - PHOENIX CONTACT
Part # 5145342
Download  5145342 Download
File Size   70.33 Kbytes
Page   3 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description THERMOMARK S1.1

5145342 Datasheet (PDF)

Go To PDF Page Download Datasheet
5145342 Datasheet PDF - PHOENIX CONTACT

Part # 5145342
Download  5145342 Click to download

File Size   70.33 Kbytes
Page   3 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description THERMOMARK S1.1

5145342 Datasheet (HTML) - PHOENIX CONTACT


5145342 Product details

Thermal transfer printer, Weight: 2 kg, Length: 250 mm, Width: 230
mm, Height: 170 mm, Color: gray




Similar Part No. - 5145342

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5145342 PHOENIX-5145342 Datasheet
48Kb / 2P
Media hub - THERMOMARK-ERH 200
09/12/2020
More results


Similar Description - 5145342

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5146464 PHOENIX-5146464 Datasheet
6Mb / 76P
THERMOMARK LINE
0830677 PHOENIX-0830677 Datasheet
57Kb / 3P
Cable marker label, Roll, white, unlabeled, can be labeled with: THERMOMARK ROLL, THERMOMARK ROLL X1, THERMOMARK ROLLMASTER 300/600, THERMOMARK X1.2, THERMOMARK S1.1, mounting type: adhesive, cable diameter: ??6 mm, lettering field size: 13 x 13 mm
0830678 PHOENIX-0830678 Datasheet
57Kb / 3P
Cable marker label, Roll, white, unlabeled, can be labeled with: THERMOMARK ROLL, THERMOMARK ROLL X1, THERMOMARK ROLLMASTER 300/600, THERMOMARK X1.2, THERMOMARK S1.1, mounting type: adhesive, cable diameter: ??14 mm, lettering field size: 25 x 19 mm
1229456 PHOENIX-1229456 Datasheet
45Kb / 1P
Case - THERMOMARK GO CASE
1090747 PHOENIX-1090747 Datasheet
310Kb / 26P
Thermal transfer printer - THERMOMARK GO
1184146 PHOENIX-1184146 Datasheet
207Kb / 15P
Thermal transfer printer - THERMOMARK GO.K
09/12/2020
5145339 PHOENIX-5145339 Datasheet
50Kb / 2P
Cutter - THERMOMARK S1-CUTTER
09/12/2020
5145371 PHOENIX-5145371 Datasheet
47Kb / 2P
Accessories - THERMOMARK-CP
09/12/2020
5146147 PHOENIX-5146147 Datasheet
77Kb / 3P
THERMOMARK W2
Feb 10, 2011
5146231 PHOENIX-5146231 Datasheet
80Kb / 3P
THERMOMARK X1.2
Feb 10, 2011
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com