Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5453059 Datasheet (PDF) - PHOENIX CONTACT

5453059 Datasheet PDF - PHOENIX CONTACT
Part # 5453059
Download  5453059 Download
File Size   97.79 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB terminal block - BC-508X10- 4 GN

5453059 Datasheet (PDF)

Go To PDF Page Download Datasheet
5453059 Datasheet PDF - PHOENIX CONTACT

Part # 5453059
Download  5453059 Click to download

File Size   97.79 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB terminal block - BC-508X10- 4 GN

5453059 Datasheet (HTML) - PHOENIX CONTACT


5453059 Product details

PCB terminal block, Nominal current: 13.5 A, Nom. voltage: 400 V, Number of positions: 4, Connection method:
Screw connection with tension sleeve, Mounting: Wave soldering, Conductor/PCB connection direction: 0 °,
Color: pastel green




Similar Part No. - 5453059

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
54530 ETC2-54530 Datasheet
300Kb / 1P
Two-Way Splice Connectors - Standard Barrel 600V to 35KV
More results


Similar Description - 5453059

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1706640 PHOENIX-1706640 Datasheet
100Kb / 4P
PCB terminal block - BC-500X10- 4 GN
5430360 PHOENIX-5430360 Datasheet
64Kb / 4P
PCB terminal block - BC-508X10- 2 GY
5430373 PHOENIX-5430373 Datasheet
65Kb / 4P
PCB terminal block - BC-508X10- 3 GY
5436238 PHOENIX-5436238 Datasheet
116Kb / 6P
PCB terminal block - BC-508X10- 4 GY
5442206 PHOENIX-5442206 Datasheet
47Kb / 3P
PCB terminal block - BC-508X10- 2 GN
5442219 PHOENIX-5442219 Datasheet
55Kb / 3P
PCB terminal block - BC-508X10- 3 GN
5442264 PHOENIX-5442264 Datasheet
51Kb / 2P
PCB terminal block - BC-350X9- 4 GN
5452257 PHOENIX-5452257 Datasheet
51Kb / 2P
PCB terminal block - BC-508X10- 2 BK
5452258 PHOENIX-5452258 Datasheet
51Kb / 2P
PCB terminal block - BC-508X10- 3 BK
5454252 PHOENIX-5454252 Datasheet
94Kb / 3P
PCB terminal block - BC-500X14- 4 GN
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com