Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PB5010 Datasheet (PDF) - Vishay Siliconix

PB5010 Datasheet PDF - Vishay Siliconix
Part # PB5010
Download  PB5010 Download
File Size   128.06 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Enhanced isoCinkTM Bridge Rectifiers

PB5010 Datasheet (PDF)

Go To PDF Page Download Datasheet
PB5010 Datasheet PDF - Vishay Siliconix

Part # PB5010
Download  PB5010 Click to download

File Size   128.06 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Enhanced isoCinkTM Bridge Rectifiers

PB5010 Datasheet (HTML) - Vishay Siliconix


PB5010 Product details

FEATURES
• UL recognition file number E312394 (QQQX2)
UL 1557 (see *)
• Enhanced high-current density single in-line
package
• Superior thermal conductivity
• Glass passivated chip junction
• Solder dip 275 °C max. 10 s, per JESD 22-B106
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

TYPICAL APPLICATIONS
General purpose use in AC/DC bridge full wave rectification
for switching power supply, home appliances and
white-goods applications.




Similar Part No. - PB5010

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PB5010 VISHAY-PB5010 Datasheet
93Kb / 5P
Enhanced PowerBridge Rectifiers
15-Mar-11
PB5010 VISHAY-PB5010 Datasheet
98Kb / 5P
Enhanced isoCinkTM Bridge Rectifiers
26-Jun-13
PB5010 VISHAY-PB5010 Datasheet
98Kb / 5P
Enhanced isoCink Bridge Rectifiers
26-Jun-13
logo
RFE international
PB5010 RFE-PB5010 Datasheet
2Mb / 3P
Bridge Rectifiers
12-14-2022
logo
Vishay Siliconix
PB5010-E3 VISHAY-PB5010-E3 Datasheet
98Kb / 5P
Enhanced isoCinkTM Bridge Rectifiers
26-Jun-13
More results


Similar Description - PB5010

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PB3506 VISHAY-PB3506_12 Datasheet
98Kb / 5P
Enhanced isoCinkTM Bridge Rectifiers
07-Feb-12
PB4006 VISHAY-PB4006_12 Datasheet
98Kb / 5P
Enhanced isoCinkTM Bridge Rectifiers
07-Feb-12
PB3008-E3 VISHAY-PB3008-E3 Datasheet
99Kb / 6P
Enhanced isoCinkTM Bridge Rectifiers
26-Jun-13
PB5006-E3 VISHAY-PB5006-E3 Datasheet
98Kb / 5P
Enhanced isoCink Bridge Rectifiers
26-Jun-13
PB3006 VISHAY-PB3006_13 Datasheet
94Kb / 6P
Enhanced isoCink Bridge Rectifiers
26-Jun-13
PB5006 VISHAY-PB5006_13 Datasheet
94Kb / 6P
Enhanced isoCink Bridge Rectifiers
26-Jun-13
BU1006A VISHAY-BU1006A_V01 Datasheet
150Kb / 6P
Enhanced isoCink™ Bridge Rectifiers
01-Mar-2021
BU25H06 VISHAY-BU25H06_V01 Datasheet
139Kb / 5P
Enhanced isoCink™ Bridge Rectifiers
25-Mar-2021
PB3006 VISHAY-PB3006_V01 Datasheet
127Kb / 5P
Enhanced isoCinkTM Bridge Rectifiers
25-Mar-2021
PB4006 VISHAY-PB4006_V01 Datasheet
127Kb / 5P
Enhanced isoCinkTM Bridge Rectifiers
25-Mar-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com