Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALD1732 Datasheet (PDF) - Advanced Linear Devices

ALD1732 Datasheet PDF - Advanced Linear Devices
Part # ALD1732
Download  ALD1732 Download
File Size   90.45 Kbytes
Page   9 Pages
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices
Description PRECISION LOW POWER CMOS OPERATIONAL AMPLIFIER

ALD1732 Datasheet (PDF)

Go To PDF Page Download Datasheet
ALD1732 Datasheet PDF - Advanced Linear Devices

Part # ALD1732
Download  ALD1732 Click to download

File Size   90.45 Kbytes
Page   9 Pages
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices
Description PRECISION LOW POWER CMOS OPERATIONAL AMPLIFIER

ALD1732 Datasheet (HTML) - Advanced Linear Devices


ALD1732 Product details

FEATURES & BENEFITS
• Extremely low input offset voltages and
extremely low input bias currents
• Extremely low input signal power
• Robust high-temperature operation
• Industry standard pinout
• Rail-to-rail input/output
• Input bias current of 0.01pA at input
offset voltage of 30μV
• No external components
• No internal chopper clocking noise
• No chopper dynamic power dissipation
• Simple and cost effective
• Small package size
• Drive up to 4000pF load capacitance
• Low power dissipation
• Suitable for rugged, temperature-extreme
environments
APPLICATIONS
• Precision cable driver
• Sensor interface circuits
• Unity gain buffer amplifier
• Precision analog cable driver
• Transducer biasing circuits
• Capacitive and charge integration circuits
• Biochemical probe interface
• Signal conditioning
• Portable instruments
• High source impedance electrode

amplifiers
• Precision Sample and Hold amplifiers
• Precision current to voltage converter
• Error correction circuits
• Sensor compensation circuits
• Precision gain amplifiers
• System output level shifter

GENERAL DESCRIPTION
The ALD1732A/ALD1732 is a precision low-cost low-power monolithic
CMOS operational amplifier intended for a broad range of precision applications
requiring exremely low input signal power. Input signal power is the
product of input offset voltage and input bias current, which represents the
minimum required power draw from the signal source in order to drive the
input of the operational amplifier. Input signal power is also a figure of merit
in source loading and its associated error, and is a measure of the basic
signal resolution possible through the operational amplifier for a given signal
source. For certain types of signal sources, signal loading directly translates
into a significant distortion or "interface noise equivalent" term.
Manufactured with Advanced Linear Devices' enhanced EPAD® silicon
gate CMOS process, the ALD1732A/ALD1732 is designed to set a new
standard in low input signal power requirements. The typical input loading
at its input is 0.03 mV offset voltage and 0.01 pA input bias current at 25C,
resulting in 0.0003 fW input signal power draw. This input characteristic
virtually eliminates any loading effects on most types of signal sources,
offering unparalled accuracy and signal integrity and fidelity. The
ALD1732A/ALD1732 is ideally suited for capacitive and high sensitivity,
high impedance signal sources. It is readily suited for +5V single supply (or
±2V to ±5V) systems, with low operating power dissipation, a traditional
strength of CMOS technology. It is offered with industry standard μA741 and
ICL7611 pin configurations.
The ALD1732A/ALD1732 can operate with rail to rail large signal input and
output voltages with relatively high slew rate. The input voltage can be equal
to or exceed the positive and negative supply voltages while the output
voltage can swing close to these supply voltage rails. This feature significantly
reduces the supply overhead voltage required to operate the operational
amplifier and allows numerous analog serial stages to operate in a low
power supply environment. In addition, the device can accommodate mixed
applications where digital and analog circuits may operate off the same
power supply or battery. This device also features rail-to-rail input and
output voltage ranges, tolerance to over-voltage input spikes of 300mV
beyond supply rails, high open loop voltage gain, useful bandwidth of
1.5MHz, slew rate of 2.1V/μs, and low supply current of 0.8mA. Finally, the
output stage can typically drive up to 400pF capacitive loads in the unity gain
mode and up to 4000pF capacitive loads at a gain of 5.
These features make the ALD1732A/ALD1732 a versatile, high precision
operational amplifier that is user friendly and easy to use with virtually no
source loading and zero input-loading induced source errors. Additionally,
robust design and rigorous screening make this device especially suitable
for operation in temperature-extreme environments and rugged conditions.




Similar Part No. - ALD1732

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1731 ALD-ALD1731 Datasheet
92Kb / 9P
PRECISION MICROPOWER CMOS OPERATIONAL AMPLIFIER
ALD1731A ALD-ALD1731A Datasheet
92Kb / 9P
PRECISION MICROPOWER CMOS OPERATIONAL AMPLIFIER
ALD1731ADA ALD-ALD1731ADA Datasheet
92Kb / 9P
PRECISION MICROPOWER CMOS OPERATIONAL AMPLIFIER
ALD1731APAL ALD-ALD1731APAL Datasheet
92Kb / 9P
PRECISION MICROPOWER CMOS OPERATIONAL AMPLIFIER
ALD1731ASA ALD-ALD1731ASA Datasheet
92Kb / 9P
PRECISION MICROPOWER CMOS OPERATIONAL AMPLIFIER
More results


Similar Description - ALD1732

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LPC661 NSC-LPC661 Datasheet
311Kb / 13P
Low Power CMOS Operational Amplifier
logo
STMicroelectronics
TS27L4C STMICROELECTRONICS-TS27L4C Datasheet
137Kb / 9P
PRECISION VERY LOW POWER CMOS QUAD OPERATIONAL AMPLIFIER
Jun-2003
logo
Analog Devices
PM1012 AD-PM1012 Datasheet
75Kb / 4P
Low Power Precision Operational Amplifier
REV.C
logo
Burr-Brown (TI)
OPA21 BURR-BROWN-OPA21 Datasheet
300Kb / 6P
Low-Power Precision OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LPC661 NSC-LPC661_14 Datasheet
363Kb / 17P
Low Power CMOS Operational Amplifier
logo
Texas Instruments
OPA211 TI1-OPA211_15 Datasheet
1Mb / 45P
Low Power, Precision Operational Amplifier
OPA2211-EP TI1-OPA2211-EP_16 Datasheet
1Mb / 32P
Low-Power, Precision Operational Amplifier
logo
Advanced Linear Devices
ALD2732A ALD-ALD2732A Datasheet
92Kb / 9P
PRECISION DUAL LOW POWER CMOS OPERATIONAL AMPLIFIER
ALD1722 ALD-ALD1722 Datasheet
112Kb / 9P
PRECISION LOW POWER CMOS OPERATIONAL AMPLIFIER
2011
logo
ADL Embedded Solutions
ALD1722 ADL-ALD1722 Datasheet
100Kb / 9P
PRECISION LOW POWER CMOS OPERATIONAL AMPLIFIER
2011
More results




About Advanced Linear Devices


Advanced Linear Devices (ALD) is a semiconductor company that specializes in designing and manufacturing precision analog integrated circuits (ICs) and related products. The company was founded in 1985 and is based in Sunnyvale, California, USA.

ALD's products are used in a wide range of applications, including industrial automation, medical devices, automotive electronics, and telecommunications. Some of the company's key products include voltage references, operational amplifiers, and analog switches.

One of ALD's main areas of expertise is in the design and manufacture of MOSFETs (metal-oxide-semiconductor field-effect transistors) and JFETs (junction field-effect transistors) that are used in precision analog circuits. ALD's MOSFETs and JFETs are known for their low noise, low drift, high precision, and high reliability.

Overall, ALD has a reputation for producing high-quality analog ICs that are well-suited to demanding applications where accuracy, stability, and low power consumption are critical.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com