Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALD210800A Datasheet (PDF) - Advanced Linear Devices

ALD210800A Datasheet PDF - Advanced Linear Devices
Part # ALD210800A
Download  ALD210800A Download
File Size   519.74 Kbytes
Page   12 Pages
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices
Description PRECISION N-CHANNEL EPAD짰 MOSFET ARRAY QUAD HIGH DRIVE ZERO THRESHOLD??MATCHED PAIR

ALD210800A Datasheet (PDF)

Go To PDF Page Download Datasheet
ALD210800A Datasheet PDF - Advanced Linear Devices

Part # ALD210800A
Download  ALD210800A Click to download

File Size   519.74 Kbytes
Page   12 Pages
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices
Description PRECISION N-CHANNEL EPAD짰 MOSFET ARRAY QUAD HIGH DRIVE ZERO THRESHOLD??MATCHED PAIR

ALD210800A Datasheet (HTML) - Advanced Linear Devices


ALD210800A Product details

FEATURES & BENEFITS
• Zero Threshold™ VGS(th) = 0.00V +0.01V
• VOS (VGS(th) match) to 2mV/10mV max.
• Sub-threshold voltage (nano-power) operation
• < 100mV min. operating voltage
• < 1nA min. operating current
• < 1nW min. operating power
• > 100,000,000:1 operating current ranges
• High transconductance and output conductance
• Low RDS(ON) of 25Ω
• Output current > 50mA
• Matched and tracked tempco
• Tight lot-to-lot parametric control
• Positive, zero, and negative VGS(th) tempco
• Low input capacitance and leakage currents

APPLICATIONS
• Low overhead current mirrors and current sources
• Zero Power Normally-On circuits
• Energy harvesting detectors
• Very low voltage analog and digital circuits
• Zero power fail-safe circuits
• Backup battery circuits & power failure detector
• Extremely low level voltage-clamps
• Extremely low level zero-crossing detectors
• Matched source followers and buffers
• Precision current mirrors and current sources
• Matched capacitive probes and sensor interfaces
• Charge detectors and charge integrators
• High gain differential amplifier input stage
• Matched peak-detectors and level-shifters
• Multiple Channel Sample-and-Hold switches
• Precision Current multipliers
• Discrete matched analog switches/multiplexers
• Nanopower discrete voltage comparators

GENERAL DESCRIPTION
The ALD210800A/ALD210800 precision N-Channel EPAD® MOSFET array is
precision matched at the factory using ALD’s proven EPAD® CMOS technology.
These quad monolithic devices are enhanced additions to the ALD110800A/
ALD110800 EPAD® MOSFET Family, with increased forward transconductance
and output conductance, particularly at very low supply voltages.
Intended for low voltage, low power small signal applications, the ALD210800A/
ALD210800 features Zero-Threshold™ voltage, which enables circuit designs
with input/output signals referenced to GND at enhanced operating voltage
ranges. With these devices, a circuit with multiple cascading stages can be
built to operate at extremely low supply/bias voltage levels. For example, a
nanopower input amplifier stage operating at less than 0.2V supply voltage has
been successfully built with these devices.
ALD210800A EPAD MOSFETs feature exceptional matched pair device electrical
characteristics of Gate Threshold Voltage VGS(th) set precisely at 0.00V
+0.01V, IDS = +10μA @ VDS = 0.1V, with a typical offset voltage of only +0.001V
(1mV). Built on a single monolithic chip, they also exhibit excellent temperature
tracking characteristics. These precision devices are versatile as design components
for a broad range of analog small signal applications such as basic
building blocks for current mirrors, matching circuits, current sources, differential
amplifier input stages, transmission gates, and multiplexers. They also excel
in limited operating voltage applications, such as very low level voltageclamps
and nano-power normally-on circuits.
In addition to precision matched-pair electrical characteristics, each individual
EPAD MOSFET also exhibits well controlled manufacturing characteristics, enabling
the user to depend on tight design limits from different production batches.
These devices are built for minimum offset voltage and differential thermal response,
and they can be used for switching and amplifying applications in +0.1V
to +10V (+0.05V to +5V) powered systems where low input bias current, low
input capacitance, and fast switching speed are desired. At VDS > 0.00V, the
device exhibits enhancement mode characteristics whereas at VGS < 0.00V the
device operates in the subthreshold voltage region and exhibits conventional
depletion mode characteristics, with well controlled turn-off and sub-threshold
levels that operate the same as standard enhancement mode MOSFETs.
The ALD210800A/ALD210800 features high input impedance (2.5 x 1010Ω) and
high DC current gain (>108). A sample calculation of the DC current gain at a
drain output current of 30mA and input current of 300pA at 25°C is 30mA/300pA
= 100,000,000, which translates into a dynamic operating current range of about
eight orders of magnitude. A series of four graphs titled “Forward Transfer Characteristics”,
with the 2nd and 3rd sub-titled “expanded (subthreshold)” and “further
expanded (subthreshold)”, and the 4th sub-titled “low voltage”, illustrates
the wide dynamic operating range of these devices.
Generally it is recommended that the V+ pin be connected to the most positive
voltage and the V- and IC (internally-connected) pins to the most negative voltage
in the system. All other pins must have voltages within these voltage limits
at all times. Standard ESD protection facilities and handling procedures for static
sensitive devices are highly recommended when using these devices.




Similar Part No. - ALD210800A

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD210800A ALD-ALD210800A Datasheet
112Kb / 12P
PRECISION N-CHANNEL EPAD MOSFET ARRAY QUAD HIGH DRIVE ZERO THRESHOLD MATCHED PAIR
ALD210800APCL ALD-ALD210800APCL Datasheet
112Kb / 12P
PRECISION N-CHANNEL EPAD MOSFET ARRAY QUAD HIGH DRIVE ZERO THRESHOLD MATCHED PAIR
ALD210800APCL ALD-ALD210800APCL Datasheet
522Kb / 12P
PRECISION N-CHANNEL EPAD
ALD210800ASCL ALD-ALD210800ASCL Datasheet
112Kb / 12P
PRECISION N-CHANNEL EPAD MOSFET ARRAY QUAD HIGH DRIVE ZERO THRESHOLD MATCHED PAIR
ALD210800ASCL ALD-ALD210800ASCL Datasheet
522Kb / 12P
PRECISION N-CHANNEL EPAD
More results


Similar Description - ALD210800A

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD110800 ALD-ALD110800_12 Datasheet
109Kb / 11P
QUAD/DUAL N-CHANNEL ZERO THRESHOLD??EPAD짰 PRECISION MATCHED PAIR MOSFET ARRAY
ALD210800 ALD-ALD210800 Datasheet
112Kb / 12P
PRECISION N-CHANNEL EPAD MOSFET ARRAY QUAD HIGH DRIVE ZERO THRESHOLD MATCHED PAIR
ALD210802 ALD-ALD210802_V01 Datasheet
519Kb / 12P
PRECISION N-CHANNEL EPAD짰 MOSFET ARRAY QUAD HIGH DRIVE NANOPOWER??MATCHED PAIR
2019
ALD210808 ALD-ALD210808_V01 Datasheet
519Kb / 12P
PRECISION N-CHANNEL EPAD짰 MOSFET ARRAY QUAD HIGH DRIVE MATCHED PAIR
2019
ALD310700 ALD-ALD310700_V01 Datasheet
512Kb / 9P
PRECISION P-CHANNEL EPAD짰 MOSFET ARRAY QUAD ZERO THRESHOLD??MATCHED PAIR
2021
ALD110800A ALD-ALD110800A_V01 Datasheet
127Kb / 12P
QUAD/DUAL N-CHANNEL ZERO THRESHOLD??EPAD짰 PRECISION MATCHED PAIR MOSFET ARRAY
2019
ALD210804 ALD-ALD210804_V01 Datasheet
519Kb / 12P
PRECISION N-CHANNEL EPAD짰 MOSFET ARRAY QUAD HIGH DRIVE NANOPOWER??MATCHED PAIR
2019
ALD212900A ALD-ALD212900A Datasheet
517Kb / 12P
PRECISION N-CHANNEL EPAD짰 MOSFET ARRAY DUAL HIGH DRIVE ZERO THRESHOLD??MATCHED PAIR
2019
ALD212908A ALD-ALD212908A Datasheet
517Kb / 12P
PRECISION N-CHANNEL EPAD짰 MOSFET ARRAY DUAL HIGH DRIVE MATCHED PAIR
2017
ALD310700A ALD-ALD310700A Datasheet
512Kb / 9P
PRECISION P-CHANNEL EPAD짰 MOSFET ARRAY QUAD ZERO THRESHOLD??MATCHED PAIR
2021
More results




About Advanced Linear Devices


Advanced Linear Devices (ALD) is a semiconductor company that specializes in designing and manufacturing precision analog integrated circuits (ICs) and related products. The company was founded in 1985 and is based in Sunnyvale, California, USA.

ALD's products are used in a wide range of applications, including industrial automation, medical devices, automotive electronics, and telecommunications. Some of the company's key products include voltage references, operational amplifiers, and analog switches.

One of ALD's main areas of expertise is in the design and manufacture of MOSFETs (metal-oxide-semiconductor field-effect transistors) and JFETs (junction field-effect transistors) that are used in precision analog circuits. ALD's MOSFETs and JFETs are known for their low noise, low drift, high precision, and high reliability.

Overall, ALD has a reputation for producing high-quality analog ICs that are well-suited to demanding applications where accuracy, stability, and low power consumption are critical.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com