Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AZ4120-01F.R7GR Datasheet (PDF) - AMAZING Microelectronic Corp.

AZ4120-01F.R7GR Datasheet PDF - AMAZING Microelectronic Corp.
Part # AZ4120-01F.R7GR
Download  AZ4120-01F.R7GR Download
File Size   114.25 Kbytes
Page   5 Pages
Manufacturer  AMAZING [AMAZING Microelectronic Corp.]
Direct Link  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
Description Transient Voltage Suppressing Device For ESD/Surge/Transient Protection

AZ4120-01F.R7GR Datasheet (PDF)

Go To PDF Page Download Datasheet
AZ4120-01F.R7GR Datasheet PDF - AMAZING Microelectronic Corp.

Part # AZ4120-01F.R7GR
Download  AZ4120-01F.R7GR Click to download

File Size   114.25 Kbytes
Page   5 Pages
Manufacturer  AMAZING [AMAZING Microelectronic Corp.]
Direct Link  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
Description Transient Voltage Suppressing Device For ESD/Surge/Transient Protection

AZ4120-01F.R7GR Datasheet (HTML) - AMAZING Microelectronic Corp.


AZ4120-01F.R7GR Product details

Features
 ESD Protection for 1 line with Unidirectional
 Provide ESD protection for the protected line to
IEC 61000-4-2 (ESD) ±30kV (air), ±30kV (contact)
IEC 61000-4-4 (EFT) ±80A (5/50ns)
IEC 61000-4-5 (Lightning) 4.5A (8/20ms)
 Suitable for, 20V and below, operating voltage
applications
 0402 small DFN package saves board space
 Protect one I/O line or one power line
 Fast turn-on and low clamping voltage
 Solid-state silicon-avalanche and active circuit
triggering technology
 Green part
Applications
 Power Supply Protection
 Power Management
 LCD Panel
 Portable Devices
 Hand Held Portable Applications
 Low Speed Data or Control lines protection
 Cellular Handsets and Accessories
 Notebooks, desktops, and servers
 Peripherals
Description
AZ4120-01F is a design which includes a
unidirectional ESD rated clamping cell to protect
one power line, or one control line, or one low
speed data line in an electronic system. The
AZ4120-01F has been specifically designed to
protect sensitive components which are
connected to power and control lines from
over-voltage damage caused by Electrostatic
Discharging (ESD), Electrical Fast Transients
(EFT), Lightning, and Cable Discharge Event
(CDE).
AZ4120-01F is a unique design which
includes proprietary clamping cell in a single
package. During transient conditions, the
proprietary clamping cell prevents over-voltage
on the power line or control/data lines, protecting
any downstream components.
AZ4120-01F may be used to meet the ESD
immunity requirements of IEC 61000-4-2, Level 4
(±15kV air, ±8kV contact discharge).




Similar Part No. - AZ4120-01F.R7GR

ManufacturerPart #DatasheetDescription
logo
AMAZING Microelectronic...
AZ4124-01F AMAZING-AZ4124-01F Datasheet
123Kb / 6P
Transient Voltage Suppressing Device For ESD/EFT/Surge Protection
Revision 2019/09/09
AZ4124-01F.R7GR AMAZING-AZ4124-01F.R7GR Datasheet
123Kb / 6P
Transient Voltage Suppressing Device For ESD/EFT/Surge Protection
Revision 2019/09/09
More results


Similar Description - AZ4120-01F.R7GR

ManufacturerPart #DatasheetDescription
logo
AMAZING Microelectronic...
AZ5B85-01B AMAZING-AZ5B85-01B Datasheet
286Kb / 7P
Transient Voltage Suppressing Device For ESD/Surge/Transient Protection
Revision 2016/03/16
AZ4008-01G AMAZING-AZ4008-01G Datasheet
1Mb / 5P
Transient Voltage Suppressing Device For ESD/Surge/Transient Protection
Revision 2015/01/08
AZ4020-01G AMAZING-AZ4020-01G Datasheet
1Mb / 5P
Transient Voltage Suppressing Device For ESD/Surge/Transient Protection
Revision 2015/01/29
AZ4036-01G AMAZING-AZ4036-01G Datasheet
127Kb / 5P
Transient Voltage Suppressing Device For ESD/Surge/Transient Protection
Revision 2015/03/30
AZ4112-01G AMAZING-AZ4112-01G Datasheet
131Kb / 5P
Transient Voltage Suppressing Device For ESD/Surge/Transient Protection
Revision 2015/01/08
AZ4310-01F AMAZING-AZ4310-01F Datasheet
208Kb / 7P
Transient Voltage Suppressing Device For ESD/Surge/Transient Protection
Revision 2017/05/15
AZ4712-01F AMAZING-AZ4712-01F Datasheet
248Kb / 7P
Transient Voltage Suppressing Device For ESD/Transient/Surge Protection
Revision 2017/06/28
AZ4714-01F AMAZING-AZ4714-01F Datasheet
223Kb / 7P
Transient Voltage Suppressing Device For ESD/Transient/Surge Protection
Revision 2017/09/01
AZ9305-01G AMAZING-AZ9305-01G Datasheet
119Kb / 6P
Transient Voltage Suppressing Device For ESD/Surge/Transient Protection
Revision 2015/05/27
AZ9415-01G AMAZING-AZ9415-01G Datasheet
131Kb / 6P
Transient Voltage Suppressing Device For ESD/Surge/Transient Protection
Revision 2019/10/04
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com