Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AZ4233-01F.R7GR Datasheet (PDF) - AMAZING Microelectronic Corp.

AZ4233-01F.R7GR Datasheet PDF - AMAZING Microelectronic Corp.
Part # AZ4233-01F.R7GR
Download  AZ4233-01F.R7GR Download
File Size   166.91 Kbytes
Page   7 Pages
Manufacturer  AMAZING [AMAZING Microelectronic Corp.]
Direct Link  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
Description Transient Voltage Suppressing Device Tiny Package For ESD/Transient Protection

AZ4233-01F.R7GR Datasheet (PDF)

Go To PDF Page Download Datasheet
AZ4233-01F.R7GR Datasheet PDF - AMAZING Microelectronic Corp.

Part # AZ4233-01F.R7GR
Download  AZ4233-01F.R7GR Click to download

File Size   166.91 Kbytes
Page   7 Pages
Manufacturer  AMAZING [AMAZING Microelectronic Corp.]
Direct Link  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
Description Transient Voltage Suppressing Device Tiny Package For ESD/Transient Protection

AZ4233-01F.R7GR Datasheet (HTML) - AMAZING Microelectronic Corp.


AZ4233-01F.R7GR Product details

Features
 ESD Protection for 1 Line with Bi-directional
 Provide ESD protection for the protected line to
IEC 61000-4-2 (ESD) ±15kV (air / contact)
IEC 61000-4-4 (EFT) 40A (5/50ns)
Cable Discharged Event (CDE)
 Suitable for, 33V and below, operating voltage
applications
 0402 small DFN package saves board space
 Protect one I/O line or one power line
 Fast turn-on and low clamping voltage
 Solid-state silicon-avalanche and active circuit
triggering technology
 Green part
Applications
 Cellular Handsets and Accessories
 Small Panel Modules
 Control Signal Line Protection
 Power Line Protection
 Portable Devices
 Touch Panels
 Notebooks and Handhelds
 Peripherals
Description
AZ4233-01F is a design which includes one
bi-directional ESD rated clamping cell to protect
one power line, or one control line, or one low
speed data line in an electronic system. The
AZ4233-01F has been specifically designed to
protect sensitive components which are
connected to data and transmission lines from
over-voltage damage caused by Electrostatic
Discharging (ESD), Electrical Fast Transients
(EFT), and Cable Discharge Event (CDE).
AZ4233-01F is a unique design which includes
proprietary clamping cell in a single package.
During transient conditions, the proprietary
clamping cell prevents over-voltage on the power
line or control/data lines, protecting any
downstream components.
AZ4233-01F is bi-directional and may be used on
lines where the signal swings above and below
ground.
AZ4233-01F may be used to meet the ESD
immunity requirements of IEC 61000-4-2, Level 4
(±15kV air, ±8kV contact discharge).




Similar Part No. - AZ4233-01F.R7GR

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ420 AZETTLER-AZ420 Datasheet
292Kb / 8P
MINIATURE GENERAL PURPOSE RELAY
logo
AMAZING Microelectronic...
AZ4200-01S AMAZING-AZ4200-01S Datasheet
261Kb / 7P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2017/05/11
AZ4200-01S.R7G AMAZING-AZ4200-01S.R7G Datasheet
261Kb / 7P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2017/05/11
AZ4208-01F AMAZING-AZ4208-01F Datasheet
190Kb / 7P
Transient Voltage Suppressing Device Tiny Pacakge for ESD/Transient Protection
Revision 2015/01/29
AZ4208-01F.R7GR AMAZING-AZ4208-01F.R7GR Datasheet
190Kb / 7P
Transient Voltage Suppressing Device Tiny Pacakge for ESD/Transient Protection
Revision 2015/01/29
More results


Similar Description - AZ4233-01F.R7GR

ManufacturerPart #DatasheetDescription
logo
AMAZING Microelectronic...
AZ4A12-01F AMAZING-AZ4A12-01F Datasheet
180Kb / 7P
Transient Voltage Suppressing Device Tiny Package for ESD/Transient Protection
Revision 2016/02/25
AZ4A18-01F AMAZING-AZ4A18-01F Datasheet
244Kb / 7P
Transient Voltage Suppressing Device Tiny Package for ESD/Transient Protection
Revision 2015/12/29
AZ4A20-01F AMAZING-AZ4A20-01F Datasheet
238Kb / 7P
Transient Voltage Suppressing Device Tiny Package for ESD/Transient Protection
Revision 2015/12/11
AZ4A24-01F AMAZING-AZ4A24-01F Datasheet
275Kb / 7P
Transient Voltage Suppressing Device Tiny Package for ESD/Transient Protection
Revision 2015/12/03
AZ5A75-01F AMAZING-AZ5A75-01F Datasheet
162Kb / 7P
Transient Voltage Suppressing Device Tiny Package for ESD/Transient Protection
Revision 2018/03/19
AZ4212-01F AMAZING-AZ4212-01F Datasheet
154Kb / 7P
Transient Voltage Suppressing Device Tiny Package For ESD/Transient Protection
Revision 2014/12/24
AZ5123-02F AMAZING-AZ5123-02F Datasheet
225Kb / 7P
Transient Voltage Suppressing Device Tiny Package For ESD/Transient Protection
Revision 2018/03/14
AZ5125-02F AMAZING-AZ5125-02F Datasheet
199Kb / 7P
Transient Voltage Suppressing Device Tiny Package for ESD/Transient Protection
Revision 2015/04/15
AZ6112-01F AMAZING-AZ6112-01F Datasheet
155Kb / 7P
Transient Voltage Suppressing Device Tiny Package for ESD/Transient Protection
Revision 2015/04/28
AZ9513-01F AMAZING-AZ9513-01F Datasheet
101Kb / 6P
Transient Voltage Suppressing Device Tiny Package for ESD/Transient Protection
Revision 2015/07/29
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com