Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AZ4724-01F Datasheet (PDF) - AMAZING Microelectronic Corp.

AZ4724-01F Datasheet PDF - AMAZING Microelectronic Corp.
Part # AZ4724-01F
Download  AZ4724-01F Download
File Size   143.66 Kbytes
Page   7 Pages
Manufacturer  AMAZING [AMAZING Microelectronic Corp.]
Direct Link  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
Description Transient Voltage Suppressing Device For ESD/Surge/Transient Protection

AZ4724-01F Datasheet (PDF)

Go To PDF Page Download Datasheet
AZ4724-01F Datasheet PDF - AMAZING Microelectronic Corp.

Part # AZ4724-01F
Download  AZ4724-01F Click to download

File Size   143.66 Kbytes
Page   7 Pages
Manufacturer  AMAZING [AMAZING Microelectronic Corp.]
Direct Link  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
Description Transient Voltage Suppressing Device For ESD/Surge/Transient Protection

AZ4724-01F Datasheet (HTML) - AMAZING Microelectronic Corp.


AZ4724-01F Product details

Features
 ESD protection for one line with uni-direction
 Provide transient protection for one line to
IEC 61000-4-2 (ESD) ±30kV (air/contact)
IEC 61000-4-4 (EFT) 80A (5/50ns)
IEC 61000-4-5 (Lightning) 125A (8/20ms)
 Suitable for, 24V and below, operating voltage
applications
 2.0mm x 2.0mm DFN package saves board
space
 High surge protection
 Protect one I/O line or one power line
 Fast turn-on and low clamping voltage
 Solid-state silicon-avalanche and active circuit
triggering technology
 Green part
Applications
 Power supply protection
 USB VBUS protection
 Cellular handsets and accessories
 Panel modules
 Portable devices
 Touch panels
 Notebooks and handhelds
 Peripherals
Description
AZ4724-01F is a design which includes a
uni-directional surge rated clamping cell to
protect one power line, one control line, or one
low-speed data line in an electronic system. The
AZ4724-01F has been specifically designed to
protect sensitive components which are
connected to power and control lines from
over-voltage damage caused by Electrostatic
Discharging (ESD), Electrical Fast Transient
(EFT), Lightning, and Cable Discharge Event
(CDE).
AZ4724-01F is a unique design which includes
proprietary clamping cell in a single package.
During transient conditions, the proprietary
clamping cell prevents over-voltage on the power
line, control lines, or data lines, protecting any
downstream component.
AZ4724-01F may be used to meet the ESD
immunity requirements of IEC 61000-4-2, Level 4
(±15kV air, ±8kV contact discharge).




Similar Part No. - AZ4724-01F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AZ4701 PANASONIC-AZ4701 Datasheet
677Kb / 21P
QL (AZ4) Micro Limit Switch
2006
logo
AMAZING Microelectronic...
AZ4712-01F AMAZING-AZ4712-01F Datasheet
248Kb / 7P
Transient Voltage Suppressing Device For ESD/Transient/Surge Protection
Revision 2017/06/28
logo
Shanghai Leiditech Elec...
AZ4712-01F LEIDITECH-AZ4712-01F Datasheet
1Mb / 4P
1-Line High Power TVS Diode
Rev 2.0 : 12.01.2019
logo
AMAZING Microelectronic...
AZ4712-01F.R7G AMAZING-AZ4712-01F.R7G Datasheet
248Kb / 7P
Transient Voltage Suppressing Device For ESD/Transient/Surge Protection
Revision 2017/06/28
AZ4714-01F AMAZING-AZ4714-01F Datasheet
223Kb / 7P
Transient Voltage Suppressing Device For ESD/Transient/Surge Protection
Revision 2017/09/01
More results


Similar Description - AZ4724-01F

ManufacturerPart #DatasheetDescription
logo
AMAZING Microelectronic...
AZ5B85-01B AMAZING-AZ5B85-01B Datasheet
286Kb / 7P
Transient Voltage Suppressing Device For ESD/Surge/Transient Protection
Revision 2016/03/16
AZ4008-01G AMAZING-AZ4008-01G Datasheet
1Mb / 5P
Transient Voltage Suppressing Device For ESD/Surge/Transient Protection
Revision 2015/01/08
AZ4020-01G AMAZING-AZ4020-01G Datasheet
1Mb / 5P
Transient Voltage Suppressing Device For ESD/Surge/Transient Protection
Revision 2015/01/29
AZ4036-01G AMAZING-AZ4036-01G Datasheet
127Kb / 5P
Transient Voltage Suppressing Device For ESD/Surge/Transient Protection
Revision 2015/03/30
AZ4112-01G AMAZING-AZ4112-01G Datasheet
131Kb / 5P
Transient Voltage Suppressing Device For ESD/Surge/Transient Protection
Revision 2015/01/08
AZ4310-01F AMAZING-AZ4310-01F Datasheet
208Kb / 7P
Transient Voltage Suppressing Device For ESD/Surge/Transient Protection
Revision 2017/05/15
AZ4712-01F AMAZING-AZ4712-01F Datasheet
248Kb / 7P
Transient Voltage Suppressing Device For ESD/Transient/Surge Protection
Revision 2017/06/28
AZ4714-01F AMAZING-AZ4714-01F Datasheet
223Kb / 7P
Transient Voltage Suppressing Device For ESD/Transient/Surge Protection
Revision 2017/09/01
AZ9305-01G AMAZING-AZ9305-01G Datasheet
119Kb / 6P
Transient Voltage Suppressing Device For ESD/Surge/Transient Protection
Revision 2015/05/27
AZ9415-01G AMAZING-AZ9415-01G Datasheet
131Kb / 6P
Transient Voltage Suppressing Device For ESD/Surge/Transient Protection
Revision 2019/10/04
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com