Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AZ5015-01F.R7GR Datasheet (PDF) - AMAZING Microelectronic Corp.

AZ5015-01F.R7GR Datasheet PDF - AMAZING Microelectronic Corp.
Part # AZ5015-01F.R7GR
Download  AZ5015-01F.R7GR Download
File Size   150.85 Kbytes
Page   7 Pages
Manufacturer  AMAZING [AMAZING Microelectronic Corp.]
Direct Link  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
Description Transient Voltage Suppressing Device Tiny Pacakge for ESD/Transient Protection

AZ5015-01F.R7GR Datasheet (PDF)

Go To PDF Page Download Datasheet
AZ5015-01F.R7GR Datasheet PDF - AMAZING Microelectronic Corp.

Part # AZ5015-01F.R7GR
Download  AZ5015-01F.R7GR Click to download

File Size   150.85 Kbytes
Page   7 Pages
Manufacturer  AMAZING [AMAZING Microelectronic Corp.]
Direct Link  https://www.amazingic.com/en
Logo AMAZING - AMAZING Microelectronic Corp.
Description Transient Voltage Suppressing Device Tiny Pacakge for ESD/Transient Protection

AZ5015-01F.R7GR Datasheet (HTML) - AMAZING Microelectronic Corp.


AZ5015-01F.R7GR Product details

Features
 ESD Protect for 1 Line with Unidirectional
 Provide ESD protection for the protected line to
IEC 61000-4-2 (ESD) ±30kV (air/contact)
IEC 61000-4-4 (EFT) 80A (5/50ns)
Cable Discharge Event (CDE)
 0402 small DFN package saves board space
 Protect one I/O line or one power line
 Fast turn-on and Low clamping voltage
 For low operating voltage applications: 5V
maximum
 Solid-state silicon-avalanche and active circuit
triggering technology
 Green Part
Applications
 Mobile Phones
 Hand Held Portable Applications
 Computer Interfaces Protection
 Microprocessors Protection
 Serial and Parallel Ports Protection
 Control Signal Lines Protection
 Power lines on PCB Protection
 Latchup Protection
Description
AZ5015-01F is a design which includes a
unidirectional surge rated clamping cell to protect
one power line, or one control line, or one low
speed data line in an electronic systems. The
AZ5015-01F has been specifically designed to
protect sensitive components which are
connected to power and control lines from
over-voltage damage and latch-up caused by
Electrostatic Discharging (ESD), Electrical Fast
Transients (EFT), and Cable Discharge Event
(CDE).
AZ5015-01F is a unique design which includes
proprietary clamping cell in a single package.
During transient conditions, the proprietary
clamping cell prevents over-voltage on the power
line or control/data lines, protecting any
downstream components.
AZ5015-01F may be used to meet the ESD
immunity requirements of IEC 61000-4-2, Level 4
(±15kV air, ±8kV contact discharge)




Similar Part No. - AZ5015-01F.R7GR

ManufacturerPart #DatasheetDescription
logo
AMAZING Microelectronic...
AZ5015-01H AMAZING-AZ5015-01H Datasheet
146Kb / 7P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2011/07/30
AZ5015-01H.R7G AMAZING-AZ5015-01H.R7G Datasheet
146Kb / 7P
Transient Voltage Suppressing Device For ESD/Transient Protection
Revision 2011/07/30
More results


Similar Description - AZ5015-01F.R7GR

ManufacturerPart #DatasheetDescription
logo
AMAZING Microelectronic...
AZ4A12-01F AMAZING-AZ4A12-01F Datasheet
180Kb / 7P
Transient Voltage Suppressing Device Tiny Package for ESD/Transient Protection
Revision 2016/02/25
AZ4A24-01F AMAZING-AZ4A24-01F Datasheet
275Kb / 7P
Transient Voltage Suppressing Device Tiny Package for ESD/Transient Protection
Revision 2015/12/03
AZ5A23-01F AMAZING-AZ5A23-01F Datasheet
191Kb / 7P
Transient Voltage Suppressing Device Tiny Pacakge for ESD/Transient Protection
Revision 2014/09/05
AZ4208-01F AMAZING-AZ4208-01F Datasheet
190Kb / 7P
Transient Voltage Suppressing Device Tiny Pacakge for ESD/Transient Protection
Revision 2015/01/29
AZ5013-01F AMAZING-AZ5013-01F Datasheet
131Kb / 7P
Transient Voltage Suppressing Device Tiny Pacakge for ESD/Transient Protection
Revision 2015/01/29
AZ5123-01F AMAZING-AZ5123-01F Datasheet
205Kb / 7P
Transient Voltage Suppressing Device Tiny Pacakge for ESD/Transient Protection
Revision 2015/01/26
AZ5125-02F AMAZING-AZ5125-02F Datasheet
199Kb / 7P
Transient Voltage Suppressing Device Tiny Package for ESD/Transient Protection
Revision 2015/04/15
AZ5525-01F AMAZING-AZ5525-01F Datasheet
207Kb / 7P
Transient Voltage Suppressing Device Tiny Pacakge for ESD/Transient Protection
Revision 2015/02/11
AZ5725-01F AMAZING-AZ5725-01F Datasheet
190Kb / 7P
Transient Voltage Suppressing Device Tiny Pacakge for ESD/Transient Protection
Revision 2015/01/29
AZ9523-01F AMAZING-AZ9523-01F Datasheet
126Kb / 6P
Transient Voltage Suppressing Device Tiny Pacakge for ESD/Transient Protection
Revision 2015/05/27
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com